Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD9739KN Datasheet(PDF) 4 Page - Rohm

Part # BD9739KN
Description  System Switching Regulator ICs with Built-in FET (10V)
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD9739KN Datasheet(HTML) 4 Page - Rohm

  BD9739KN Datasheet HTML 1Page - Rohm BD9739KN Datasheet HTML 2Page - Rohm BD9739KN Datasheet HTML 3Page - Rohm BD9739KN Datasheet HTML 4Page - Rohm BD9739KN Datasheet HTML 5Page - Rohm BD9739KN Datasheet HTML 6Page - Rohm BD9739KN Datasheet HTML 7Page - Rohm BD9739KN Datasheet HTML 8Page - Rohm BD9739KN Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
Technical Note
4/14
www.rohm.com
2010.09 - Rev.A
© 2010 ROHM Co., Ltd. All rights reserved.
BD9739KN,BD9740KN
(Unless otherwise specified, Ta = 25℃, VBAT = 3 V, VCC = 5 V, RT = 11 kΩ, CT = 180 pF, STB1 to STB7 = 3 V)
Parameter
Symbol
Limits
Unit
Conditions
Min.
Typ.
Max.
[Power on switching block] (BD9739KN)
SWOUT1
Output voltage
VSAT
0.1
0.3
V
IO = 1 mA
Leak current
ILEAK
0
5
µA
STB = 0 V
SWOUT4
Output voltage
VSAT
0.1
0.3
V
IO = 100 μA
Leak current
ILEAK
0
5
µA
STB = 0 V
SWOUT4,6
Output voltage
VSAT
VSWIN6 - 0.3 VSWIN6 - 0.1
V
IO = 20 mA
VSWIN = 5 V
Leak current
ILEAK
0
5
µA
STB = 0 V
SWOUT7
Output voltage
VSAT
VSWIN7 - 0.3 VSWIN7 - 0.1
V
IO = 10 mA
VSWIN = 10 V
Leak current
ILEAK
0
5
µA
STB = 0 V
[Soft start block] (BD9740KN)
Soft start time of CH4
TSS1
1.8
3.6
6.0
mse
c
VCC = PVCC = 5V,
PVCCH = 5.0V
STB 0→3 V
Soft start time of CH2, 3
TSS2
1.8
3.6
6.0
mse
c
VCC = PVCC = 5V,
STB = 3 V
INV4 = 0→1.2 V
CH2, CH3 soft start
INV4 threshold voltage at start
VPG4
0.72
0.80
0.88
V
VCC = PVCC = 5 V
PVCCH = 5.0 V
[STB1 to STB7]
STB pin control voltage
ON
VSTBH
2.0
11
V
STB
OFF
VSTBL
-0.3
0.3
V
STB pin pull-down resistance
RSTB
250
400
700
STB
[Circuit current]
Standby current 1
(VBAT pin sink current)
ISTB1
5
µA
STB1 to STB7 = 0 V
Standby current 2
(VCC, PVCC pin sink current)
ISTB2
5
µA
STB1 to STB7 = 0 V
Circuit current at startup
(VBAT pin sink current)
IST
30
100
mA
CT = 1.7 V
VCC = 0 V
Circuit current 1
(VBAT pin sink current)
ICC1
100
300
µA
CT = 1.7 V
Circuit current 2
(VCC, PVCC pin sink current)
ICC2
5
15
mA
CT = 1.7 V
INV = 2.5 V
Note: This IC is not designed to be radiation-resistant.
PVCCH and PVCCL input voltages
 Synchronous rectification channels with built-in FETs include, N-channel FETs
for both the high-side and low-side configuration. The driver block's power
source is supplied to the PVCCL pin for the low-side and the PVCCH pin for
the high-side. (For the BD9740KN, both sides are supplied to the PVCCH pin.)
In order to turn the FET on, a potential of at least 4 V must be supplied to the
PVCCL pin, and a potential of at least, DRAINH pin voltage + 4 V, must be
supplied to the PVCCH pin.
Note:
 The breakdown voltage for the PVCCL and PVCCH pins is 15 V.
For applications that with voltages exceeding 15 V, add a zener diode, or other
components, to provide overvoltage protection.
 Shorting the DRAINH pin with the ground, while a charge remains in the output
capacitor, may cause unexpected current flow, resulting in damage to the IC.
Add an external protective diode for applications where this possibility exists.
Fig. 1 Synchronous Rectification
Channel with Built-In FET
PGND
DRAINH
PVCCH
PVCCL
DRAINL
Vo


Similar Part No. - BD9739KN

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9739KN ROHM-BD9739KN Datasheet
422Kb / 6P
   7-Channel Switching Regulator Controller for Digital Camera
More results

Similar Description - BD9739KN

ManufacturerPart #DatasheetDescription
logo
Rohm
BD8355MWV ROHM-BD8355MWV Datasheet
1Mb / 21P
   Regulators ICs for Digital Cameras and Camcorders System Switching Regulator IC with Built-in FET (10V)
BD8919F ROHM-BD8919F_1 Datasheet
376Kb / 16P
   IC Care Interface ICs with Built-in Low LDO Regulator
logo
Nippon Precision Circui...
SM5073 NPC-SM5073 Datasheet
108Kb / 14P
   VCXO ICs with Built-in Varicap
logo
ABLIC Inc.
S-8351 ABLIC-S-8351 Datasheet
656Kb / 51P
   STEP-UP, BUILT-IN / EXTERNAL FET PFM CONTROL SWITCHING REGULATOR / SWITCHING REGULATOR CONTROLLER
Rev.3.1_00
logo
Seiko Instruments Inc
S-8351A50MC-J3JT2G SII-S-8351A50MC-J3JT2G Datasheet
552Kb / 51P
   STEP-UP, BUILT-IN / EXTERNAL FET PFM CONTROL SWITCHING REGULATOR / SWITCHING REGULATOR CONTROLLER
S8351 SII-S8351 Datasheet
2Mb / 51P
   STEP-UP, BUILT-IN / EXTERNAL FET PFM CONTROL SWITCHING REGULATOR / SWITCHING REGULATOR CONTROLLER
S-8353A20MC-IQFT2X SII-S-8353A20MC-IQFT2X Datasheet
2Mb / 49P
   BUILT-IN TRANSISTOR SWITCHING REGULATOR
logo
Rohm
BD8919F ROHM-BD8919F Datasheet
325Kb / 16P
   IC Card Interface ICs with Built-in Low Noise LDO Regulator
BD9639MWV ROHM-BD9639MWV_16 Datasheet
2Mb / 26P
   Switching Regulator ICs
BD9634GU ROHM-BD9634GU Datasheet
2Mb / 30P
   Switching Regulator ICs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com