Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD9775FV Datasheet(PDF) 4 Page - Rohm

Part # BD9775FV
Description  High Efficiency Step-down Switching Regulator Controller
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD9775FV Datasheet(HTML) 4 Page - Rohm

  BD9775FV Datasheet HTML 1Page - Rohm BD9775FV Datasheet HTML 2Page - Rohm BD9775FV Datasheet HTML 3Page - Rohm BD9775FV Datasheet HTML 4Page - Rohm BD9775FV Datasheet HTML 5Page - Rohm BD9775FV Datasheet HTML 6Page - Rohm BD9775FV Datasheet HTML 7Page - Rohm BD9775FV Datasheet HTML 8Page - Rohm BD9775FV Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
Technical Note
4/14
www.rohm.com
2011.05 - Rev.A
© 2011 ROHM Co., Ltd. All rights reserved.
BD9775FV
Pin Description
Pin No. / Pin Name
Block Diagram
Pin
No.
Pin
Name
Description
1
FB1
Error amplifier output pin(Channel 1)
2
INV1
Error amplifier negative input pin(Channel 1)
3
RT
Oscillator frequency adjustment pin
connected resistor
4
CT
Oscillator frequency adjustment pin
connected capacitor
5
FIN
Oscillator synchronization pulse signal input pin
6
GND
Low-noise ground
7
VREF
Reference voltage output pin
8
DTC1
Maximum duty and soft start adjustment pin
(Channel 1)
9
DTC2
Maximum duty and soft start adjustment pin
(Channel 2)
10
INV2
Error amplifier negative input pin(Channel 2)
11
FB2
Error amplifier output pin(Channel 2)
12
CTL1
Enable/stand-by control input(Channel 1)
13
CTL2
Enable/stand-by control input(Channel 2)
14
VCC
Main power supply pin
15
SYNC Synchronous rectification timing adjustable pin
16
PGND
Power ground
(connected low-side gate driver and digital ground)
17
OUT2L
Low-side ( synchronous rectifier ) gate driver
output pin(Channel 2)
18
VREGA Connected capacitor for internal regulator
19
SCP
Delay time of short circuit protection adjustment
pin connected capacitor
20
VS2
Over current detection voltage monitor pin
(connected FET drain, Channel 2)
21
CL2
Over current detection voltage adjustment pin
connected capacitor and resistor(Channel 2)
22
PVCC2
High-side gate driver power supply input
(Channel 2)
23
OUT2H High-side gate driver output pin(Channel 2)
24
VREGB Connected capacitor for internal regulator
25
OUT1
High-side gate driver output pin(Channel 1)
26
PVCC1 High-side gate driver power supply input
(Channel 1)
27
CL1
Over current detection voltage adjustment pin
connected capacitor and resistor(Channel 1)
28
VS1
Over current detection voltage monitor pin
(connected FET drain, Channel 1)
28
27
26
25
24
23
22
21
20
19
18
1
2
3
4
5
6
7
8
9
10
11
FB1
INV1
RT
CT
Fin
GND
VREF
DTC1
DTC2
INV2
FB 2
VS1
CL1
PVCC1
OUT1
VREGB
OUT2H
PVCC2
CL2
VS2
SCP
VREGA
17
16
15
12
13
14
CTL1
CTL2
VCC
OUT2L
PGND
SYNC
Fig.1 Pin Description
Fig.2 Block Diagram


Similar Part No. - BD9775FV

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9775FV ROHM-BD9775FV Datasheet
434Kb / 6P
   2channel Step-Down Switching Regulator Controller
BD9775FV ROHM-BD9775FV Datasheet
1Mb / 30P
   Step-down, High-efficiency Switching Regulators (Controller type)
BD9775FV-E2 ROHM-BD9775FV-E2 Datasheet
554Kb / 29P
   Dual-output, high voltage, high-efficiency step-down Switching Regulator
More results

Similar Description - BD9775FV

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP1147 AD-ADP1147_15 Datasheet
203Kb / 12P
   High Efficiency Step-Down Switching Regulator Controller
REV. 0
logo
ON Semiconductor
LV5068V ONSEMI-LV5068V Datasheet
119Kb / 6P
   high efficiency Step-down Switching Regulator Controller
August, 2013
logo
Linear Technology
LT1432 LINER-LT1432 Datasheet
611Kb / 28P
   5V High Efficiency Step-Down Switching Regulator Controller
LT1432 LINER-LT1432_15 Datasheet
833Kb / 28P
   5V High Efficiency Step-Down Switching Regulator Controller
LT1432-3.3 LINER-LT1432-3.3_15 Datasheet
275Kb / 8P
   3.3V High Efficiency Step-Down Switching Regulator Controller
LT1432-3.3 LINER-LT1432-3.3 Datasheet
269Kb / 8P
   3.3V High Efficiency Step-Down Switching Regulator Controller
logo
Rohm
BD9137MUV ROHM-BD9137MUV Datasheet
590Kb / 17P
   High Efficiency Step-down Switching Regulator
logo
Linear Technology
LTC1147-5 LINER-LTC1147-5_15 Datasheet
228Kb / 16P
   High Efficiency Step-Down Switching Regulator Controllers
logo
Analog Devices
ADP1147 AD-ADP1147 Datasheet
195Kb / 12P
   High Efficiency Step-Down Switching Regulator Controllers
REV. 0
logo
Linear Technology
LTC1147-3.3 LINER-LTC1147-3.3_15 Datasheet
228Kb / 16P
   High Efficiency Step-Down Switching Regulator Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com