Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD9888F Datasheet(PDF) 4 Page - Rohm

Part # BD9888F
Description  Silicon Monolithic Integrated Circuit
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD9888F Datasheet(HTML) 4 Page - Rohm

  BD9888F Datasheet HTML 1Page - Rohm BD9888F Datasheet HTML 2Page - Rohm BD9888F Datasheet HTML 3Page - Rohm BD9888F Datasheet HTML 4Page - Rohm BD9888F Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4/4
REV. A
P substrate
Parasitic diode
GND
N
P
P
Resistance
Transistor (NPN)
Other adjacent components
Parasitic diode
(PinB)
(PinA)
P
GND
P substrate
GND
N
N
B
C
E
N
N
(PinA)
(PinB)
Parasitic diode
GND
GND
Parasitic diode
C
B
E
NOTE FOR USE
1. When designing the external circuit, including adequate margins for variation between external devices
and IC. Use adequate margins for steady state and transient characteristics.
2. The circuit functionality is guaranteed within of ambient temperature operation range as long as it is
within recommended operating range. The standard electrical characteristic values cannot be guaranteed
at other voltages in the operating ranges, however the variation will be small.
3. Mounting failures, such as misdirection or miscounts, may harm the device.
4. A strong electromagnetic field may cause the IC to malfunction.
5. The GND pin should be the location within ±0.3V compared with the PGND pin.
6. BD9888F and BD9888FV incorporate a built-in thermal shutdown circuit (TSD circuit). The thermal shutdown
circuit (TSD circuit) is designed only to shut the IC off to prevent runaway thermal operation. It is not
designed to protect the IC or guarantee its operation of the thermal shutdown circuit is assumed.
7. Absolute maximum ratings are those values that, if exceeded, may cause the life of a device to become
significantly shortened. Moreover, the exact failure mode caused by short or open is not defined. Physical
countermeasures, such as a fuse, need to be considered when using a device beyond its maximum ratings.
8. About the external FET, the parasitic Capacitor may cause the gate voltage to change, when the drain voltage
is switching. Make sure to leave adequate margin for this IC variation.
9. On operating Slow Start Control (SS is less than 2.2V), It does not operate Timer Latch.
10.
By STB voltage, BD9888F and BD9888FV are changed to 2 states. Therefore, do not input STB pin voltage
between one state and the other state (0.8~1.6).
11.
The pin connected a connector need to connect to the resistor for electrical surge destruction.
This IC is a monolithic IC which (as shown is Fig-1) has P+ substrate and between the various pins.
A P-N junction is formed from this P layer of each pin. For example, the relation between each potential
is as follows,
○(When GND > PinB and GND > PinA, the P-N junction operates as a parasitic diode.)
○(When PinB > GND > PinA, the P-N junction operates as a parasitic transistor.)
Parasitic diodes can occur inevitably in the structure of the IC. The operation of parasitic diodes can
result in mutual interference among circuits as well as operation faults and physical damage. Accordingly
you must not use methods by which parasitic diodes operate, such as applying a voltage that is lower than
the GND (P substrate) voltage to an input pin.
12.This IC is a monolithic IC which (as shown is Fig-1)has P+ substrate and between the various pins. A
P-N junction is formed from this P layer of each pin. For example, the relation between each potential
is as follows,
○(When GND > PinB and GND > PinA, the P-N junction operates as a parasitic diode.)
○(When PinB > GND > PinA, the P-N junction operates as a parasitic transistor.)
Parasitic diodes can occur inevitably in the structure of the IC. The operation of parasitic diodes can
result in mutual interference among circuits as well as operation faults and physical damage. Accordingly
you must not use methods by which parasitic diodes operate, such as applying a voltage that is lower than
the GND (P substrate) voltage to an input pin.
Fig-1 Simplified structure of a Bipolar IC


Similar Part No. - BD9888F

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9888F ROHM-BD9888F Datasheet
378Kb / 6P
   DC-AC Inverter Control IC
BD9888FV ROHM-BD9888FV Datasheet
378Kb / 6P
   DC-AC Inverter Control IC
More results

Similar Description - BD9888F

ManufacturerPart #DatasheetDescription
logo
Rohm
BD3490FV ROHM-BD3490FV Datasheet
296Kb / 5P
   Silicon Monolithic Integrated Circuit
BD822EFV ROHM-BD822EFV Datasheet
131Kb / 5P
   Silicon Monolithic Integrated Circuit
BD3985FV ROHM-BD3985FV_11 Datasheet
96Kb / 5P
   Silicon Monolithic Integrated Circuit
BD6041GUL ROHM-BD6041GUL_11 Datasheet
182Kb / 5P
   Silicon Monolithic Integrated Circuit
BD8676KN ROHM-BD8676KN Datasheet
231Kb / 5P
   Silicon Monolithic Integrated Circuit
BD6369GUL ROHM-BD6369GUL_11 Datasheet
150Kb / 5P
   Silicon Monolithic Integrated Circuit
BD6607KN ROHM-BD6607KN_11 Datasheet
139Kb / 5P
   Silicon Monolithic Integrated Circuit
BD6712AF ROHM-BD6712AF_11 Datasheet
109Kb / 5P
   Silicon Monolithic Integrated Circuit
BD6973FV ROHM-BD6973FV Datasheet
100Kb / 5P
   Silicon Monolithic Integrated Circuit
BD9745EKN ROHM-BD9745EKN Datasheet
385Kb / 22P
   Silicon Monolithic Integrated Circuit
BD9885FV ROHM-BD9885FV_09 Datasheet
154Kb / 5P
   Silicon Monolithic Integrated Circuit
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com