Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD9889FV Datasheet(PDF) 1 Page - Rohm

Part # BD9889FV
Description  Silicon Monolithic Integrated Circuit
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD9889FV Datasheet(HTML) 1 Page - Rohm

  BD9889FV Datasheet HTML 1Page - Rohm BD9889FV Datasheet HTML 2Page - Rohm BD9889FV Datasheet HTML 3Page - Rohm BD9889FV Datasheet HTML 4Page - Rohm BD9889FV Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1/4
REV. A
STRUCTURE
Silicon Monolithic Integrated Circuit
NAME OF PRODUCT
DC-AC Inverter Control IC
TYPE
BD9889FV
FUNCTION
・2ch control with Push-Pull
・Lamp current and voltage sense feed back control
・Sequencing easily achieved with Soft Start Control
・Short circuit protection with Timer Latch
・Under Voltage Lock Out
・Short circuit protection with over voltage
・Mode-selectable the operating or stand-by mode by stand-by pin
・Synchronous operating the other BD9889FV IC’s
・BURST mode controlled by PWM and DC input
○Absolute Maximum Ratings(Ta = 25℃)
Parameter
Symbol
Limits
Unit
Supply Voltage
VCC
15
V
Operating Temperature Range
Topr
-40~+90
Storage Temperature Range
Tstg
-55~+125
Power Dissipation
Pd
850*
mW
Maximum Junction Temperature
Tjmax
+125
*Pd derate at 8.5mW/℃ for temperature above Ta = 25℃ (When mounted on a PCB 70.0mm×70.0mm×1.6mm)
〇Recommended operating condition
Status of this document
The Japanese version of this document is the official specification.
Please use the translation version of this document as a reference to expedite understanding of the official version.
If these are any uncertainty in translation version of this document, official version takes priority.
Parameter
Symbol
Limits
Unit
Supply voltage
VCC
5.0~14.0
V
CT oscillation frequency
fCT
20~150
kHz
BCT oscillation frequency
fBCT
0.05~0.50
kHz


Similar Part No. - BD9889FV

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9889FV ROHM-BD9889FV Datasheet
361Kb / 6P
   DC-AC Inverter Control IC
More results

Similar Description - BD9889FV

ManufacturerPart #DatasheetDescription
logo
Rohm
BD3490FV ROHM-BD3490FV Datasheet
296Kb / 5P
   Silicon Monolithic Integrated Circuit
BD822EFV ROHM-BD822EFV Datasheet
131Kb / 5P
   Silicon Monolithic Integrated Circuit
BD3985FV ROHM-BD3985FV_11 Datasheet
96Kb / 5P
   Silicon Monolithic Integrated Circuit
BD6041GUL ROHM-BD6041GUL_11 Datasheet
182Kb / 5P
   Silicon Monolithic Integrated Circuit
BD8676KN ROHM-BD8676KN Datasheet
231Kb / 5P
   Silicon Monolithic Integrated Circuit
BD6369GUL ROHM-BD6369GUL_11 Datasheet
150Kb / 5P
   Silicon Monolithic Integrated Circuit
BD6607KN ROHM-BD6607KN_11 Datasheet
139Kb / 5P
   Silicon Monolithic Integrated Circuit
BD6712AF ROHM-BD6712AF_11 Datasheet
109Kb / 5P
   Silicon Monolithic Integrated Circuit
BD6973FV ROHM-BD6973FV Datasheet
100Kb / 5P
   Silicon Monolithic Integrated Circuit
BD9745EKN ROHM-BD9745EKN Datasheet
385Kb / 22P
   Silicon Monolithic Integrated Circuit
BD9885FV ROHM-BD9885FV_09 Datasheet
154Kb / 5P
   Silicon Monolithic Integrated Circuit
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com