Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD19910MUV Datasheet(PDF) 2 Page - Rohm

Part # BD19910MUV
Description  Silicon monolithic IC
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD19910MUV Datasheet(HTML) 2 Page - Rohm

  BD19910MUV Datasheet HTML 1Page - Rohm BD19910MUV Datasheet HTML 2Page - Rohm BD19910MUV Datasheet HTML 3Page - Rohm BD19910MUV Datasheet HTML 4Page - Rohm BD19910MUV Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2/4
REV. A
○Electrical characteristics (PVCC1=PVCC2=AVCC=5.0V,Ta=25℃ unless otherwise specified)
Parameter
Symbol
MIN.
TYP.
MAX.
UNIT
Condition
[TOTAL]
Current consumption
ICC
-
3.6
7.2
mA
VDCO1=VDCO2=5V, FB3=0V,
CSWON=ENUP=5V, XENDWN=0V
Shutdown current
ISHUT
-
1.2
3.0
mA
ENUP=0V, XENDWN=5V
[Input IO Block : ENUP, XENDWN, SELDCO1, SELSQ, SELRST, CSWON]
High level input voltage
VIOH
2.0
-
-
V
Low level input voltage
VIOL
-
-
0.8
V
input current H
IIO1
-5.0
-
5.0
μA
Input=5V
input current L
IIO2
-5.0
-
5.0
μA
Input=0V
[Step-down DC-to-DC Converter Block]
VDCO1 voltage
VDCO1A
1.455
1.500
1.545
V
SELDCO1=0V
VDCO1B
0.970
1.000
1.030
V
SELDCO1=5V
VDCO2 voltage
VDCO2
3.201
3.300
3.399
V
Oscillation frequency
fOSCDWN
1.4
2.0
2.6
MHz
High-side-switch resistance
RONH1,2
-
0.40
0.60
Ω
Low-side-switch resistance
RONL1,2
-
0.30
0.50
Ω
Soft start time
tSOFTDWN
0.6
1.0
1.8
ms
No load
[Step-up DC-to-DC Converter Block]
FB(VREF) voltage
VFB3
0.582
0.600
0.618
V
Oscillation frequency
fOSCUP
0.7
1.0
1.3
MHz
High-side-switch resistance
RONH3
-
0.35
0.60
Ω
VDCO3=10V
Low-side-switch resistance
RONL3
-
0.30
0.50
Ω
VDCO3=10V
Soft-start beginning time
tSOFTUP
3.5
6.0
8.5
ms
FB3=0V
AMPOUT3 maximum voltage
VAMPOH
2.2
2.5
2.8
V
FB3=0V
AMPOUT3 minimum voltage
VAMPOL
-
0.03
0.20
V
FB3=2.5V
Max Duty cycle
DMAX
72
80
88
%
FB3=0V
[Reset Block]
Reset ON voltage
VRSTON1A
3.600
3.700
3.800
V
AVCC is observed, SELRST=0V
VRSTON1B
4.087
4.200
4.313
V
AVCC is observed, SELRST=5V
VRSTON2A
1.140
1.200
1.260
V
VDCO1 is observed, SELDCO1=0V
VRSTON2B
0.665
0.700
0.735
V
VDCO1 is observed, SELDCO1=5V
VRSTON3
2.565
2.700
2.835
V
VDCO2 is observed
Reset hysteresis voltage
VRSTHYS1A
70
100
130
mV
AVCC is observed, SELRST=0V
VRSTHYS1B
70
100
130
mV
AVCC is observed, SELRST=5V
VRSTHYS2A
70
100
130
mV
VDCO1 is observed, SELDCO1=0V
VRSTHYS2B
70
100
130
mV
VDCO1 is observed, SELDCO1=5V
VRSTHYS3
70
100
130
mV
VDCO2 is observed
XRESET output sink voltage
VRSINK
-
-
0.3
V
ISINK=5.0mA
XRESET leak current
IRLK
-5.0
-
5.0
μA
XRESET=5.0V
Reset delay time
tRST
30
50
70
ms
[Current Switch Block]
Current SW ON resistance
RCSWO
-
0.5
1.0
Ω
CSWON=5V


Similar Part No. - BD19910MUV

ManufacturerPart #DatasheetDescription
logo
Rohm
BD19914MUV ROHM-BD19914MUV Datasheet
145Kb / 5P
   Silicon monolithic IC
BD19915MUV ROHM-BD19915MUV Datasheet
145Kb / 5P
   Silicon monolithic IC
More results

Similar Description - BD19910MUV

ManufacturerPart #DatasheetDescription
logo
Rohm
BD82000FVJ ROHM-BD82000FVJ Datasheet
162Kb / 5P
   Silicon Monolithic IC
BD82065FVJ ROHM-BD82065FVJ Datasheet
162Kb / 5P
   Silicon Monolithic IC
BU21023GUL ROHM-BU21023GUL Datasheet
717Kb / 8P
   Silicon monolithic IC
BD19914MUV ROHM-BD19914MUV Datasheet
145Kb / 5P
   Silicon monolithic IC
BU21018MWV ROHM-BU21018MWV Datasheet
163Kb / 5P
   Silicon Monolithic IC
BD82001FVJ ROHM-BD82001FVJ Datasheet
162Kb / 5P
   Silicon Monolithic IC
BD82061FVJ ROHM-BD82061FVJ Datasheet
181Kb / 5P
   Silicon Monolithic IC
BD6171KV ROHM-BD6171KV Datasheet
1Mb / 31P
   Silicon Monolithic IC
BU21023MUV ROHM-BU21023MUV Datasheet
395Kb / 4P
   Silicon monolithic IC
BD19915MUV ROHM-BD19915MUV Datasheet
145Kb / 5P
   Silicon monolithic IC
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com