Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD35281HFN Datasheet(PDF) 1 Page - Rohm

Part # BD35281HFN
Description  Nch FET Ultra LDO for Desktop PCs
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD35281HFN Datasheet(HTML) 1 Page - Rohm

  BD35281HFN_11 Datasheet HTML 1Page - Rohm BD35281HFN_11 Datasheet HTML 2Page - Rohm BD35281HFN_11 Datasheet HTML 3Page - Rohm BD35281HFN_11 Datasheet HTML 4Page - Rohm BD35281HFN_11 Datasheet HTML 5Page - Rohm BD35281HFN_11 Datasheet HTML 6Page - Rohm BD35281HFN_11 Datasheet HTML 7Page - Rohm BD35281HFN_11 Datasheet HTML 8Page - Rohm BD35281HFN_11 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1/15
www.rohm.com
2011.01 - Rev.A
© 2011 ROHM Co., Ltd. All rights reserved.
High Performance Regulators for PCs
Nch FET Ultra LDO
for Desktop PCs
BD35281HFN
Description
The BD35281HFN ultra low-dropout linear regulator operates from a very low input supply, and offers ideal performance in
low input voltage to low output voltage applications. It incorporates a built-in N-MOSFET power transistor to minimize the
input-to-output voltage differential to the ON resistance (RON max=150mΩ) level. By lowering the dropout voltage in this way,
the regulator realizes high current output (Iomax=1.5A) with reduced conversion loss, and thereby obviates the switching
regulator and its power transistor, choke coil, and rectifier diode. Thus, the BD35281HFN designed to enable significant
package profile downsizing and cost reduction. In BD35281HFN, The NRCS (soft start) function enables a controlled output
voltage ramp-up, which can be programmed to whatever power supply sequence is required.
Features
1) Internal high-precision reference voltage circuit (0.65V±1%)
2) Internal high-precision output voltage circuit
3) Built-in VCC undervoltage lockout circuit (VCC=3.80V)
4) NRCS (soft start) function reduces the magnitude of in-rush current
5) Internal Nch MOSFET driver offers low ON resistance (100mΩ typ)
6) Built-in short circuit protection (SCP)
7) Built-in current limit circuit (1.5A min)
8) Built-in thermal shutdown (TSD) circuit
9) Small package HSON8 : 2.9mm×3.0mm×0.6mm
10) Tracking function
Applications
Notebook computers, Desktop computers, LCD-TV, DVD, Digital appliances
Absolute maximum ratings (Ta=25℃)
Parameter
Symbol
Ratings
Unit
Input Voltage 1
VCC
+6.0 *
1
V
Input Voltage 2
VIN
+6.0 *
1
V
Maximum Output Current
IO
2*
1
A
Enable Input Voltage
VEN
-0.3~+6.0
V
Power Dissipation 1
Pd1
0.63
*2
W
Power Dissipation 2
Pd2
1.35
*3
W
Power Dissipation 3
Pd3
1.75
*4
W
Operating Temperature Range
Topr
-10~+100
Storage Temperature Range
Tstg
-55~+125
Maximum Junction Temperature
Tjmax
+150
*1 Should not exceed Pd.
*2 Reduced by 5.04mW/℃ for each increase in Ta≧25℃
(when mounted on a 70mm×70mm×1.6mm glass-epoxy board, 1-layer, copper foil area : less than 0.2%)
*3 Reduced by 10.8mW/℃ for each increase in Ta≧25℃
(when mounted on a 70mm×70mm×1.6mm glass-epoxy board, 1-layer, copper foil area : less than 7.0%)
*4 Reduced by 14.0mW/℃ for each increase in Ta≧25℃
(when mounted on a 70mm×70mm×1.6mm glass-epoxy board, 1-layer, copper foil area : less than 65.0%)
No.11030EAT38


Similar Part No. - BD35281HFN_11

ManufacturerPart #DatasheetDescription
logo
Rohm
BD35281HFN ROHM-BD35281HFN Datasheet
137Kb / 5P
   Silicon Monolithic Integrated Circuit
More results

Similar Description - BD35281HFN_11

ManufacturerPart #DatasheetDescription
logo
Rohm
BD3523HFN ROHM-BD3523HFN_09 Datasheet
788Kb / 21P
   Nch FET Ultra LDOs for Desktop PCs
BD3540NUV ROHM-BD3540NUV_09 Datasheet
642Kb / 17P
   Nch FET Ultra LDOs for Desktop PCs Chipsets with Power Good
BD3506F ROHM-BD3506F_10 Datasheet
534Kb / 15P
   Nch FET Ultra LDO for PC Chipsets
BD3507HFV ROHM-BD3507HFV_10 Datasheet
479Kb / 16P
   Nch FET Ultra LDO for PC Chipsets
BD3509MUV ROHM-BD3509MUV_10 Datasheet
665Kb / 21P
   Nch FET Ultra LDO for PC Chipsets
BD3504FVM ROHM-BD3504FVM_10 Datasheet
549Kb / 17P
   Nch FET Ultra LDO Controllers for PC Chipsets
logo
Analog Devices
ADM9264 AD-ADM9264 Datasheet
181Kb / 12P
   Quad Power Supply Monitor for Desktop PCs
REV. 0
ADM9264 AD-ADM9264_15 Datasheet
189Kb / 12P
   Quad Power Supply Monitor for Desktop PCs
REV. 0
logo
PhaseLink Corporation
PLL103-02 PLL-PLL103-02 Datasheet
178Kb / 6P
   DDR SDRAM Buffer for Desktop PCs with 4 DDR DIMMS
logo
List of Unclassifed Man...
PLL103-02 ETC1-PLL103-02 Datasheet
208Kb / 7P
   DDR SDRAM Buffer for Desktop PCs with 4 DDR DIMMS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com