Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD37533FV Datasheet(PDF) 2 Page - Rohm

Part # BD37533FV
Description  Sound Processors with Built-in 3-band Equalizer
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD37533FV Datasheet(HTML) 2 Page - Rohm

  BD37533FV Datasheet HTML 1Page - Rohm BD37533FV Datasheet HTML 2Page - Rohm BD37533FV Datasheet HTML 3Page - Rohm BD37533FV Datasheet HTML 4Page - Rohm BD37533FV Datasheet HTML 5Page - Rohm BD37533FV Datasheet HTML 6Page - Rohm BD37533FV Datasheet HTML 7Page - Rohm BD37533FV Datasheet HTML 8Page - Rohm BD37533FV Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 38 page
background image
Technical Note
2/37
BD37531FV,BD37532FV,BD37533FV,BD37534FV
www.rohm.com
2010.03 - Rev.A
© 2010 ROHM Co., Ltd. All rights reserved.
Line up matrix
Function BD37531FV BD37532FV BD37533FV BD37534FV
Specifications
Input
selector
・(Stereo input)
・Single-End/Diff/Full-Diff
(Possible to set the number of single-end/diff/full-diff as
follows )
Single-End
Differential
Full-Differential
Mode 1
0
3
1
Mode 2
1
2
1
Mode 3
3
1
1
Mode 4
4
0
1
Mode 5
5
1
0
Mode 6
6
0
0
Table.1 Combination of input selector
Input
gain
・0~20dB(1dB step)
・Possible to use “Advanced switch” for prevention of switching
noise.
Mute
・Possible to use “Advanced switch” for prevention of switching
noise.
Volume
・+15dB~-79dB(1dB step), -
・Possible to use “Advanced switch” for prevention of switching
noise.
Bass
・-20~+20dB(1dB step)
・Q=0.5, 1, 1.5, 2
・fo=60, 80, 100, 120Hz
・Possible to use “Advanced switch” at changing gain
Middle
・-20~+20dB(1dB step)
・Q=0.75, 1, 1.25, 1.5
・fo=500, 1k, 1.5k 2.5kHz
・Possible to use “Advanced switch” at changing gain
Treble
・-20~+20dB(1dB step)
・Q=0.75, 1.25
・fo=7.5k, 10k, 12.5k, 15kHz
・Possible to use “Advanced switch” at changing gain
Fader
・+15dB~-79dB(1dB step), -
∞dB
(BD37531FV : 0dB~-79dB, -
∞dB)
・Possible to use “Advanced switch” for prevention of switching
noise.
Loudness
・0dB~20dB(1dB step)
・fo=250/400/800Hz
・Possible to use “Advanced switch” for prevention of switching
noise.
LPF
×
・fc=55/85/120/160Hz, pass
・Phase shift (0°/180°)
Mixing
×
×
・Monaural input
・+7dB~-79dB(1dB step), -
・Possible to use “Advanced switch” for prevention of switching
noise.
Level
meter
×
×
×
・I2C BUS control
・DC Output


Similar Part No. - BD37533FV

ManufacturerPart #DatasheetDescription
logo
Rohm
BD37533FV ROHM-BD37533FV Datasheet
125Kb / 5P
   Silicon Monolithic Integrated Circuit
BD37533FV ROHM-BD37533FV Datasheet
3Mb / 37P
   Sound Processor with Built-in 3-band Equalizer
BD37533FV-E2 ROHM-BD37533FV-E2 Datasheet
3Mb / 37P
   Sound Processor with Built-in 3-band Equalizer
BD37533FV ROHM-BD37533FV_15 Datasheet
3Mb / 37P
   Sound Processor with Built-in 3-band Equalizer
More results

Similar Description - BD37533FV

ManufacturerPart #DatasheetDescription
logo
Rohm
BD37531FV ROHM-BD37531FV_15 Datasheet
3Mb / 34P
   Sound Processor with Built-in 3-band Equalizer
BD37524FS ROHM-BD37524FS_15 Datasheet
3Mb / 35P
   Sound Processor with Built-in 3-band Equalizer
BD37532FV ROHM-BD37532FV_15 Datasheet
3Mb / 34P
   Sound Processor with Built-in 3-band Equalizer
BD37524FS_1003 ROHM-BD37524FS_1003 Datasheet
527Kb / 26P
   Sound Processor with Built-in 3-band Equalizer
BD37534FV ROHM-BD37534FV_15 Datasheet
4Mb / 39P
   Sound Processor with Built-in 3-band Equalizer
BD37533FV ROHM-BD37533FV_15 Datasheet
3Mb / 37P
   Sound Processor with Built-in 3-band Equalizer
BD37542FS ROHM-BD37542FS_15 Datasheet
3Mb / 37P
   Sound Processor with Built-in 3-band Equalizer
BD37544FS ROHM-BD37544FS_15 Datasheet
4Mb / 41P
   Sound Processor with Built-in 3-band Equalizer
BD37541FS ROHM-BD37541FS_15 Datasheet
3Mb / 37P
   Sound Processor with Built-in 3-band Equalizer
BD37543FS ROHM-BD37543FS_15 Datasheet
4Mb / 41P
   Sound Processor with Built-in 3-band Equalizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com