Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD37532FV-E2 Datasheet(PDF) 3 Page - Rohm

Part # BD37532FV-E2
Description  Sound Processors with Built-in 3-band Equalizer
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD37532FV-E2 Datasheet(HTML) 3 Page - Rohm

  BD37532FV-E2 Datasheet HTML 1Page - Rohm BD37532FV-E2 Datasheet HTML 2Page - Rohm BD37532FV-E2 Datasheet HTML 3Page - Rohm BD37532FV-E2 Datasheet HTML 4Page - Rohm BD37532FV-E2 Datasheet HTML 5Page - Rohm BD37532FV-E2 Datasheet HTML 6Page - Rohm BD37532FV-E2 Datasheet HTML 7Page - Rohm BD37532FV-E2 Datasheet HTML 8Page - Rohm BD37532FV-E2 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 38 page
background image
Technical Note
3/37
BD37531FV,BD37532FV,BD37533FV,BD37534FV
www.rohm.com
2010.03 - Rev.A
© 2010 ROHM Co., Ltd. All rights reserved.
●Absolute maximum ratings (Ta=25℃)
※This value decreases 8.5mW/℃ for Ta=25℃ or more.
ROHM standard board shall be mounted.
Thermal resistance
θja = 117.6(℃/W)
ROHM Standard board
Size:70×70×1.6(㎣)
Material:A FR4 grass epoxy board(3% or less of copper foil area)
●Operating conditions
Item
Symbol
MIN
TYP
MAX
Unit
Power supply Voltage
VCC
7.0
9.5
V
Temperature
Topr
-40
+85
Item
Symbol
Rating
Unit
Power supply Voltage
VCC
10.0
V
Input voltage
Vin
VCC+0.3~GND-0.3
V
Power Dissipation
Pd
1063 ※1
mW
Storage Temperature
Tastg
-55~+150


Similar Part No. - BD37532FV-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD37532FV-E2 ROHM-BD37532FV-E2 Datasheet
3Mb / 34P
   Sound Processor with Built-in 3-band Equalizer
More results

Similar Description - BD37532FV-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD37531FV ROHM-BD37531FV_15 Datasheet
3Mb / 34P
   Sound Processor with Built-in 3-band Equalizer
BD37524FS ROHM-BD37524FS_15 Datasheet
3Mb / 35P
   Sound Processor with Built-in 3-band Equalizer
BD37532FV ROHM-BD37532FV_15 Datasheet
3Mb / 34P
   Sound Processor with Built-in 3-band Equalizer
BD37524FS_1003 ROHM-BD37524FS_1003 Datasheet
527Kb / 26P
   Sound Processor with Built-in 3-band Equalizer
BD37534FV ROHM-BD37534FV_15 Datasheet
4Mb / 39P
   Sound Processor with Built-in 3-band Equalizer
BD37533FV ROHM-BD37533FV_15 Datasheet
3Mb / 37P
   Sound Processor with Built-in 3-band Equalizer
BD37542FS ROHM-BD37542FS_15 Datasheet
3Mb / 37P
   Sound Processor with Built-in 3-band Equalizer
BD37544FS ROHM-BD37544FS_15 Datasheet
4Mb / 41P
   Sound Processor with Built-in 3-band Equalizer
BD37541FS ROHM-BD37541FS_15 Datasheet
3Mb / 37P
   Sound Processor with Built-in 3-band Equalizer
BD37543FS ROHM-BD37543FS_15 Datasheet
4Mb / 41P
   Sound Processor with Built-in 3-band Equalizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com