Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD82000FVJ-E2 Datasheet(PDF) 5 Page - Rohm

Part # BD82000FVJ-E2
Description  1ch High Side Switch ICs for USB Devices and Memory Cards
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD82000FVJ-E2 Datasheet(HTML) 5 Page - Rohm

  BD82000FVJ-E2 Datasheet HTML 1Page - Rohm BD82000FVJ-E2 Datasheet HTML 2Page - Rohm BD82000FVJ-E2 Datasheet HTML 3Page - Rohm BD82000FVJ-E2 Datasheet HTML 4Page - Rohm BD82000FVJ-E2 Datasheet HTML 5Page - Rohm BD82000FVJ-E2 Datasheet HTML 6Page - Rohm BD82000FVJ-E2 Datasheet HTML 7Page - Rohm BD82000FVJ-E2 Datasheet HTML 8Page - Rohm BD82000FVJ-E2 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
Technical Note
5/16
BD82000FVJ, BD82001FVJ
www.rohm.com
2011.05 - Rev.B
© 2011 ROHM Co., Ltd. All rights reserved.
Measurement Circuit
GND
IN
IN
EN(/EN)
OUT
OUT
OUT
/OC
VEN(V/EN)
1µF
VIN
A
GND
IN
IN
EN(/EN)
OUT
OUT
OUT
/OC
VEN(V/EN)
1µF
RL
CL
VIN
10kΩ
VIN
A
Operating current
Inrush current
EN, /EN input voltage, Output rise, fall time
GND
IN
IN
EN(/EN)
OUT
OUT
OUT
/OC
VEN(V/EN)
1µF
10kΩ
CL
VIN
VIN
IOUT
A
GND
IN
IN
EN(/EN)
OUT
OUT
OUT
/OC
VEN(V/EN)
1µF
VIN
VIN
I/OC
On-resistance
Over-current detection
/OC output low voltage
Fig.1 Measurement circuit
Timing diagram
BD82000FVJ
BD82001FVJ
TON1
VOUT
10%
90%
90%
TOFF1
TON2
V/EN
50%
TOFF2
50%
TON1
VOUT
10%
90%
90%
TOFF1
TON2
VEN
50%
TOFF2
50%
Fig.2 Timing diagram


Similar Part No. - BD82000FVJ-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD82000FVJ-E2 ROHM-BD82000FVJ-E2 Datasheet
1Mb / 27P
   1.5A Current Limit High Side Switch ICs
More results

Similar Description - BD82000FVJ-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD2041AFJ ROHM-BD2041AFJ_11 Datasheet
449Kb / 19P
   1ch High Side Switch ICs for USB Devices and Memory Cards
BD2061AFJ ROHM-BD2061AFJ_11 Datasheet
314Kb / 13P
   1ch High Side Switch ICs for USB Devices and Memory Cards
BD82061FVJ ROHM-BD82061FVJ_11 Datasheet
399Kb / 17P
   1ch High Side Switch ICs for USB Devices and Memory Cards
BD2045AFJ ROHM-BD2045AFJ_11 Datasheet
334Kb / 13P
   1ch High Side Switch ICs for USB Devices and Memory Cards
BD2232G ROHM-BD2232G Datasheet
324Kb / 13P
   1ch Small Package High Side Switch ICs for USB Devices and Memory Cards
BD2248G ROHM-BD2248G Datasheet
646Kb / 23P
   1ch Small Package High Side Switch ICs for USB Devices and Memory Cards
BD2220G ROHM-BD2220G_11 Datasheet
359Kb / 13P
   1ch Small Package High Side Switch ICs for USB Devices and Memory Cards
BD2226G ROHM-BD2226G Datasheet
310Kb / 13P
   1ch Small Package High Side Switch ICs for USB Devices and Memory Cards
BD2226G-LB ROHM-BD2226G-LB Datasheet
539Kb / 24P
   1ch Small Package High Side Switch ICs for USB Devices and Memory Cards
BD2240G ROHM-BD2240G Datasheet
309Kb / 13P
   1ch Small Package High Side Switch ICs for USB Devices and Memory Cards
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com