Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GP1S34 Datasheet(PDF) 1 Page - Sharp Corporation

Part # GP1S34
Description  Subminiature, High Sensing Accuracy Photointerrupter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GP1S34 Datasheet(HTML) 1 Page - Sharp Corporation

  GP1S34 Datasheet HTML 1Page - Sharp Corporation GP1S34 Datasheet HTML 2Page - Sharp Corporation GP1S34 Datasheet HTML 3Page - Sharp Corporation GP1S34 Datasheet HTML 4Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
GP1S34
GP1S34
Subminiature, High Sensing
s Outline Dimensions
(Unit : mm )
s Features
s Absolute Maximum Ratings
(Ta = 25˚C )
s Applications
2. Floppy disk drives
1. Ultra-compact package
2. PWB mounting type
3. High sensing accuracy ( Slit width : 0.1mm )
4. With a mounting hole
*1 For 5 seconds
(C0.8)
Rest of gate
Center of
light path
Internal connection diagram
1 Anode
2 Collector
3 Emitter
4 Cathode
4
1
3
2
g 3.1
4.2
Slit width of
detector side : 0.1mm
g2.5
1.45
4.2
1.2
1.4
12
3
4
Parameter
Symbol
Rating
Unit
Input
Forward current
IF
50
mA
V R
6V
Power dissipation
P
75
mW
Output
Collector-emitter voltage
VCEO
35
V
Emitter-collector voltage
VECO
6V
Collector current
IC
20
mA
Collector power dissipation
P C
75
mW
Total power dissipation
Operating temperature
P tot
T opr
100
- 25 to + 85
mW
˚C
Storage temperature
T stg
- 40 to + 100
˚C
T sol
260
˚C
*1 Soldering temperature
* Tolerance :± 0.2mm
* Burr's dimensions : 0.15MAX.
* Rest of gate : 0.3MAX.
* ( ) : Reference dimensions
* The dimensions indicated by g refer
to those measured from the lead base.
Accuracy Photointerrupter
3. Handy scanners
1. Cameras
Reverse voltage
Soldering area
4 - 0.15
+ 0.2
- 0.1
4 - 0.5
data books, etc. Contact SHARP in order to obtain the latest version of the device specification sheets before using any SHARP's device.”
“ In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that occur in equipment using any of SHARP's devices, shown in catalogs,
φ 1.5
+ 0.1
- 0 hole


Similar Part No. - GP1S34

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GP1S30 SHARP-GP1S30 Datasheet
48Kb / 4P
   Subminiature Photointerrupter
GP1S32 SHARP-GP1S32 Datasheet
47Kb / 4P
   Subminiature Photointerrupter
GP1S33 SHARP-GP1S33 Datasheet
45Kb / 4P
   Subminiature, Reflow Soldering Type Photointerrupter
GP1S36 SHARP-GP1S36 Datasheet
82Kb / 5P
   Photointerrupter for Detecting Tilt Direction
GP1S36J0000F SHARP-GP1S36J0000F Datasheet
145Kb / 11P
   Phototransistor Output, Phototransistor Output, with Tilt Direction (3-direction) Detecting
More results

Similar Description - GP1S34

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GP1S06 SHARP-GP1S06 Datasheet
50Kb / 4P
   High Sensing Accuracy Type Photointerrupter
GP1A15 SHARP-GP1A15 Datasheet
60Kb / 4P
   High Sensing Accuracy Type OPIC Photointerrupter
GP1L53V SHARP-GP1L53V Datasheet
48Kb / 4P
   Compact, High Sensing Accuracy Type Photointerrupter
GP1S05 SHARP-GP1S05 Datasheet
128Kb / 4P
   WIDE GAP HIGH SENSING ACCURACY TYPE PHOTOINTERRUPTER
GP1A35RV SHARP-GP1A35RV Datasheet
64Kb / 5P
   High Sensing Accuracy OPIC Photointerrupter with Encoder Functions
GP1S55T SHARP-GP1S55T Datasheet
53Kb / 4P
   Compact, High Sensing Accuracy Narrow Gap Type Photointerrupter
GP1S56T SHARP-GP1S56T Datasheet
51Kb / 4P
   Compact, High Sensing Accuracy Type Photointerrupter with Positioning Pin
GP1S56 SHARP-GP1S56 Datasheet
135Kb / 4P
   Compact, High Sensing Accuracy Type Photointerrupter with Positioning Pin
logo
Unity Opto Technology
MIR-3301 UOT-MIR-3301 Datasheet
55Kb / 3P
   SUBMINIATURE PHOTOINTERRUPTER
MIT-4A11A UOT-MIT-4A11A Datasheet
49Kb / 3P
   SUBMINIATURE PHOTOINTERRUPTER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com