Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GP1S34 Datasheet(PDF) 3 Page - Sharp Corporation

Part # GP1S34
Description  Subminiature, High Sensing Accuracy Photointerrupter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GP1S34 Datasheet(HTML) 3 Page - Sharp Corporation

  GP1S34 Datasheet HTML 1Page - Sharp Corporation GP1S34 Datasheet HTML 2Page - Sharp Corporation GP1S34 Datasheet HTML 3Page - Sharp Corporation GP1S34 Datasheet HTML 4Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
GP1S34
2
5
2
5
2
5
2
5
25
50
75
100
0
Fig. 8 Collector Dark Current vs.
Ambient Temperature
0
0.4
0.8
1.2
1.6
2.0
0.6
1.0
0.2
1.4
1.8
10
02
4
6
8
CE ( V )
a (˚C)
- 25
0
25
50
75 85
Ambient Temperature
025
50
75 85
0.20
0.15
0.10
a (˚C)
vs. Ambient Temperature
-25
VCE = 20V
10 %
Test Circuit for Response Time
Output
Input
90 %
Input
Output
RD
VCC
RL
td
tr
ts
tf
0.5
1
10
100
0.3 0.5
1.0
5.0
10
Fig. 5 Collector Current vs.
Fig. 6 Collector Current vs.
Fig. 7 Collector-emitter Saturation Voltage
Ambient temperature T a (˚C)
Ambient temperature T
Ambient temperature T
5mA
10mA
20mA
30mA
40mA
Collector-emitter Voltage
Collector-emitter voltage V
ts
IF = 50mA
50
100
150
200
250
VCE=5V
IF=5mA
IF = 10mA
IC =50µ A
10 -10
10 -9
10 -8
10 -7
10 -6
t r
t f
t d
VCE =5V
IC= 100µ A
Ta= 25˚C
Fig. 9 Response Time vs. Load Resistance
Load resistance R L ( kΩ )


Similar Part No. - GP1S34

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GP1S30 SHARP-GP1S30 Datasheet
48Kb / 4P
   Subminiature Photointerrupter
GP1S32 SHARP-GP1S32 Datasheet
47Kb / 4P
   Subminiature Photointerrupter
GP1S33 SHARP-GP1S33 Datasheet
45Kb / 4P
   Subminiature, Reflow Soldering Type Photointerrupter
GP1S36 SHARP-GP1S36 Datasheet
82Kb / 5P
   Photointerrupter for Detecting Tilt Direction
GP1S36J0000F SHARP-GP1S36J0000F Datasheet
145Kb / 11P
   Phototransistor Output, Phototransistor Output, with Tilt Direction (3-direction) Detecting
More results

Similar Description - GP1S34

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GP1S06 SHARP-GP1S06 Datasheet
50Kb / 4P
   High Sensing Accuracy Type Photointerrupter
GP1A15 SHARP-GP1A15 Datasheet
60Kb / 4P
   High Sensing Accuracy Type OPIC Photointerrupter
GP1L53V SHARP-GP1L53V Datasheet
48Kb / 4P
   Compact, High Sensing Accuracy Type Photointerrupter
GP1S05 SHARP-GP1S05 Datasheet
128Kb / 4P
   WIDE GAP HIGH SENSING ACCURACY TYPE PHOTOINTERRUPTER
GP1A35RV SHARP-GP1A35RV Datasheet
64Kb / 5P
   High Sensing Accuracy OPIC Photointerrupter with Encoder Functions
GP1S55T SHARP-GP1S55T Datasheet
53Kb / 4P
   Compact, High Sensing Accuracy Narrow Gap Type Photointerrupter
GP1S56T SHARP-GP1S56T Datasheet
51Kb / 4P
   Compact, High Sensing Accuracy Type Photointerrupter with Positioning Pin
GP1S56 SHARP-GP1S56 Datasheet
135Kb / 4P
   Compact, High Sensing Accuracy Type Photointerrupter with Positioning Pin
logo
Unity Opto Technology
MIR-3301 UOT-MIR-3301 Datasheet
55Kb / 3P
   SUBMINIATURE PHOTOINTERRUPTER
MIT-4A11A UOT-MIT-4A11A Datasheet
49Kb / 3P
   SUBMINIATURE PHOTOINTERRUPTER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com