Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD95513MUV Datasheet(PDF) 10 Page - Rohm

Part # BD95513MUV
Description  Switching Regulator with MOS FET for DDR-SDRAM Cores
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD95513MUV Datasheet(HTML) 10 Page - Rohm

Back Button BD95513MUV_10 Datasheet HTML 6Page - Rohm BD95513MUV_10 Datasheet HTML 7Page - Rohm BD95513MUV_10 Datasheet HTML 8Page - Rohm BD95513MUV_10 Datasheet HTML 9Page - Rohm BD95513MUV_10 Datasheet HTML 10Page - Rohm BD95513MUV_10 Datasheet HTML 11Page - Rohm BD95513MUV_10 Datasheet HTML 12Page - Rohm BD95513MUV_10 Datasheet HTML 13Page - Rohm BD95513MUV_10 Datasheet HTML 14Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
Technical Note
BD95513MUV
10/17
www.rohm.com
2010.10- Rev.A
© 2010 ROHM Co., Ltd. All rights reserved.
Operation
The BD95513MUV is a switching regulator incorporating ROHM’s proprietary H
3RegTM CONTROLLA control system.
When VOUT drops suddenly due to changes in load, the system quickly restores the output voltage by extending the ton time
interval. This improves the regulator’s transient response. When light-load mode is activated, the IC employs the Simple
Light Load Mode (SLLM
TM) controller, further improving system efficiency.
H
3RegTM Control
(Normal Operation)
(Rapid Changes in Load)
Light Load Control
(SLLM
TM Mode)
(QLLM Mode)
VFB
VREF
HG
LG
High gate output is determined by the above formula.
When VFB falls below the reference voltage (0.7V),
the H
3RegTM CONTROLLA is activated;
VFB
VREF
HG
Io
LG
tON
When VOUT drops due to a sudden change in load and the
voltage remains below VREF after the preprogrammed tON time
interval has elapsed, the system quickly restores VOUT by
extending the tON time, thereby improving transient response.
tON =
VREF
VIN
×
1
f
[sec]・・・(1)
SLLM
TM mode is enabled by setting the MODE pin to logic high.
When the low gate is off and the current through the inductor is 0
(current flowing from VOUT to SW), the SLLM
TM function is
activated, disabling high gate output.
If VFB falls below VREF again, the high gate is switched back on,
lowering the switching frequency of the regulator and yielding
higher efficiency when powering light loads.
VFB
VREF
HG
LG
0A
QLLM mode is enabled by setting the MODE pin to HiZ or
middle voltage. When the lower gate is off and the current
through the inductor is 0 (current flowing from VOUT to SW),
QLLM mode is activated, disabling high gate output.
If VFB falls below VREF within a programmed time interval
(typ. 40 µs), the high gate is switched on, but if VFB does not fall
below VREF, the lower gate is forced on, dropping VFB and
switching the high gate back on.
The minimum switching frequency is set to 25 kHz (T = 40 µs),
which keeps the regulator’s frequency from entering the audible
spectrum but yields less efficient results than SLLM
TM mode.
VFB
VREF
HG
LG
0A


Similar Part No. - BD95513MUV_10

ManufacturerPart #DatasheetDescription
logo
Rohm
BD95513MUV ROHM-BD95513MUV Datasheet
654Kb / 16P
   FET Integrated Switching Regulators for DDR-SDRAM Cores
More results

Similar Description - BD95513MUV_10

ManufacturerPart #DatasheetDescription
logo
Rohm
BD95514MUV ROHM-BD95514MUV Datasheet
536Kb / 16P
   FET Integrated Switching Regulator for DDR-SDRAM Cores
BD95500MUV ROHM-BD95500MUV Datasheet
496Kb / 21P
   Switching Regulator with MOSFET for DDR-SDRAM Cores
BD95513MUV ROHM-BD95513MUV Datasheet
654Kb / 16P
   FET Integrated Switching Regulators for DDR-SDRAM Cores
BD9532EKN ROHM-BD9532EKN_08 Datasheet
680Kb / 21P
   Switching Regulators for DDR-SDRAM Cores
BD9575FV ROHM-BD9575FV Datasheet
586Kb / 21P
   Switching Regulators for DDR-SDRAM Cores
BD9535MUV ROHM-BD9535MUV_08 Datasheet
786Kb / 19P
   Switching Regulators for DDR-SDRAM Cores
BD9533EKN ROHM-BD9533EKN_08 Datasheet
726Kb / 21P
   Switching Regulators for DDR-SDRAM Cores
logo
List of Unclassifed Man...
BD3530F ETC1-BD3530F Datasheet
185Kb / 2P
   DDR-SDRAM Termination Regulator
PLL103-02 ETC1-PLL103-02 Datasheet
208Kb / 7P
   DDR SDRAM Buffer for Desktop PCs with 4 DDR DIMMS
logo
PhaseLink Corporation
PLL103-02D PLL-PLL103-02D Datasheet
147Kb / 7P
   DDR SDRAM Buffer for Desktop PCs with 4 DDR DIMMS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com