Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD95513MUV Datasheet(PDF) 4 Page - Rohm

Part # BD95513MUV
Description  Switching Regulator with MOS FET for DDR-SDRAM Cores
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD95513MUV Datasheet(HTML) 4 Page - Rohm

  BD95513MUV Datasheet HTML 1Page - Rohm BD95513MUV Datasheet HTML 2Page - Rohm BD95513MUV Datasheet HTML 3Page - Rohm BD95513MUV Datasheet HTML 4Page - Rohm BD95513MUV Datasheet HTML 5Page - Rohm BD95513MUV Datasheet HTML 6Page - Rohm BD95513MUV Datasheet HTML 7Page - Rohm BD95513MUV Datasheet HTML 8Page - Rohm BD95513MUV Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
Technical Note
BD95513MUV
4/17
www.rohm.com
2010.10- Rev.A
© 2010 ROHM Co., Ltd. All rights reserved.
Parameter
Symbol
Limits
Unit
Condition
Min.
Typ.
Max.
[Over-Voltage Protection Block]
OVP Detect Voltage
VOVP
0.812
0.840
0.868
V
When VFB: 20% up
[Soft Start Block]
Charge Current
Iss
1.4
2.2
3.0
µA
Standby Voltage
Vss_stb
-
-
100
mV
[Current Regulation Block]
Maximum Output Current
IOCP
3
-
-
A
[Voltage Detection Block]
Feedback Terminal Voltage 1
VFB1
0.693
0.700
0.707
V
Feedback Terminal Voltage 2
VFB2
0.690
0.700
0.710
V
Ta =-10℃ to 100℃
Iout = 0A to 3A
Feedback Terminal Bias Current
IFB
-100
0
100
nA
[MODE Block]
SLLM
TM Condition
VthSLLM
VCC-0.5
-
VCC
V
SLLM
TM
Longest low-gate off time: ∞
Forced Continuous Mode
VthCONT
GND
-
0.5
V
Continuous mode
[Power Good Block]
VFB Power Good Low Voltage
VFB PL
0.605
0.63
0.655
V
When VFB: 10% down
VFB Power Good High Voltage
VFB PH
0.745
0.77
0.795
V
When VFB: 10% up


Similar Part No. - BD95513MUV

ManufacturerPart #DatasheetDescription
logo
Rohm
BD95513MUV ROHM-BD95513MUV Datasheet
654Kb / 16P
   FET Integrated Switching Regulators for DDR-SDRAM Cores
More results

Similar Description - BD95513MUV

ManufacturerPart #DatasheetDescription
logo
Rohm
BD95514MUV ROHM-BD95514MUV Datasheet
536Kb / 16P
   FET Integrated Switching Regulator for DDR-SDRAM Cores
BD95500MUV ROHM-BD95500MUV Datasheet
496Kb / 21P
   Switching Regulator with MOSFET for DDR-SDRAM Cores
BD95513MUV ROHM-BD95513MUV Datasheet
654Kb / 16P
   FET Integrated Switching Regulators for DDR-SDRAM Cores
BD9532EKN ROHM-BD9532EKN_08 Datasheet
680Kb / 21P
   Switching Regulators for DDR-SDRAM Cores
BD9575FV ROHM-BD9575FV Datasheet
586Kb / 21P
   Switching Regulators for DDR-SDRAM Cores
BD9535MUV ROHM-BD9535MUV_08 Datasheet
786Kb / 19P
   Switching Regulators for DDR-SDRAM Cores
BD9533EKN ROHM-BD9533EKN_08 Datasheet
726Kb / 21P
   Switching Regulators for DDR-SDRAM Cores
logo
List of Unclassifed Man...
BD3530F ETC1-BD3530F Datasheet
185Kb / 2P
   DDR-SDRAM Termination Regulator
PLL103-02 ETC1-PLL103-02 Datasheet
208Kb / 7P
   DDR SDRAM Buffer for Desktop PCs with 4 DDR DIMMS
logo
PhaseLink Corporation
PLL103-02D PLL-PLL103-02D Datasheet
147Kb / 7P
   DDR SDRAM Buffer for Desktop PCs with 4 DDR DIMMS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com