Electronic Components Datasheet Search |
|
BD95513MUV Datasheet(PDF) 9 Page - Rohm |
|
BD95513MUV Datasheet(HTML) 9 Page - Rohm |
9 / 18 page Technical Note BD95513MUV 9/17 www.rohm.com 2010.10- Rev.A © 2010 ROHM Co., Ltd. All rights reserved. ● Pin Descriptions ・ VCC This pin supplies power to the IC’s internal circuitry, excluding the FET driver. The input supply voltage range is 4.5 to 5.5V, with a maximum current draw of 900µA. This pin should be bypassed with a capacitance of approximately 0.1µF. ・ EN Enables or disables the switching regulator. When the voltage on this pin reaches 2.3 V or higher, the internal switching regulator is turned on. At voltages less than 0.8 V, the regulator is turned off. ・ VDD This pin supplies power to the low side of the FET driver, as well as to the bootstrap diode. As the diode draws its peak current when switching on or off, this pin should be bypassed with a capacitance of approximately 1 µF. ・ VREG Output pin from the 5 V linear regulator. This pin also supplies power to the internal driver and control circuitry. VREG standby function is controlled by the CTL pin. The output supplies 5V at 100 mA and should be bypassed to ground using a 10 µF capacitor with a rating of X5R or X7R. ・ EXTVCC External power supply input for the linear regulator. When the voltage on the EXTVCC pin exceeds 4.4 V, the regulator uses it in conjunction with other power sources to supply VREG. Leave the EXTVCC pin floating when not in use. ・ REF Reference voltage output pin. The reference voltage is set internally by the IC to 0.7 V, and the IC works to keep VREF approximately equal to VFB. Variations in voltage levels on this pin affect the output voltage, so the pin should be bypassed with a 100 pF ~ 0.1 µF ceramic capacitor. ・ SS Soft start/stop pin. When EN is set high, the capacitor between the internal current source and SS-GND controls the startup time of the IC. When the voltage on the SS pin is lower than the REF output voltage (0.7 V), the output voltage is held at the same voltage as the SS pin. ・ AVIN The BD95513MUV controls the duty cycle and output voltage based upon the input voltage at this pin, so voltage variations or oscillations on this line can cause operation to become unstable. This pin also acts as the voltage input for the switching block, so insufficient coupling impedance can also cause operation to become unstable. Therefore, this line should be bypassed with either a power capacitor or RC filter. ・ FS Frequency-adjusting resistance input pin. Attaching a resistance of 30 k ~ 100 kΩ adjusts the switching frequency from 200 kHz ~ 1 MHz. ・ BOOT This pin serves as the power source for the high side of the FET driver. A bootstrap diode is integrated within the IC. The maximum voltage on this pin should not exceed +30 V vs. GND or +7 V vs. SW. When operating the switching regulator, the operation of the bootstrap circuitry causes the BOOT voltage to swing from (VIN + VDD) ~ VDD. ・ PGOOD Power good indicator. This open-drain output should be connected via a 100 kΩ pull-up resistor. ・ MODE Mode selection pin. When low, the IC functions in forced-continuous mode; at voltages from 0V ~ 3V, QLLM mode; when high, SLLM TM mode. ・ CTL Linear regulator control pin. When voltage is 2.3 V or higher, a logic HIGH is recognized and the internal regulator (VREG = 5 V) is switched on. At voltages of 0.8 V or lower, a logic LOW is recognized and the regulator is switched off. However, even if EN is logic HIGH, the switching regulator will not operate if CTL is logic LOW. ・ FB Output voltage feedback input. VFB is held at 0.7 V by the IC. ・ SW Output from the switching regulator to the inductor. This output swings from VIN ~ GND. The trace from the output to the inductor should be as short and wide as possible. ・ VOUT Voltage output discharge pin. When EN is off, this output is pulled low. ・ VIN Power supply input. The IC can accept any input from 4.5 V to 28 V. This pin should be bypassed directly to ground by a power capacitor. ・ PGND Power ground terminal. |
Similar Part No. - BD95513MUV |
|
Similar Description - BD95513MUV |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |