Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD95513MUV-E2 Datasheet(PDF) 1 Page - Rohm

Part # BD95513MUV-E2
Description  Switching Regulator with MOS FET for DDR-SDRAM Cores
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD95513MUV-E2 Datasheet(HTML) 1 Page - Rohm

  BD95513MUV-E2 Datasheet HTML 1Page - Rohm BD95513MUV-E2 Datasheet HTML 2Page - Rohm BD95513MUV-E2 Datasheet HTML 3Page - Rohm BD95513MUV-E2 Datasheet HTML 4Page - Rohm BD95513MUV-E2 Datasheet HTML 5Page - Rohm BD95513MUV-E2 Datasheet HTML 6Page - Rohm BD95513MUV-E2 Datasheet HTML 7Page - Rohm BD95513MUV-E2 Datasheet HTML 8Page - Rohm BD95513MUV-E2 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
1/17
www.rohm.com
2010.10- Rev.A
© 2010 ROHM Co., Ltd. All rights reserved.
High-Performance Regulators for PCs
Switching Regulator with MOS FET
for DDR-SDRAM Cores
BD95513MUV
Description
BD95513MUV is a switching regulator capable of supplying high current output (up to 3A) at low output voltages (0.7V~5.0V)
over a broad range of input voltages (4.5V~28V). The regulator features an internal N-MOSFET power transistor for high
efficiency and low space consumption, while incorporating ROHM’s proprietary H
3RegTM control mode technology, yielding
the industry’s fastest transient response time against load changes. SLLM
TM (Simple Light Load Mode) technology is also
integrated to improve efficiency when powering lighter loads, as well as soft start, variable frequency, short-circuit protection
with timer latch, over-voltage protection, and REF functions. This regulator is suited for PC applications.
Features
1) Internal low ON-resistance power N-MOSFET
2) Internal 5V linear voltage regulator
3) Integrated H
3RegTM DC/DC converter controller
4) Selectable Simple Light Load Mode (SLLM
TM), Quiet Light Load Mode (QLLM) and forced continuous mode
5) Built-in thermal shutdown, low input, current overload, output over- and under-voltage protection circuitry
6) Soft start function to minimize rush current during startup
7) Adjustable switching frequency (f = 200 kHz ~ 1000 kHz)
8) Built-in output discharge function
9) VQFN032V5050 package size
10) Tracking function
11) Internal bootstrap diode
Applications
Mobile PCs, desktop PCs, LCD-TV, digital household electronics
No.10030EAT37


Similar Part No. - BD95513MUV-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD95513MUV ROHM-BD95513MUV Datasheet
654Kb / 16P
   FET Integrated Switching Regulators for DDR-SDRAM Cores
More results

Similar Description - BD95513MUV-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD95514MUV ROHM-BD95514MUV Datasheet
536Kb / 16P
   FET Integrated Switching Regulator for DDR-SDRAM Cores
BD95500MUV ROHM-BD95500MUV Datasheet
496Kb / 21P
   Switching Regulator with MOSFET for DDR-SDRAM Cores
BD95513MUV ROHM-BD95513MUV Datasheet
654Kb / 16P
   FET Integrated Switching Regulators for DDR-SDRAM Cores
BD9532EKN ROHM-BD9532EKN_08 Datasheet
680Kb / 21P
   Switching Regulators for DDR-SDRAM Cores
BD9575FV ROHM-BD9575FV Datasheet
586Kb / 21P
   Switching Regulators for DDR-SDRAM Cores
BD9535MUV ROHM-BD9535MUV_08 Datasheet
786Kb / 19P
   Switching Regulators for DDR-SDRAM Cores
BD9533EKN ROHM-BD9533EKN_08 Datasheet
726Kb / 21P
   Switching Regulators for DDR-SDRAM Cores
logo
List of Unclassifed Man...
BD3530F ETC1-BD3530F Datasheet
185Kb / 2P
   DDR-SDRAM Termination Regulator
PLL103-02 ETC1-PLL103-02 Datasheet
208Kb / 7P
   DDR SDRAM Buffer for Desktop PCs with 4 DDR DIMMS
logo
PhaseLink Corporation
PLL103-02D PLL-PLL103-02D Datasheet
147Kb / 7P
   DDR SDRAM Buffer for Desktop PCs with 4 DDR DIMMS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com