Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BH6172GU Datasheet(PDF) 11 Page - Rohm

Part # BH6172GU
Description  System Regulator with High Efficiency DC/DC Converters
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BH6172GU Datasheet(HTML) 11 Page - Rohm

Back Button BH6172GU Datasheet HTML 7Page - Rohm BH6172GU Datasheet HTML 8Page - Rohm BH6172GU Datasheet HTML 9Page - Rohm BH6172GU Datasheet HTML 10Page - Rohm BH6172GU Datasheet HTML 11Page - Rohm BH6172GU Datasheet HTML 12Page - Rohm BH6172GU Datasheet HTML 13Page - Rohm BH6172GU Datasheet HTML 14Page - Rohm BH6172GU Datasheet HTML 15Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
Technical Note
11/16
www.rohm.com
2011.03 - Rev.A
© 2011 ROHM Co., Ltd. All rights reserved.
BH6172GU
0
1
2
3
4
5
6
7
8
9
10
00.511.522.533.544.555.5
6
VBAT [V]
ICC(OFF) VUSB=5.0V
0
1
2
3
4
5
6
7
8
9
10
00.511.522.5
33.544.5
5
5.5
6
VBAT [V]
ICC(OFF) VBAT=VUSB short
0
1
2
3
4
5
6
7
8
9
10
00.511.5
2
2.5
33.544.555.5
6
VBAT [V]
ICC(STBY) VBAT=VUSB short
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
3.2
3.7
4.2
4.7
5.2
5.7
VBAT [V]
ICC(ACTIVE) VBAT=VUSB short
Reference data(ICC)
Reference data(SWREG)
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
6
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
6
VB AT [ V]
SWREG Line Regulatio n VO=1.0V
VBAT
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
2
0
50
100
150
200
250
300
350
400
450
500
IO [mA]
SWREG Lo ad Regulation VO=1.0V
0
10
20
30
40
50
60
70
80
90
100
0
50
100
150
200
250
300
350
400
450
500
IO[ mA]
SWREG Efficie n cy vs Io (Vo =1.365V)
VBAT=3.6V


Similar Part No. - BH6172GU

ManufacturerPart #DatasheetDescription
logo
Rohm
BH6172GU ROHM-BH6172GU Datasheet
920Kb / 17P
   High-efficiency Power Management IC
BH6172GU-E2 ROHM-BH6172GU-E2 Datasheet
920Kb / 17P
   High-efficiency Power Management IC
BH6172GU1 ROHM-BH6172GU1 Datasheet
539Kb / 19P
   System Regulator with High Efficiency DC/DC Converters
More results

Similar Description - BH6172GU

ManufacturerPart #DatasheetDescription
logo
Rohm
BH6172GU1 ROHM-BH6172GU1 Datasheet
539Kb / 19P
   System Regulator with High Efficiency DC/DC Converters
logo
Toshiba Semiconductor
TK3R2A10PL TOSHIBA-TK3R2A10PL Datasheet
728Kb / 9P
   High-Efficiency DC-DC Converters
TK3R9E10PL TOSHIBA-TK3R9E10PL Datasheet
720Kb / 9P
   High-Efficiency DC-DC Converters
logo
Artesyn Technologies
SXE15 ARTESYN-SXE15_05 Datasheet
374Kb / 28P
   High Efficiency DC/DC Converters
logo
Toshiba Semiconductor
TK3R1A04PL TOSHIBA-TK3R1A04PL Datasheet
438Kb / 9P
   High-Efficiency DC-DC Converters
TPCA8064-H TOSHIBA-TPCA8064-H Datasheet
275Kb / 9P
   High-Efficiency DC-DC Converters
logo
ON Semiconductor
NCP1500 ONSEMI-NCP1500_06 Datasheet
1Mb / 20P
   High Efficiency DC-DC Converters
Rev.2, Jun-2006
logo
Toshiba Semiconductor
TK2R9E10PL TOSHIBA-TK2R9E10PL Datasheet
716Kb / 9P
   High-Efficiency DC-DC Converters
logo
Artesyn Technologies
CXE15 ARTESYN-CXE15 Datasheet
391Kb / 24P
   High Efficiency DC/DC Converters
logo
Toshiba Semiconductor
TK3R2E06PL TOSHIBA-TK3R2E06PL Datasheet
471Kb / 9P
   High-Efficiency DC-DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com