Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BH6176GU Datasheet(PDF) 1 Page - Rohm

Part # BH6176GU
Description  Silicon Monolithic Integrated Circuit
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BH6176GU Datasheet(HTML) 1 Page - Rohm

  BH6176GU Datasheet HTML 1Page - Rohm BH6176GU Datasheet HTML 2Page - Rohm BH6176GU Datasheet HTML 3Page - Rohm BH6176GU Datasheet HTML 4Page - Rohm BH6176GU Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1/4
REV. A
Structure
Silicon Monolithic Integrated Circuit
Product
Power Management LSI for MultiMedia LSI on Cellular
Type
BH6176GU
Functions
・1ch 500mA, high efficiency Step-down Converter. (16 steps adjustable VO by I2C)
・6-channel CMOS-type LDOs. (16 steps adjustable VO by I2C, 150mA×3, 300mA×3)
・LDO and Stepdown converter Power ON/OFF control enabled by I2C interface or external pin
・I2C compatible Interface. (Device address is “1001111”)
・Wafer Level CSP package(2.6mm×2.6mm) for space-constrained applications.
Absolute Maximum Ratings(Ta=25
C)
Parameter
Symbol
Rating
Unit
Maximum Supply Voltage (VBAT, PBAT)
VBATMAX
6.0
V
Maximum Supply Voltage (VUSB)
VUSBMAX
6.0
V
Maximum Supply Voltage (DVDD)
DVDDMAX
4.5
V
Maximum Input Voltage 1
(LX, FB, OUT1, OUT2, OUT3, OUT4, OUT5, OUT6,
EN_LD1, EN_LD2, EN_LD3, EN_LD4)
VINMAX1
VBAT + 0.3
V
Maximum Input Voltage 2
(NRST, CLK, DATA)
VINMAX2
DVDD + 0.3
V
Power Dissipation
Pd
900*
1
mW
Operating Temperature Range
Topr
-35 ~ +85
Storage Temperature Range
Tstg
-55 ~ +125
*1 This is the allowable loss of when it is mounted on a ROHM specification board 60mm×60mm.
To use at temperature higher than 25
C , derate 1% per 1C.
Recommended Operating Conditions (Ta=25
C)
Parameter
Symbol
Range
Unit
VBAT, PBAT Voltage
VBAT
*
2
2.20 ~ 5.50
V
VUSB Voltage
VUSB
*
2
2.20 ~ 5.50
V
DVDD Voltage
VDVDD
*
3
1.70 ~ 4.20
V
*2 Whenever the VBAT or PBAT or VUSB voltage is under the LDO, SWREG output voltage,
the LDO and SWREG output is not guaranteed to meet its published specifications.
*3 The DVDD Voltage must be under the Battery Voltage VBAT, PBAT at any times.
*This product is not especially designed to be protected from radioactivity.


Similar Part No. - BH6176GU

ManufacturerPart #DatasheetDescription
logo
Rohm
BH6176GU ROHM-BH6176GU_11 Datasheet
177Kb / 5P
   Silicon Monolithic Integrated Circuit Power Management LSI for MultiMedia LSI on Cellular
More results

Similar Description - BH6176GU

ManufacturerPart #DatasheetDescription
logo
Rohm
BD3490FV ROHM-BD3490FV Datasheet
296Kb / 5P
   Silicon Monolithic Integrated Circuit
BD822EFV ROHM-BD822EFV Datasheet
131Kb / 5P
   Silicon Monolithic Integrated Circuit
BD3985FV ROHM-BD3985FV_11 Datasheet
96Kb / 5P
   Silicon Monolithic Integrated Circuit
BD6041GUL ROHM-BD6041GUL_11 Datasheet
182Kb / 5P
   Silicon Monolithic Integrated Circuit
BD8676KN ROHM-BD8676KN Datasheet
231Kb / 5P
   Silicon Monolithic Integrated Circuit
BD6369GUL ROHM-BD6369GUL_11 Datasheet
150Kb / 5P
   Silicon Monolithic Integrated Circuit
BD6607KN ROHM-BD6607KN_11 Datasheet
139Kb / 5P
   Silicon Monolithic Integrated Circuit
BD6712AF ROHM-BD6712AF_11 Datasheet
109Kb / 5P
   Silicon Monolithic Integrated Circuit
BD6973FV ROHM-BD6973FV Datasheet
100Kb / 5P
   Silicon Monolithic Integrated Circuit
BD9745EKN ROHM-BD9745EKN Datasheet
385Kb / 22P
   Silicon Monolithic Integrated Circuit
BD9885FV ROHM-BD9885FV_09 Datasheet
154Kb / 5P
   Silicon Monolithic Integrated Circuit
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com