Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GP1S73P Datasheet(PDF) 5 Page - Sharp Corporation

Part # GP1S73P
Description  Compact Photointerrupter with Connector
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GP1S73P Datasheet(HTML) 5 Page - Sharp Corporation

  GP1S73P Datasheet HTML 1Page - Sharp Corporation GP1S73P Datasheet HTML 2Page - Sharp Corporation GP1S73P Datasheet HTML 3Page - Sharp Corporation GP1S73P Datasheet HTML 4Page - Sharp Corporation GP1S73P Datasheet HTML 5Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
GP1S73P/GP1S74P
Recommended Mounting Hole Drawing(Dimensions shown are recommended values.
Use the photointerrupters after checking the mounting strength and others on an actual machine.)
(Precautions for Operation)
1) In this product, the PWB is fixed with a hook, and cleaning solvent may remain inside the case;
therefore, dip cleaning or ultrasonic cleaning are prohibited.
2) Remove dust or stains, using an air blower or a soft cloth moistened in cleaning solvent.
However, do not perform the above cleaning using a soft cloth with solvent in the marking portion.
In this case, use only the following type of cleaning solvent for wiping off;
Ethyl alcohol, Methyl alcohol, Isopropyl alcohol
When the cleaning solvents except for specified materials are used, please contact us.
As for other general precautions, please refer to the chapter "Precautions for Use".
7.7
7.5
(Unit : mm)
8 - R0.1± 0.1
8 - R0.1± 0.1
Plate thickness : 1.6 mm
7.5
Plate thickness : 1.0 mm
Plate thickness : 1.2 mm
8 - R0.1± 0.1
General mounting type
7.7
7.5
Plate thickness : 1.6 mm
7.5
Plate thickness : 1.0 mm
Plate thickness : 1.2 mm
Reverse insertion
preventive type
12 - R0.1± 0.1
12 - R0.1± 0.1
12 - R0.1± 0.1
2.4
2.4
2.4
2.4
2.4
2.4
1. It is recommended to mount the photointerrupters on the shear droop surface (punch side) of the mounting plate (metal plate).
2. Mounting workability, shaking after mounting and mounting strength depend on the corner radius of the mounting plate and state of punching.
Determine the mounting hole dimensions after check on an actual machine.
3. General dimensional tolerances shall be ± 0.1 mm.
s
q


Similar Part No. - GP1S73P

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GP1S73P SHARP-GP1S73P Datasheet
83Kb / 6P
   Compact Photointerrupter with Connector
GP1S73P2 SHARP-GP1S73P2 Datasheet
83Kb / 6P
   Compact Photointerrupter with Connector
More results

Similar Description - GP1S73P

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GP1S73P2 SHARP-GP1S73P2 Datasheet
83Kb / 6P
   Compact Photointerrupter with Connector
GP1A73A SHARP-GP1A73A Datasheet
51Kb / 4P
   Compact OPIC Photointerrupter with Connector
GP1A74A SHARP-GP1A74A Datasheet
51Kb / 4P
   Compact OPIC Photointerrupter with Connector
GP1S562 SHARP-GP1S562 Datasheet
61Kb / 4P
   Compact Photointerrupter with Holders
GP1S53V SHARP-GP1S53V Datasheet
59Kb / 4P
   Compact Photointerrupter
GP1S53 SHARP-GP1S53 Datasheet
137Kb / 4P
   Compact Photointerrupter
GP1S09 SHARP-GP1S09 Datasheet
54Kb / 5P
   Photointerrupter with Connector
GP2L20L SHARP-GP2L20L Datasheet
48Kb / 4P
   Compact, Thin Type Photointerrupter
GP2L23L SHARP-GP2L23L Datasheet
45Kb / 4P
   Compact, Thin Type Photointerrupter
GP1S561 SHARP-GP1S561 Datasheet
55Kb / 4P
   Compact and Thin Photointerrupter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com