Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GP1U263X Datasheet(PDF) 4 Page - Sharp Corporation

Part # GP1U263X
Description  Compact IR Detecting Unit for Remote Control
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GP1U263X Datasheet(HTML) 4 Page - Sharp Corporation

  GP1U263X Datasheet HTML 1Page - Sharp Corporation GP1U263X Datasheet HTML 2Page - Sharp Corporation GP1U263X Datasheet HTML 3Page - Sharp Corporation GP1U263X Datasheet HTML 4Page - Sharp Corporation GP1U263X Datasheet HTML 5Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
- 40
- 20
0
20
40
60
80
100
20
0
40
60
80
100
120
Vout
φ
φ
Fig. 2 Standard optical system
Transmitter
Reception distance : L
Light detector face illuminance : Ee
(
φ indicates horizontal and vertical directions.)
Ambient temperature Ta (˚C)
GP1U26X/27X/28X/28Y Series
Fig. 1 B.P.F. Frequency Characteristics
[TYP.](GP1Uxx1X)
Fig. 2 Sensitivity Angle (Horizontal Direction)
Characteristics [TYP.] for Reference
Fig. 4 Relative Reception Distance vs. Ambient
Temperature [TYP.] for Reference
Fig. 3 Sensitivity Angle (Vertical Direction)
Characteristics [TYP.] for Reference
+ 90˚
+ 30˚
+ 45˚
+ 60˚
+ 75˚
- 90˚
- 30˚
- 45˚
- 60˚
- 75˚
- 15˚
+ 15˚
100
80
20
40
60
VCC=5V
Ta = 25˚C
+ 90˚
100
+ 30˚
+ 45˚
+ 60˚
+ 75˚
- 90˚
- 30˚
- 45˚
- 60˚
- 75˚
- 15˚
+ 15˚
80
60
40
20
VCC=5V
Ta = 25˚C
Carrier frequency (kHz)
28
30
32
34
36
38
40
42
44
46
48
Unit
SHARP
standard transmitter
Relative comparison with reception
distance at V =5V,
φ =0˚ , Ee <10 lx
and Ta=30 ˚C taken as 100%
CC


Similar Part No. - GP1U263X

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GP1U26R SHARP-GP1U26R Datasheet
87Kb / 5P
   Anti Electromagnetic Induction Noise Type Compact IR Detecting Unit for Remote Control
More results

Similar Description - GP1U263X

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GP1UM271XK SHARP-GP1UM271XK Datasheet
86Kb / 7P
   Compact IR Detecting Unit for Remote Control
GP1UM261XKVF SHARP-GP1UM261XKVF Datasheet
615Kb / 6P
   Compact IR Detecting Unit for Remote Control
GP1U57X SHARP-GP1U57X Datasheet
36Kb / 4P
   IR Detecting Unit For Remote Control
GP1U58X SHARP-GP1U58X Datasheet
36Kb / 4P
   IR Detecting Unit For Remote Control
GP1U77R SHARP-GP1U77R Datasheet
37Kb / 4P
   IR Detecting Unit For Remote Control
GP1U90X SHARP-GP1U90X Datasheet
37Kb / 4P
   IR Detecting Unit for Remote Control
GP1U78R SHARP-GP1U78R Datasheet
37Kb / 4P
   IR Detecting Unit For Remote Control
GP1U58Y SHARP-GP1U58Y Datasheet
37Kb / 4P
   IR Detecting Unit For Remote Control
GP1U78Q SHARP-GP1U78Q Datasheet
38Kb / 4P
   IR Detecting Unit For Remote Control
GP1UE27XK SHARP-GP1UE27XK Datasheet
86Kb / 7P
   Low Voltage Operation, Compact IR Detecting Unit for Remote Control
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com