Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GP1U773R Datasheet(PDF) 3 Page - Sharp Corporation

Part # GP1U773R
Description  IR Detecting Unit For Remote Control
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GP1U773R Datasheet(HTML) 3 Page - Sharp Corporation

  GP1U773R Datasheet HTML 1Page - Sharp Corporation GP1U773R Datasheet HTML 2Page - Sharp Corporation GP1U773R Datasheet HTML 3Page - Sharp Corporation GP1U773R Datasheet HTML 4Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
GP1U77R Series
s Performance
( 1) Linear reception distance characteristics
characteristcs in the attached list.
( 2) Sensitivity angle reception distance characteristics
( 3) Anti outer peripheral light reception distance characteristics
In the above figure, the transmitter should be set so that the output V out can be 40mVPP .
100 lx.
(EV is an illuminance by CIE standard light source A ( tungsten lamp ) .)
characteristics in the attached list.
electrical characteristics in the attached list.
20cm
10k
+ 5V
Oscilloscope
Vout
Transmitter
Vout
Transmitter (GL521 used )
Duty 50 %
Center frequency (fo)
depends on the attached
model list.
Fig. 1. Transmitter
Fig. 2. Standard optical system
Reception distance : L
Light detector face
illuminance : Ee
vertical directions. )
Using the transmitter shown in Fig. 1, the output signal of the light detecting unit is good enough
to meet the following items in the standard optical system in Fig. 2.
in Fig. 2, the output signal shall meet the
in Fig. 2, the output signal shall meet the electrical
However, the PD49PI to be used here should be of the short-circuit current I SC= 2.6
µ A at E
V
=
in Fig. 2, the output signal shall meet the electrical
When L= 0.2 to 6.5m, Ee < 10 lx and
φ =0˚
When L = 0.2 to 4.5m, Ee < 10 lx and
φ <= 30˚
When L= 0.2 to 3m, Ee <= 300 lx and
φ =0˚
φ
φ
(
φ indicates horizontal and


Similar Part No. - GP1U773R

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GP1U780Q SHARP-GP1U780Q Datasheet
38Kb / 4P
   IR Detecting Unit For Remote Control
GP1U780R SHARP-GP1U780R Datasheet
37Kb / 4P
   IR Detecting Unit For Remote Control
GP1U781Q SHARP-GP1U781Q Datasheet
38Kb / 4P
   IR Detecting Unit For Remote Control
GP1U781R SHARP-GP1U781R Datasheet
37Kb / 4P
   IR Detecting Unit For Remote Control
GP1U782Q SHARP-GP1U782Q Datasheet
38Kb / 4P
   IR Detecting Unit For Remote Control
More results

Similar Description - GP1U773R

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GP1U57X SHARP-GP1U57X Datasheet
36Kb / 4P
   IR Detecting Unit For Remote Control
GP1U58X SHARP-GP1U58X Datasheet
36Kb / 4P
   IR Detecting Unit For Remote Control
GP1U90X SHARP-GP1U90X Datasheet
37Kb / 4P
   IR Detecting Unit for Remote Control
GP1U78R SHARP-GP1U78R Datasheet
37Kb / 4P
   IR Detecting Unit For Remote Control
GP1U58Y SHARP-GP1U58Y Datasheet
37Kb / 4P
   IR Detecting Unit For Remote Control
GP1U78Q SHARP-GP1U78Q Datasheet
38Kb / 4P
   IR Detecting Unit For Remote Control
GP1U26X SHARP-GP1U26X Datasheet
85Kb / 5P
   Compact IR Detecting Unit for Remote Control
GP1UM271XK SHARP-GP1UM271XK Datasheet
86Kb / 7P
   Compact IR Detecting Unit for Remote Control
GP1UM261XKVF SHARP-GP1UM261XKVF Datasheet
615Kb / 6P
   Compact IR Detecting Unit for Remote Control
GP1UC10 SHARP-GP1UC10 Datasheet
40Kb / 3P
   3V-Operating Type IR Detecting Unit for Remote Control
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com