Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BU27TD2WNVX Datasheet(PDF) 5 Page - Rohm

Part # BU27TD2WNVX
Description  1ch 200mA CMOS LDO Regulators
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU27TD2WNVX Datasheet(HTML) 5 Page - Rohm

  BU27TD2WNVX Datasheet HTML 1Page - Rohm BU27TD2WNVX Datasheet HTML 2Page - Rohm BU27TD2WNVX Datasheet HTML 3Page - Rohm BU27TD2WNVX Datasheet HTML 4Page - Rohm BU27TD2WNVX Datasheet HTML 5Page - Rohm BU27TD2WNVX Datasheet HTML 6Page - Rohm BU27TD2WNVX Datasheet HTML 7Page - Rohm BU27TD2WNVX Datasheet HTML 8Page - Rohm BU27TD2WNVX Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 42 page
background image
Technical Note
5/41
BU□□TD2WNVX series
www.rohm.com
2011.07 - Rev.C
© 2011 ROHM Co., Ltd. All rights reserved.
Fig.13. VOUT - Temp
0
10
20
30
40
50
60
-40
-15
10
35
60
85
Temp (°C)
VIN=2.5V
STBY=1.5V
Io=0mA
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
-40
-15
10
35
60
85
Temp (°C)
VIN=2.5V
STBY=0V
Reference data BU12TD2WNVX (Ta=25℃ unless otherwise specified.)
Fig.5. Output Voltage
Fig.6. Line Regulation
Fig.7. Circuit Current IGND
Fig.8. VSTBY - ISTBY
Fig.9. IOUT - IGND
Fig.10. Load Regulation
Fig.11. OCP Threshold
Fig.12. STBY Threshold
Fig.14. IGND vs Temp
Fig.15. IGND - Temp (STBY)
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
00.511.522.53
3.544.5
55.5
Input Voltage (V)
Temp=25°C
Io=0uA
Io=100uA
Io=50mA
Io=200mA
VIN=STBY
1.15
1.16
1.17
1.18
1.19
1.20
1.21
1.22
1.23
1.24
1.25
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
2
Input Voltage (V)
Temp=25°C
Io=0uA
Io=100uA
Io=50mA
Io=200mA
VIN=STBY
0
20
40
60
80
100
00.51
1.522.533.54
4.5
55.5
Input Voltage (V)
Io=0uA
VIN=STBY
Temp=85°
Temp=25°C
Temp=-40°C
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
00.511.522.5
33.54
4.555.5
Input Voltage (V)
Temp=-40°C
Temp=25°C
Temp=85°C
0
20
40
60
80
100
0
0.05
0.1
0.15
0.2
Output Current (A)
Temp=-40°C
Temp=25°C
Temp=85°C
VIN=2.5V
STBY=1.5V
0.0
0.5
1.0
1.5
00.5
11.5
STBY Voltage (V)
VIN=2.5V
Io=0mA
Temp=-40°C
Temp=25°C
Temp=85°C
1.15
1.16
1.17
1.18
1.19
1.20
1.21
1.22
1.23
1.24
1.25
-40
-15
10
35
60
85
Temp (°C)
VIN=2.5V
STBY=1.5V
Io=0.1mA
1.15
1.16
1.17
1.18
1.19
1.20
1.21
1.22
1.23
1.24
1.25
0
0.05
0.1
0.15
0.2
Output Current (A)
VIN=2.5V
STBY=1.5V
Temp=25°C
Temp=85°C
Temp=-40°C
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
0
0.1
0.2
0.3
0.4
0.5
0.6
Output Current (A)
VIN=5.5V
Temp=25°C
VIN=2.5V
VIN=1.7V
STBY=1.5V


Similar Part No. - BU27TD2WNVX

ManufacturerPart #DatasheetDescription
logo
Rohm
BU27TD2WNVX-XTL ROHM-BU27TD2WNVX-XTL Datasheet
566Kb / 12P
   high-performance FULL CMOS regulator with 200-mA output, which is mounted on versatile package SSON004X1010
More results

Similar Description - BU27TD2WNVX

ManufacturerPart #DatasheetDescription
logo
Rohm
BU12SD2MG-MTR ROHM-BU12SD2MG-MTR Datasheet
834Kb / 31P
   1ch 200mA CMOS LDO Regulators
BU18SA4WGWL-E2 ROHM-BU18SA4WGWL-E2 Datasheet
999Kb / 37P
   1ch 200mA CMOS LDO Regulators
BU15TA2WNVX ROHM-BU15TA2WNVX_11 Datasheet
1Mb / 30P
   1ch 200mA CMOS LDO Regulators
BH12PB1WHFV ROHM-BH12PB1WHFV_11 Datasheet
353Kb / 11P
   1ch 150mA CMOS LDO Regulators
BH15M0AWHFV-TR ROHM-BH15M0AWHFV-TR Datasheet
577Kb / 13P
   1ch 300mA CMOS LDO Regulators
BUXXSD5 ROHM-BUXXSD5 Datasheet
941Kb / 20P
   1ch 500mA CMOS LDO Regulators
2016.05.31 Rev.003
BH31FB1WHFV-TR ROHM-BH31FB1WHFV-TR Datasheet
562Kb / 13P
   1ch 300mA CMOS LDO Regulators
BHXXM0A ROHM-BHXXM0A Datasheet
632Kb / 13P
   1ch 300mA CMOS LDO Regulators
21.Nov.2013 Rev.001
BHXXMA3 ROHM-BHXXMA3 Datasheet
619Kb / 13P
   1ch 300mA CMOS LDO Regulators
25.Sep.2013 Rev.001
BH25NB1WHFV ROHM-BH25NB1WHFV_11 Datasheet
303Kb / 9P
   1ch 150mA CMOS LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com