Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BU2JTD2WNVX Datasheet(PDF) 2 Page - Rohm

Part # BU2JTD2WNVX
Description  1ch 200mA CMOS LDO Regulators
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU2JTD2WNVX Datasheet(HTML) 2 Page - Rohm

  BU2JTD2WNVX Datasheet HTML 1Page - Rohm BU2JTD2WNVX Datasheet HTML 2Page - Rohm BU2JTD2WNVX Datasheet HTML 3Page - Rohm BU2JTD2WNVX Datasheet HTML 4Page - Rohm BU2JTD2WNVX Datasheet HTML 5Page - Rohm BU2JTD2WNVX Datasheet HTML 6Page - Rohm BU2JTD2WNVX Datasheet HTML 7Page - Rohm BU2JTD2WNVX Datasheet HTML 8Page - Rohm BU2JTD2WNVX Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 42 page
background image
Technical Note
2/41
BU□□TD2WNVX series
www.rohm.com
2011.07 - Rev.C
© 2011 ROHM Co., Ltd. All rights reserved.
Absolute maximum ratings
Parameter
Symbol
Ratings
Unit
Maximum applied power voltage
VMAX
-0.3 ~ +6.5
V
Power dissipation
Pd
560
(*1)
mW
Maximum junction temperature
TjMAX
+125
Operational temperature range
Topr
-40 ~ +85
Storage temperature range
Tstg
-55 ~ +125
(*1)
When PCB (70 mm
 70 mm, thickness 1.6-mm glass epoxy) a standard ROHM board is implemented.
Reduced to 5.6 mW/℃ when used at Ta=25℃ or higher.
Recommended operating range (Do not exceed Pd.)
Parameter
Symbol
Ratings
Unit
Input power supply voltage
VIN
1.7 ~ 5.5
V
Maximum output current
IMAX
200
mA
Recommended operating conditions
Parameter
Symbol
Ratings
Unit
Conditions
Min.
Typ.
Max.
Input capacitor
CIN
0.22
(*2)
0.47
µF
A ceramic capacitor is recommended.
Output capacitor
CO
0.22
(*2)
0.47
µF
A ceramic capacitor is recommended.
(*2)
Set the capacity value of the capacitor so that it does not fall below the minimum value, taking temperature characteristics,
DC device characteristics, and change with time into consideration.


Similar Part No. - BU2JTD2WNVX

ManufacturerPart #DatasheetDescription
logo
Rohm
BU2JTD2WNVX-XTL ROHM-BU2JTD2WNVX-XTL Datasheet
566Kb / 12P
   high-performance FULL CMOS regulator with 200-mA output, which is mounted on versatile package SSON004X1010
More results

Similar Description - BU2JTD2WNVX

ManufacturerPart #DatasheetDescription
logo
Rohm
BU12SD2MG-MTR ROHM-BU12SD2MG-MTR Datasheet
834Kb / 31P
   1ch 200mA CMOS LDO Regulators
BU18SA4WGWL-E2 ROHM-BU18SA4WGWL-E2 Datasheet
999Kb / 37P
   1ch 200mA CMOS LDO Regulators
BU15TA2WNVX ROHM-BU15TA2WNVX_11 Datasheet
1Mb / 30P
   1ch 200mA CMOS LDO Regulators
BH12PB1WHFV ROHM-BH12PB1WHFV_11 Datasheet
353Kb / 11P
   1ch 150mA CMOS LDO Regulators
BH15M0AWHFV-TR ROHM-BH15M0AWHFV-TR Datasheet
577Kb / 13P
   1ch 300mA CMOS LDO Regulators
BUXXSD5 ROHM-BUXXSD5 Datasheet
941Kb / 20P
   1ch 500mA CMOS LDO Regulators
2016.05.31 Rev.003
BH31FB1WHFV-TR ROHM-BH31FB1WHFV-TR Datasheet
562Kb / 13P
   1ch 300mA CMOS LDO Regulators
BHXXM0A ROHM-BHXXM0A Datasheet
632Kb / 13P
   1ch 300mA CMOS LDO Regulators
21.Nov.2013 Rev.001
BHXXMA3 ROHM-BHXXMA3 Datasheet
619Kb / 13P
   1ch 300mA CMOS LDO Regulators
25.Sep.2013 Rev.001
BH25NB1WHFV ROHM-BH25NB1WHFV_11 Datasheet
303Kb / 9P
   1ch 150mA CMOS LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com