Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BU2JTA2WHFV Datasheet(PDF) 6 Page - Rohm

Part # BU2JTA2WHFV
Description  1ch 200mA CMOS LDO Regulators
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU2JTA2WHFV Datasheet(HTML) 6 Page - Rohm

Back Button BU2JTA2WHFV Datasheet HTML 2Page - Rohm BU2JTA2WHFV Datasheet HTML 3Page - Rohm BU2JTA2WHFV Datasheet HTML 4Page - Rohm BU2JTA2WHFV Datasheet HTML 5Page - Rohm BU2JTA2WHFV Datasheet HTML 6Page - Rohm BU2JTA2WHFV Datasheet HTML 7Page - Rohm BU2JTA2WHFV Datasheet HTML 8Page - Rohm BU2JTA2WHFV Datasheet HTML 9Page - Rohm BU2JTA2WHFV Datasheet HTML 10Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
Technical Note
6/29
BUTA2WNVX series, BUTA2WHFV series
www.rohm.com
2011.01 - Rev.C
© 2011 ROHM Co., Ltd. All rights reserved.
Fig. 5 Output Voltage
Fig. 6 Line Regulation
Fig. 14 VOUT vs. Temp
Reference data BU15TA2WNVX / HFV (Ta=25ºC unless otherwise specified.)
Fig. 7 Circuit Current IGND
Fig. 8 Circuit Current IGND
Fig. 9 STBY Input Current
Fig. 10 IOUT - IGND
Fig. 16 IGND vs. Temp (STBY)
Fig. 15 IGND vs. Temp
Fig. 11 Load Regulation
Fig. 13 STBY Threshold
Fig. 12 OCP Threshold
0.0
0.3
0.6
0.9
1.2
1.5
1.8
00.511.52
2.533.544.555.5
Vin Voltage (V)
IO=0uA
IO=100uA
IO=50mA
IO=200mA
Temp=25°C
VIN = STBY
1.45
1.46
1.47
1.48
1.49
1.50
1.51
1.52
1.53
1.54
1.55
1.25 1.35 1.45 1.55 1.65 1.75 1.85 1.95 2.05 2.15 2.25
Vin Voltage (V)
IO=0uA
IO=100uA
IO=50mA
IO=200mA
Temp=25°C
VIN = STBY
0
20
40
60
80
100
00.51
1.522.533.54
4.555.5
Vin Voltage (V)
Temp=-40°C
Temp=25°C
Temp=85°C
IO=0uA
VIN = STBY
0
20
40
60
80
100
120
140
00.51
1.522.533.54
4.555.5
Vin Voltage (V)
IO=200mA
VIN = STBY
Temp=-40°C
Temp=25°C
Temp=85°C
0
2
4
6
8
10
0
0.51
1.522.533.5
4
4.555.5
STBY Voltage (V)
VIN = STBY
Temp=85°C
Temp=25°C
Temp=-40°C
40
50
60
70
80
90
100
110
120
0
0.05
0.1
0.15
0.2
Output Current (A)
VIN = 3.5V
STBY = 1.5V
Temp=85°C
Temp=25°C
Temp=-40°C
1.45
1.46
1.47
1.48
1.49
1.50
1.51
1.52
1.53
1.54
1.55
0
0.05
0.1
0.15
0.2
Output Current (A)
VIN = 3.5V
STBY = 1.5V
Temp=-40°C
Temp=25°C
Temp=85°C
0.00
0.25
0.50
0.75
1.00
1.25
1.50
1.75
2.00
0.00
0.10
0.20
0.30
0.40
0.50
0.60
Output Current (A)
VIN=5.5V
Temp=25°C
STBY = 1.5V
VIN=3.5V
VIN=2.5V
0.00
0.25
0.50
0.75
1.00
1.25
1.50
1.75
2.00
0
0.5
1
1.5
STBY Voltage (V)
Temp=85°C
Temp=25°C
Temp=-40°C
1.45
1.46
1.47
1.48
1.49
1.50
1.51
1.52
1.53
1.54
1.55
-40
-15
10
35
60
85
Temp (°C)
VIN=3.5V
STBY=1.5V
Io=0.1mA
0.00
10.00
20.00
30.00
40.00
50.00
-40
-15
10
35
60
85
Temp (°C)
VIN=3.5V
STBY=1.5V
Io=0mA
-0.100
0.000
0.100
0.200
0.300
0.400
0.500
0.600
0.700
0.800
0.900
1.000
-40
-15
10
35
60
85
Temp (°C)
VIN=3.5V
STBY=0V


Similar Part No. - BU2JTA2WHFV

ManufacturerPart #DatasheetDescription
logo
Rohm
BU2JTA2WHFV-TR ROHM-BU2JTA2WHFV-TR Datasheet
1Mb / 28P
   High-speed Load Response FULL CMOS LDO Regulators
More results

Similar Description - BU2JTA2WHFV

ManufacturerPart #DatasheetDescription
logo
Rohm
BU10TD2WNVX ROHM-BU10TD2WNVX Datasheet
2Mb / 42P
   1ch 200mA CMOS LDO Regulators
BU12SD2MG-MTR ROHM-BU12SD2MG-MTR Datasheet
834Kb / 31P
   1ch 200mA CMOS LDO Regulators
BU18SA4WGWL-E2 ROHM-BU18SA4WGWL-E2 Datasheet
999Kb / 37P
   1ch 200mA CMOS LDO Regulators
BH12PB1WHFV ROHM-BH12PB1WHFV_11 Datasheet
353Kb / 11P
   1ch 150mA CMOS LDO Regulators
BH15M0AWHFV-TR ROHM-BH15M0AWHFV-TR Datasheet
577Kb / 13P
   1ch 300mA CMOS LDO Regulators
BUXXSD5 ROHM-BUXXSD5 Datasheet
941Kb / 20P
   1ch 500mA CMOS LDO Regulators
2016.05.31 Rev.003
BH31FB1WHFV-TR ROHM-BH31FB1WHFV-TR Datasheet
562Kb / 13P
   1ch 300mA CMOS LDO Regulators
BHXXM0A ROHM-BHXXM0A Datasheet
632Kb / 13P
   1ch 300mA CMOS LDO Regulators
21.Nov.2013 Rev.001
BHXXMA3 ROHM-BHXXMA3 Datasheet
619Kb / 13P
   1ch 300mA CMOS LDO Regulators
25.Sep.2013 Rev.001
BH25NB1WHFV ROHM-BH25NB1WHFV_11 Datasheet
303Kb / 9P
   1ch 150mA CMOS LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com