Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N3906 Datasheet(PDF) 1 Page - Micro Commercial Components

Part # 2N3906
Description  PNP General Purpose Amplifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

2N3906 Datasheet(HTML) 1 Page - Micro Commercial Components

  2N3906_11 Datasheet HTML 1Page - Micro Commercial Components 2N3906_11 Datasheet HTML 2Page - Micro Commercial Components 2N3906_11 Datasheet HTML 3Page - Micro Commercial Components 2N3906_11 Datasheet HTML 4Page - Micro Commercial Components 2N3906_11 Datasheet HTML 5Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
2N3906
PNP General
Purpose Amplifier
TO-92
Features
Electrical Characteristics @ 25
°C Unless Otherwise Specified
Symbol
Parameter
Min
Max
Units
OFF CHARACTERISTICS
V(BR)CEO
Collector-Emitter Breakdown Voltage*
(IC=1.0mAdc, IB=0)
40
Vdc
V(BR)CBO
Collector-Base Breakdown Voltage
(IC=10
µAdc, IE=0)
40
Vdc
V(BR)EBO
Emitter-Base Breakdown Voltage
(IE=10
µAdc, IC=0)
5.0
Vdc
IBL
Base Cutoff Current
(VCE=30Vdc, VBE=3.0Vdc)
50
nAdc
ICEX
Collector Cutoff Current
(VCE=30Vdc, VBE=3.0Vdc)
50
nAdc
ON CHARACTERISTICS
hFE
DC Current Gain*
(IC=0.1mAdc, VCE=1.0Vdc)
(IC=1.0mAdc, VCE=1.0Vdc)
(IC=10mAdc, VCE=1.0Vdc)
(IC=50mAdc, VCE=1.0Vdc)
(IC=100mAdc, VCE=1.0Vdc)
60
80
100
60
30
300
VCE(sat)
Collector-Emitter Saturation Voltage
(IC=10mAdc, IB=1.0mAdc)
(IC=50mAdc, IB=5.0mAdc)
0.25
0.4
Vdc
VBE(sat)
Base-Emitter Saturation Voltage
(IC=10mAdc, IB=1.0mAdc)
(IC=50mAdc, IB=5.0mAdc)
0.65
0.85
0.95
Vdc
SMALL-SIGNAL CHARACTERISTICS
fT
Current Gain-Bandwidth Product
(IC=10mAdc, VCE=20Vdc, f=100MHz)
250
MHz
Cobo
Output Capacitance
(VCB=5.0Vdec, IE=0, f=100MHz)
4.5
pF
Cibo
Input Capacitance
(VBE=0.5Vdc, IC=0, f=100kHz)
10.0
pF
NF
Noise Figure
(IC=100
µAdc, VCE=5.0Vdc, RS=1.0kΩ
f=10Hz to 15.7kHz)
4.0
dB
SWITCHING CHARACTERISTICS
td
Delay Time
(VCC=3.0Vdc, VBE=0.5Vdc
35
ns
tr
Rise Time
IC=10mAdc, IB1=1.0mAdc)
35
ns
ts
Storage Time
(VCC=3.0Vdc, IC=10mAdc
225
ns
tf
Fall Time
IB1=IB2=1.0mAdc)
75
ns
*Pulse Width
≤ 300µs, Duty Cycle ≤ 2.0%
A
E
B
C
D
G
 omponents
20736 Marilla
Street Chatsworth

 !"#
$%    !"#
MCC
Revision:
A
201
1/01/01
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.170
.190
4.33
4.83
B
.170
.190
4.30
4.83
C
.550
.590
13.97
14.97
D
.010
.020
0.36
0.56
E
.130
.160
3.30
3.96
G
.096
.104
2.44
2.64
TM
Micro Commercial Components
www.mccsemi.com
1 of 5
Marking:Type number
Capable of 600mW of Power Disspation and 200mA Ic
Through Hole Package
Moisure Sensitivity Level 1
Epoxy meets UL 94 V-0 flammability rating
Lead Free Finish/RoHS Compliant ("P" Suffix designates
RoHS Compliant. See ordering information)
E
B
C


Similar Part No. - 2N3906_11

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
2N3906 SECOS-2N3906_10 Datasheet
382Kb / 3P
   PNP General Purpose Transistor
logo
ON Semiconductor
2N3906 ONSEMI-2N3906_10 Datasheet
179Kb / 7P
   General Purpose Transistors
February, 2010 ??Rev. 4
logo
Unisonic Technologies
2N3906 UTC-2N3906_12 Datasheet
192Kb / 3P
   GENERAL PURPOSE APPLIATION
logo
SeCoS Halbleitertechnol...
2N3906 SECOS-2N3906_15 Datasheet
382Kb / 3P
   PNP General Purpose Transistor
logo
Diotec Semiconductor
2N3906 DIOTEC-2N3906_17 Datasheet
149Kb / 2P
   General Purpose PNP Transistors
More results

Similar Description - 2N3906_11

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
2N4125 FAIRCHILD-2N4125 Datasheet
23Kb / 2P
   PNP General Purpose Amplifier
logo
Micro Commercial Compon...
MMBT2907A MCC-MMBT2907A Datasheet
89Kb / 3P
   PNP General Purpose Amplifier
logo
Fairchild Semiconductor
BC214L FAIRCHILD-BC214L Datasheet
27Kb / 4P
   PNP General Purpose Amplifier
logo
Unisonic Technologies
MMBT4403 UTC-MMBT4403 Datasheet
137Kb / 5P
   PNP GENERAL PURPOSE AMPLIFIER
logo
Fairchild Semiconductor
2N3906 FAIRCHILD-2N3906_01 Datasheet
98Kb / 6P
   PNP General Purpose Amplifier
2N4402 FAIRCHILD-2N4402_01 Datasheet
68Kb / 7P
   PNP General Purpose Amplifier
BCW30 FAIRCHILD-BCW30_02 Datasheet
46Kb / 3P
   PNP General Purpose Amplifier
MPS6534 FAIRCHILD-MPS6534_01 Datasheet
294Kb / 7P
   PNP General Purpose Amplifier
MPS6562 FAIRCHILD-MPS6562_07 Datasheet
295Kb / 7P
   PNP General Purpose Amplifier
BCW89 FAIRCHILD-BCW89 Datasheet
77Kb / 3P
   PNP General Purpose Amplifier
logo
Galaxy Semi-Conductor H...
BC807 BILIN-BC807 Datasheet
193Kb / 5P
   PNP General Purpose Amplifier
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com