Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N4124 Datasheet(PDF) 1 Page - Micro Commercial Components

Part # 2N4124
Description  NPN Silicon General Purpose Transistor 625mW
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

2N4124 Datasheet(HTML) 1 Page - Micro Commercial Components

  2N4124 Datasheet HTML 1Page - Micro Commercial Components 2N4124 Datasheet HTML 2Page - Micro Commercial Components 2N4124 Datasheet HTML 3Page - Micro Commercial Components 2N4124 Datasheet HTML 4Page - Micro Commercial Components 2N4124 Datasheet HTML 5Page - Micro Commercial Components 2N4124 Datasheet HTML 6Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Mechanical Data
Maximum Ratings @ 25oC Unless Otherwise Specified
Charateristic
Symbol Value
Unit
Collector-Emitter Voltage 2N4123
2N4124
V
CEO
30
25
V
Collector-Base Voltage
2N4123
2N4124
V
CBO
40
30
V
Emitter-Base Voltage
2N4123
2N4124
V
EBO
5
V
Collector Current(DC)
I
C
200
mA
Power Dissipation@T
A=25
oC
P
d
625
5.0
mW
mW/
oC
Power Dissipation@T
C=25
oC
P
d
1.5
12
W
mW/
oC
Thermal Resistance, Junction to
Ambient Air
200
oC/W
Thermal Resistance, Junction to
Case
83.3
oC/W
Operating & Storage Temperature
T
j, TSTG -55~150
oC
2N4123
2N4124
NPN Silicon General
Purpose Transistor
625mW
TO-92
A
E
B
C
D
G


Revision: A
2011/01/01
 omponents
20736 Marilla Street Chatsworth

 !"#
$%    !"#
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.170
.190
4.33
4.83
B
.170
.190
4.30
4.83
C
.550
.590
13.97
14.97
D
.010
.020
0.36
0.56
E
.130
.160
3.30
3.96
G
.0
96
.104
2.44
2.64
TM
Micro Commercial Components
www.mccsemi.com
1 of 6
Through Hole TO-92 Package
Lead Free Finish/RoHS Compliant ("P" Suffix designates
RoHS Compliant. See ordering information)
Capable of 625mWatts of Power Dissipation
Epoxy meets UL 94 V-0 flammability rating
Moisure Sensitivity Level 1
Features
Case: TO-92, Molded Plastic
Marking: Part Number
MCC
E
B
C


Similar Part No. - 2N4124

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
2N4124 PHILIPS-2N4124 Datasheet
48Kb / 8P
   NPN general purpose transistor
1997 Mar 25
logo
ON Semiconductor
2N4124 ONSEMI-2N4124 Datasheet
121Kb / 6P
   General Purpose Transistors
November, 2008 ??Rev. 4
logo
Transys Electronics
2N4124 TRSYS-2N4124 Datasheet
124Kb / 1P
   NPN SMALL SIGNAL TRANSISTOR
logo
New Jersey Semi-Conduct...
2N4124 NJSEMI-2N4124 Datasheet
114Kb / 1P
   NPN SMALL SIGNAL GENERAL PURPOSE AMPLIFIER AND SWITCH
logo
Samsung semiconductor
2N4124 SAMSUNG-2N4124 Datasheet
31Kb / 1P
   NPN EPITAXIAL SILICON TRANSISTOR
More results

Similar Description - 2N4124

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
2N4123 MCC-2N4123 Datasheet
747Kb / 5P
   NPN Silicon General Purpose Transistor 625mW
2N6718 MCC-2N6718 Datasheet
307Kb / 3P
   NPN Silicon General Purpose Transistor 625mW
2N4123 MCC-2N4123_13 Datasheet
382Kb / 6P
   NPN Silicon General Purpose Transistor 625mW
PN2222A MCC-PN2222A_10 Datasheet
241Kb / 4P
   625mW NPN General Purpose Amplifier
PN2222A MCC-PN2222A_15 Datasheet
446Kb / 4P
   625mW NPN General Purpose Amplifier
BC546A MCC-BC546A_13 Datasheet
341Kb / 5P
   NPN Silicon Amplifier Transistor 625mW
BC546B MCC-BC546B_08 Datasheet
228Kb / 5P
   NPN Silicon Amplifier Transistor 625mW
BC546B MCC-BC546B Datasheet
1Mb / 4P
   NPN Silicon Amplifier Transistor 625mW
BC546A MCC-BC546A Datasheet
301Kb / 5P
   NPN Silicon Amplifier Transistor 625mW
MPSA42 MCC-MPSA42_08 Datasheet
133Kb / 4P
   NPN Silicon High Voltage Transistor 625mW
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com