Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BU2506FV Datasheet(PDF) 5 Page - Rohm

Part # BU2506FV
Description  High-precision 10bit 8ch/10ch D/A Converters
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU2506FV Datasheet(HTML) 5 Page - Rohm

  BU2506FV_11 Datasheet HTML 1Page - Rohm BU2506FV_11 Datasheet HTML 2Page - Rohm BU2506FV_11 Datasheet HTML 3Page - Rohm BU2506FV_11 Datasheet HTML 4Page - Rohm BU2506FV_11 Datasheet HTML 5Page - Rohm BU2506FV_11 Datasheet HTML 6Page - Rohm BU2506FV_11 Datasheet HTML 7Page - Rohm BU2506FV_11 Datasheet HTML 8Page - Rohm BU2506FV_11 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
BU2506FV,BU2505FV
Technical Note
5/10
www.rohm.com
2011.04 - Rev.B
© 2011ROHM Co., Ltd. All rights reserved.
BU2505FV
BU2506FV
Terminal Descriptions
No.
Terminal
Name
Analog /
Digital
I/O
Description
Equivalent
Circuit
1
VSS
Analog
-
DA converter lower standard voltage (VrefL) input terminal
6
2
AO3
Analog
O
10bit D/A output(CH3)
4
3
AO4
Analog
O
10bit D/A output(CH4)
4
4
AO5
Analog
O
10bit D/A output(CH5)
4
5
Reverse
Digital
I
The reverse LSB and MSB of data designation 10bit in 14bit.
2
6
Reset
Digital
I
All ch analog output L fixed
2
7
AO6
Analog
O
10bit D/A output(CH6)
4
8
AO7
Analog
O
10bit D/A output(CH7)
4
9
AO8
Analog
O
10bit D/A output(CH8)
4
10
VDD
Analog
-
DA converter upper standard voltage (VrefH) input terminal
5
11
VCC
-
-
Power source terminal
-
12
AO9(TEST1)
Analog
O
10bit D/A output(CH9) (BU2506FV : test terminal)
4
13
AO10(TEST2)
Analog
O
10bit D/A output(CH10) (BU2506FV : test terminal)
4
14
DO
Digital
O
This outputs bit data of LSB of 14bit shift register.
3
15
LD
Digital
I
LD terminal. When High level is input, the value of 14bit shift
register is loaded to decoder and D/A output register.
1
16
CLK
Digital
I
Shift clock input terminal. At rise of shift clock, the signal from
DI terminal is input to 14bit shift register.
1
17
DI
Digital
I
Serial data input terminal. Serial data whose data length is 14bit
(address 4bit + data 10bit) is input.
1
18
AO1
Analog
O
10bit D/A output(CH1)
4
19
AO2
Analog
O
10bit D/A output(CH2)
4
20
GND
-
-
GND terminal
-
*In the case of BU2506FV, be sure to leave the TEST1 and TEST2 terminals open


Similar Part No. - BU2506FV_11

ManufacturerPart #DatasheetDescription
logo
Rohm
BU2506FV-E2 ROHM-BU2506FV-E2 Datasheet
339Kb / 9P
   High-precision 10bit 8ch 10ch Type D/A Converters
BU2506FV-E2 ROHM-BU2506FV-E2 Datasheet
1Mb / 22P
   10bit 8ch/10ch D/A Converters
BU2506FV-E2 ROHM-BU2506FV-E2 Datasheet
1Mb / 21P
   10bit 4ch/6ch D/A Converters
BU2506FV ROHM-BU2506FV_09 Datasheet
339Kb / 9P
   High-precision 10bit 8ch 10ch Type D/A Converters
More results

Similar Description - BU2506FV_11

ManufacturerPart #DatasheetDescription
logo
Rohm
BU2506FV ROHM-BU2506FV_09 Datasheet
339Kb / 9P
   High-precision 10bit 8ch 10ch Type D/A Converters
BU2505FV ROHM-BU2505FV_15 Datasheet
1Mb / 22P
   10bit 8ch/10ch D/A Converters
BU2508FV ROHM-BU2508FV_11 Datasheet
301Kb / 9P
   High-precision 10bit 4ch/6ch D/A Converters
BU2508FV ROHM-BU2508FV_09 Datasheet
333Kb / 9P
   High-precision 10bit 4ch-E6ch Type D/A Converters
BU2507FV ROHM-BU2507FV_15 Datasheet
1Mb / 21P
   10bit 4ch/6ch D/A Converters
BH2223FV ROHM-BH2223FV_10 Datasheet
245Kb / 8P
   Standard 8bit 10ch/12ch D/A Converters
BH2223FV ROHM-BH2223FV_15 Datasheet
1Mb / 19P
   D/A Converters Standard 8bit 10ch/12ch
BH2223FV ROHM-BH2223FV_09 Datasheet
277Kb / 8P
   Standard 8bit 10ch-E12ch Type D/A Converters
BH2226FV ROHM-BH2226FV_09 Datasheet
387Kb / 10P
   Standard 8bit 8ch Type D/A Converters
BH2226FV ROHM-BH2226FV_15 Datasheet
1Mb / 20P
   D/A Converters Standard 8bit 8ch Type
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com