Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BU2374FV Datasheet(PDF) 10 Page - Rohm

Part # BU2374FV
Description  High Performance VCOs for Image Sampling
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU2374FV Datasheet(HTML) 10 Page - Rohm

Back Button BU2374FV Datasheet HTML 6Page - Rohm BU2374FV Datasheet HTML 7Page - Rohm BU2374FV Datasheet HTML 8Page - Rohm BU2374FV Datasheet HTML 9Page - Rohm BU2374FV Datasheet HTML 10Page - Rohm BU2374FV Datasheet HTML 11Page - Rohm BU2374FV Datasheet HTML 12Page - Rohm BU2374FV Datasheet HTML 13Page - Rohm BU2374FV Datasheet HTML 14Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
Technical Note
10/18
www.rohm.com
2011.08 - Rev.B
© 2011 ROHM Co., Ltd. All rights reserved.
BU2373FV,BU2374FV
Pin assignment function
PIN NO.
PIN name
Function
1
LOGIC_VDD Power supply for the internal Logic and the VCO output,
which should be separated from power supply for the VCO_VDD (analog block).
2
SELECT
VCO output frequency dividing mode selection pin.
H: Frequency dividing output, L: Through output
3
VCO_OUT
VCO output pin. If the VCO_INHIBIT is set to “H”, the VCO_OUT will be fixed to L.
4
FIN-A
Reference frequency input pin
5
FIN-B
VCO block frequency dividing input pin,
which inputs after the VCO output frequency is divided through the external counter.
6
PFD_OUT
Phase comparator output pin. If the PFD_INHIBIT is set to “H”,
the PFD_OUT will be set to Hi-Z output.
7
LOGIC_GND GND for the internal Logic and the VCO output
8
TEST
Test mode pin, which is normally used with set to OPEN or fixed to L.
Equipped with Pull-down resistor.
9
PFD_INHIBIT
Phase comparator inhibit control pin.
If the PFD_INHIBIT is set to “H”, the PFD_OUT will be set to Hi-Z output.
10
VCO_INHIBIT VCO inhibit control pin.
If the VCO_INHIBIT is set to “H”, the VCO_OUT will be fixed to L output.
11
VCO_GND
GND for VCO (Analog block GND)
12
VCO_IN
VCO control pin, to which loop filter output
for the PLL system is connected due to frequency control on normal system.
13
BIAS
Bias current setting pin for the shift of VCO oscillation range.
A resistor is connected to the VCO_VDD for the control of bias current.
14
VCO_VDD
VDD for VCO (power supply for analog block)
Example of application circuit
*
It is recommended to use bypass capacitors of good high-frequency characteristics.
*
It is recommended to apply power supply in the LOGIC_VDD and LOGIC_GND circuits for the SELECT. PFD_INHIBIT, and VCO_INHIBIT control pins.
Fig.51
recommend a lug lead filter.
R2
R1
C1
C2
1/N
Divider
H:VCO_OUT divide
L:VCO_OUT normal
H:VCO_OUT disable
L:VCO_OUT enable
H:PFD_OUT disable
L:PFD_OUT enable
The bypass capacitor between a digital power supply and GND should set aside
an analog power supply and GND. Please insert an about 0.01uF bypass
capacitor near the pin as much as possible.
Please separate completely the bypass capacitor between an analog power supply and
GND from a digital power supply and GND. Please insert an about 0.01µF bypass
capacitor near the pin as much as possible.
Please adjust so that the voltage of VCO_IN
is set to 1/2VDD.
1
2
3
4
5
6
7
14
13
12
11
10
9
8
SELECT
LOGIC_VDD
VCO_OUT
FIN_A
FIN_B
PFD_OUT
LOGIC_GND
VCO_VDD
BIAS
VCO_IN
VCO_GND
VCO_INHIBIT
PFD_INHIBIT
TEST


Similar Part No. - BU2374FV

ManufacturerPart #DatasheetDescription
logo
Rohm
BU2374FV ROHM-BU2374FV Datasheet
97Kb / 8P
   VCO phase comparator IC for PLL system
BU2374FV ROHM-BU2374FV Datasheet
288Kb / 6P
   Silicon monolithic integrated circuit
BU2374FV ROHM-BU2374FV_1 Datasheet
288Kb / 6P
   Silicon monolithic integrated circuit
More results

Similar Description - BU2374FV

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SCP2200 NXP-SCP2200 Datasheet
640Kb / 2P
   Image cognition processors for low-power, high-performance automotive image processing
2012
logo
List of Unclassifed Man...
ELIS-1024 ETC2-ELIS-1024 Datasheet
278Kb / 11P
   High Performance Linear Image Sensors
logo
Analog Devices
CN-0109 AD-CN-0109 Datasheet
121Kb / 3P
   Low Jitter Sampling Clock Generator for High Performance ADCs
REV. 0
logo
OmniVision Technologies...
OV16B10 OMNIVISION-OV16B10 Datasheet
703Kb / 2P
   High-Performance 16-Megapixel Image Sensor
logo
Texas Instruments
PCM4104PFBTG4 TI1-PCM4104PFBTG4 Datasheet
1Mb / 40P
[Old version datasheet]   High-Performance, 24-Bit,216kHz Sampling
logo
NXP Semiconductors
SAA7112 PHILIPS-SAA7112 Datasheet
81Kb / 8P
   Decoder with High-Performance Scaler HPS for Image Port PELICAN
1996 Jun 20
logo
Analog Devices
CN-0140 AD-CN-0140 Datasheet
198Kb / 4P
   High Performance, Dual Channel IF Sampling Receiver
REV. 0
logo
Silicon Laboratories
SI2200 SILABS-SI2200 Datasheet
824Kb / 30P
   RF SYNTHESIZER WITH INTEGRATED VCOS INTEGRATED VCOS
logo
OmniVision Technologies...
OV8865 OMNIVISION-OV8865 Datasheet
3Mb / 2P
   High-Performance, Low-Power 8-Megapixel Image Sensor
OV16E10 OMNIVISION-OV16E10 Datasheet
739Kb / 2P
   16MP Image Sensor Brings Top Performance
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com