Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BU2508FV Datasheet(PDF) 8 Page - Rohm

Part # BU2508FV
Description  High-precision 10bit 4ch/6ch D/A Converters
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU2508FV Datasheet(HTML) 8 Page - Rohm

  BU2508FV_11 Datasheet HTML 1Page - Rohm BU2508FV_11 Datasheet HTML 2Page - Rohm BU2508FV_11 Datasheet HTML 3Page - Rohm BU2508FV_11 Datasheet HTML 4Page - Rohm BU2508FV_11 Datasheet HTML 5Page - Rohm BU2508FV_11 Datasheet HTML 6Page - Rohm BU2508FV_11 Datasheet HTML 7Page - Rohm BU2508FV_11 Datasheet HTML 8Page - Rohm BU2508FV_11 Datasheet HTML 9Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
BU2508FV,BU2507FV
Technical Note
8/8
www.rohm.com
2011.08 - Rev.C
© 2011 ROHM Co., Ltd. All rights reserved.
Ordering part number
B
U
2
5
0
8
F
V
-
E
2
Part No.
Part No.
2507
2508
Package
FV: SSOP-B14
Packaging and forming specification
E2: Embossed tape and reel
Order quantity needs to be multiple of the minimum quantity.
<Tape and Reel information>
Embossed carrier tape
Tape
Quantity
Direction
of feed
The direction is the 1pin of product is at the upper left when you hold
reel on the left hand and you pull out the tape on the right hand
2500pcs
E2
()
Direction of feed
Reel
1pin
(Unit : mm)
SSOP-B14
8
7
14
1
5.0
± 0.2
0.22
± 0.1
0.65
0.15
± 0.1
0.1


Similar Part No. - BU2508FV_11

ManufacturerPart #DatasheetDescription
logo
Rohm
BU2508FV-E2 ROHM-BU2508FV-E2 Datasheet
333Kb / 9P
   High-precision 10bit 4ch-E6ch Type D/A Converters
BU2508FV ROHM-BU2508FV_09 Datasheet
333Kb / 9P
   High-precision 10bit 4ch-E6ch Type D/A Converters
More results

Similar Description - BU2508FV_11

ManufacturerPart #DatasheetDescription
logo
Rohm
BU2507FV ROHM-BU2507FV_15 Datasheet
1Mb / 21P
   10bit 4ch/6ch D/A Converters
BU2508FV ROHM-BU2508FV_09 Datasheet
333Kb / 9P
   High-precision 10bit 4ch-E6ch Type D/A Converters
BH2227FV ROHM-BH2227FV_15 Datasheet
1Mb / 18P
   D/A Converters Standard 8bit 4ch ??6ch Type
BU2506FV ROHM-BU2506FV_11 Datasheet
341Kb / 11P
   High-precision 10bit 8ch/10ch D/A Converters
BU2506FV ROHM-BU2506FV_09 Datasheet
339Kb / 9P
   High-precision 10bit 8ch 10ch Type D/A Converters
logo
Asahi Kasei Microsystem...
AK8432 AKM-AK8432 Datasheet
1Mb / 46P
   6CH 10bit 40MSPS횞3
logo
Rohm
BU2505FV ROHM-BU2505FV_15 Datasheet
1Mb / 22P
   10bit 8ch/10ch D/A Converters
BH2227FV ROHM-BH2227FV_09 Datasheet
257Kb / 9P
   Standard 8bit 4ch-E6ch Type D/A Converters
BH2227FV ROHM-BH2227FV_11 Datasheet
235Kb / 9P
   Standard 8bit 4ch??ch Type D/A Converters
logo
Asahi Kasei Microsystem...
AK4591 AKM-AK4591 Datasheet
257Kb / 40P
   24bit 4ch ADC 24bit 6ch DAC
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com