Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GP1U280Y Datasheet(PDF) 5 Page - Sharp Corporation

Part # GP1U280Y
Description  Compact IR Detecting Unit for Remote Control
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GP1U280Y Datasheet(HTML) 5 Page - Sharp Corporation

  GP1U280Y Datasheet HTML 1Page - Sharp Corporation GP1U280Y Datasheet HTML 2Page - Sharp Corporation GP1U280Y Datasheet HTML 3Page - Sharp Corporation GP1U280Y Datasheet HTML 4Page - Sharp Corporation GP1U280Y Datasheet HTML 5Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
014
1
234
56
7
8
9 10 11 12 13
0
100
200
300
700
400
500
600
GP1U26X/27X/28X/28Y Series
700
800
900
1000
1100
1200
10
20
30
40
50
60
70
80
90
100
Precautions for Operation
1) In case of adopting the infrared light detecting unit for the wireless remote control, use it in accordance
with the transmission scheme and the signal format recommended in "Countermeasures for malfunction prevention of
home appliances with remote control" issued from Japan Association of Electrical Home Appliances (AEHA) in July, 1987.
Use of a transmission scheme and a signal format different from those recommended may cause malfunction of home appliances.
(Example : signal format without leader signal, bit structure of small duty ratio (T /(T +T )))
2) Use the light emitting unit (remote control transmitter), in consideration of performance, characteristics,
operating conditions of light light emitting device and the characteristics of the light detecting unit.
3) Pay attention to a malfunction of the light detecting unit when the surface is stained with dust and refuse.
Care must be taken not to touch the light detector surface.
If it should be dirty, wipe off such dust and refuse with soft cloth so as to prevent scratch. In case some solvents are required,
use methyl alcohol, ethyl alcohol or isopropyl alcohol only.
Also, protect the light detecting unit against flux and others, since their deposition on the unit inside causes reduction of the function,
fading of markings such as the part number.
4) The shield case should be grounded on PWB pattern.
(The area across the shield case and the GND terminal is internally conductive in some cases and non-conductive in some other cases.)
5) Do not apply unnecessary force to the terminal and the case.
6) Do not push the light detector surface (photodiode) from outside.
7) To avoid the electrostatic breakdown of IC, handle the unit under the condition of grounding with human body, soldering iron, etc.
8) Do not use hole and groove set in the case of the light detecting unit for other purposes,
since they are required to maintain the specified performance.
HH
L
Unit
1st bit
AEHA code
generating transmitter
V
=5V, Ta=RT,
φ =0˚ ,
Ee < 10 lx, T=430
µ s
Reception distance (m)
Wavelength
λ (nm)
Fig. 6 Spectral Sensitivity for Reference
Fig. 5 AEHA (Japan Association of Electrical Home Appliances)
Code Pulse Width Characteristics (1st Bit) [TYP.] for Reference
High level pulse width
Low level pulse width
CC
s


Similar Part No. - GP1U280Y

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GP1U28Q SHARP-GP1U28Q Datasheet
87Kb / 5P
   Anti Electromagnetic Induction Noise Type Compact IR Detecting Unit for Remote Control
GP1U28R SHARP-GP1U28R Datasheet
87Kb / 5P
   Anti Electromagnetic Induction Noise Type Compact IR Detecting Unit for Remote Control
More results

Similar Description - GP1U280Y

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GP1UM271XK SHARP-GP1UM271XK Datasheet
86Kb / 7P
   Compact IR Detecting Unit for Remote Control
GP1UM261XKVF SHARP-GP1UM261XKVF Datasheet
615Kb / 6P
   Compact IR Detecting Unit for Remote Control
GP1U57X SHARP-GP1U57X Datasheet
36Kb / 4P
   IR Detecting Unit For Remote Control
GP1U58X SHARP-GP1U58X Datasheet
36Kb / 4P
   IR Detecting Unit For Remote Control
GP1U77R SHARP-GP1U77R Datasheet
37Kb / 4P
   IR Detecting Unit For Remote Control
GP1U90X SHARP-GP1U90X Datasheet
37Kb / 4P
   IR Detecting Unit for Remote Control
GP1U78R SHARP-GP1U78R Datasheet
37Kb / 4P
   IR Detecting Unit For Remote Control
GP1U58Y SHARP-GP1U58Y Datasheet
37Kb / 4P
   IR Detecting Unit For Remote Control
GP1U78Q SHARP-GP1U78Q Datasheet
38Kb / 4P
   IR Detecting Unit For Remote Control
GP1UE27XK SHARP-GP1UE27XK Datasheet
86Kb / 7P
   Low Voltage Operation, Compact IR Detecting Unit for Remote Control
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com