Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BU6521KV Datasheet(PDF) 2 Page - Rohm

Part # BU6521KV
Description  Video Encoders built-in Image Correction
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU6521KV Datasheet(HTML) 2 Page - Rohm

  BU6521KV Datasheet HTML 1Page - Rohm BU6521KV Datasheet HTML 2Page - Rohm BU6521KV Datasheet HTML 3Page - Rohm BU6521KV Datasheet HTML 4Page - Rohm BU6521KV Datasheet HTML 5Page - Rohm BU6521KV Datasheet HTML 6Page - Rohm BU6521KV Datasheet HTML 7Page - Rohm BU6521KV Datasheet HTML 8Page - Rohm BU6521KV Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
Technical Note
2/18
BU6520KV,BU6521KV
www.rohm.com
2010.02 - Rev.C
© 2010 ROHM Co., Ltd. All rights reserved.
●Absolute maximum ratings
Parameter
Symbol
Rating
Unit
Supply voltage1 (IO)
VDDIO
-0.3~+4.2
V
Supply voltage2 (IO)
VDDI2C
-0.3~+4.2
V
Supply voltage3 (DAC)
AVDD
-0.3~+4.2
V
Supply voltage4 (CORE)
VDD
-0.3~+2.1
V
Input voltage range
VIN
-0.3~IO_LVL+0.3
*1
V
Storage temperature range
Tstg
-40~+125
Power dissipation
PD
400
*2, 900 *3
mW
*1 IO_LVL is a generic name of VDDIO, VDDI2C, and AVDD.
*2 IC only. In the case exceeding 25ºC, 4.0mW should be reduced at the rating 1ºC.
*3 When packaging a glass epoxy board of 70x70x1.6mm. If exceeding 25ºC, 9.0mW should be reduced at the rating 1ºC.
*
Has not been designed to withstand radiation.
*
Operation is not guaranteed at absolute maximum ratings.
●Operating conditions
Parameter
Symbol
Ratings
Unit
Supply voltage 1 (IO)
VDDIO
2.70 ~ 3.60 (Typ.: 3.30)
V
Supply voltage 2 (IO)
VDDI2C
2.70 ~ 3.60 (Typ.: 3.30)
V
Supply voltage 3 (DAC)
AVDD
2.70 ~ 3.60 (Typ.: 3.30)
V
Supply voltage 4 (CORE)
VDD
1.40 ~ 1.60 (Typ.: 1.50)
V
Input voltage range
VIN
0.00 ~ IO_LVL
*1
V
Operating temperature range
Topr
-40 ~ +85
ºC
*1 IO_LVL is a generic name of VDDIO, VDDI2C, and AVDD.
*
Please supply power source in order of VDD→(VDDIO, VDDI2C, and AVDD).


Similar Part No. - BU6521KV

ManufacturerPart #DatasheetDescription
logo
Rohm
BU6521KV ROHM-BU6521KV Datasheet
351Kb / 19P
   Video Encoders built-in Image Correction
More results

Similar Description - BU6521KV

ManufacturerPart #DatasheetDescription
logo
Rohm
BU6520KV ROHM-BU6520KV Datasheet
351Kb / 19P
   Video Encoders built-in Image Correction
logo
Renesas Technology Corp
TW2871 RENESAS-TW2871 Datasheet
147Kb / 2P
   Fisheye Distortion Correction LSI with Built-in Image Signal Processor, Motion Detector and DDR2 Controller
logo
NXP Semiconductors
SAA7184 PHILIPS-SAA7184 Datasheet
170Kb / 36P
   Digital Video Encoders DENC2-M6
1996 Jul 03
logo
Cadeka Microcircuits LL...
TMC22091 CADEKA-TMC22091 Datasheet
397Kb / 60P
   Digital Video Encoders/Layering Engine
logo
Fairchild Semiconductor
TMC22091 FAIRCHILD-TMC22091 Datasheet
293Kb / 60P
   Digital Video Encoders/Layering Engine
logo
List of Unclassifed Man...
ET4000V33 ETC1-ET4000V33 Datasheet
5Mb / 92P
   Video Image Processor
logo
Rohm
BU1523KV ROHM-BU1523KV Datasheet
406Kb / 23P
   Image Correction IC for Panel
logo
Moxa Inc.
464 MOXA-464 Datasheet
730Kb / 5P
   Superior video performance, 4-channel industrial video encoders
logo
Rohm
BU1571KN ROHM-BU1571KN_10 Datasheet
236Kb / 9P
   Image Correction IC for Camera
logo
Nippon Precision Circui...
SM5304AV NPC-SM5304AV_06 Datasheet
231Kb / 12P
   Video Buffer with Built-in Analog LPF
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com