Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BU6650NUX Datasheet(PDF) 2 Page - Rohm

Part # BU6650NUX
Description  3ch CMOS LDO Regulators
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU6650NUX Datasheet(HTML) 2 Page - Rohm

  BU6650NUX_11 Datasheet HTML 1Page - Rohm BU6650NUX_11 Datasheet HTML 2Page - Rohm BU6650NUX_11 Datasheet HTML 3Page - Rohm BU6650NUX_11 Datasheet HTML 4Page - Rohm BU6650NUX_11 Datasheet HTML 5Page - Rohm BU6650NUX_11 Datasheet HTML 6Page - Rohm BU6650NUX_11 Datasheet HTML 7Page - Rohm BU6650NUX_11 Datasheet HTML 8Page - Rohm BU6650NUX_11 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
Technical Note
2/21
www.rohm.com
2011.03 - Rev.E
© 2011 ROHM Co., Ltd. All rights reserved.
BU6650NUX,BU6651NUX,BU6652NUX,BU6653NUX,BU6654NUX,BU6655NUX
Absolute maximum rating
Parameter
Symbol
Ratings
Unit
Maximum applied power voltage
VMAX
-0.3 ~ +6.0
V
Power dissipation
Pd
660*
1
MW
Maximum junction temperature
TjMAX
+125
°C
Operational temperature range
Topr
-40 ~ +85
°C
Storage temperature range
Tstg
-55 ~ +125
°C
*1 PCB (70 mm
 70 mm, thickness 1.6-mm glass epoxy) a standard ROHM board is implemented. Reduced to 6.6 mW/C when used at Ta=25C or higher.
Recommended operating range (Do not exceed Pd.)
Parameter
Symbol
Ratings
Unit
Input power supply voltage
VIN
2.5 ~ 5.5
V
Maximum output current
IMAX
200
mA
Recommended operating conditions
Parameter
Symbol
Ratings
Unit
Conditions
Min.
TYp.
Max.
Input capacitor
CIN
1.0*
2
2.2
μ
F
A ceramic capacitor is recommended.
Output capacitor
CO
0.5*
2
1.0
μ
F
A ceramic capacitor is recommended.
*2 Set the capacity value of the capacitor so that it does not fall below the minimum value, taking temperature characteristics,
DC device characteristics, and change with time into consideration.


Similar Part No. - BU6650NUX_11

ManufacturerPart #DatasheetDescription
logo
Rohm
BU6650NUX ROHM-BU6650NUX Datasheet
968Kb / 18P
   High-speed Load Response Full CMOS LDP Regulators
More results

Similar Description - BU6650NUX_11

ManufacturerPart #DatasheetDescription
logo
Rohm
BU18SD5WG ROHM-BU18SD5WG Datasheet
944Kb / 21P
   CMOS LDO Regulators
BH30FB1WHFV-TR ROHM-BH30FB1WHFV-TR Datasheet
702Kb / 9P
   Standard CMOS LDO Regulators Large Current 300mA CMOS LDO Regulators
BH15FB1WG ROHM-BH15FB1WG Datasheet
702Kb / 9P
   Standard CMOS LDO Regulators Large Current 300mA CMOS LDO Regulators
BH25FB1WG-TR ROHM-BH25FB1WG-TR Datasheet
702Kb / 9P
   Standard CMOS LDO Regulators
BH33FB1WG-TR ROHM-BH33FB1WG-TR Datasheet
702Kb / 9P
   Standard CMOS LDO Regulators
BHXXFB1WG ROHM-BHXXFB1WG_09 Datasheet
832Kb / 9P
   Standard CMOS LDO Regulators
BH15FB1WG ROHM-BH15FB1WG Datasheet
700Kb / 9P
   Standard CMOS LDO Regulators
BU10TD2WNVX ROHM-BU10TD2WNVX Datasheet
2Mb / 42P
   1ch 200mA CMOS LDO Regulators
logo
Fairchild Semiconductor
FAN2504 FAIRCHILD-FAN2504 Datasheet
252Kb / 10P
   200 mA CMOS LDO Regulators
FAN2500 FAIRCHILD-FAN2500 Datasheet
251Kb / 10P
   100 mA CMOS LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com