Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BU7150NUV Datasheet(PDF) 7 Page - Rohm

Part # BU7150NUV
Description  Headphone Amplifier Designed for 0.93V Low Voltage Operation
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU7150NUV Datasheet(HTML) 7 Page - Rohm

Back Button BU7150NUV Datasheet HTML 3Page - Rohm BU7150NUV Datasheet HTML 4Page - Rohm BU7150NUV Datasheet HTML 5Page - Rohm BU7150NUV Datasheet HTML 6Page - Rohm BU7150NUV Datasheet HTML 7Page - Rohm BU7150NUV Datasheet HTML 8Page - Rohm BU7150NUV Datasheet HTML 9Page - Rohm BU7150NUV Datasheet HTML 10Page - Rohm BU7150NUV Datasheet HTML 11Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
Technical Note
7/16
BU7150NUV
www.rohm.com
2011.05 - Rev.C
© 2011 ROHM Co., Ltd. All rights reserved.
Application Circuit
Resistors RF1, RF2 should be used in 20kΩ~1MΩ range.
For gain setting greater than 4 times, then RC1, RC2, CC1, CC2 can be eliminated.
Fig. 34 Single-ended mode application circuit
Resistors RF1, RF2 should be used in 20kΩ~1MΩ range
Fig. 35 BTL mode application circuit


Similar Part No. - BU7150NUV

ManufacturerPart #DatasheetDescription
logo
Rohm
BU7150NUV ROHM-BU7150NUV Datasheet
570Kb / 22P
   Headphone Amplifier Designed for 0.93V Low Voltage Operation
BU7150NUV-E2 ROHM-BU7150NUV-E2 Datasheet
570Kb / 22P
   Headphone Amplifier Designed for 0.93V Low Voltage Operation
BU7150NUV ROHM-BU7150NUV_15 Datasheet
570Kb / 22P
   Headphone Amplifier Designed for 0.93V Low Voltage Operation
More results

Similar Description - BU7150NUV

ManufacturerPart #DatasheetDescription
logo
Rohm
BU7150NUV ROHM-BU7150NUV_15 Datasheet
570Kb / 22P
   Headphone Amplifier Designed for 0.93V Low Voltage Operation
logo
New Japan Radio
NJM2171A NJRC-NJM2171A Datasheet
23Kb / 3P
   LOW VOLTAGE HEADPHONE AMPLIFIER for PORTABLE AUDIO
logo
Sanyo Semicon Device
LA4571MB SANYO-LA4571MB Datasheet
222Kb / 10P
   Low-Voltage Headphone Amplifier for Stereo Audio
logo
New Japan Radio
NJM2772V-TE1 NJRC-NJM2772V-TE1 Datasheet
59Kb / 4P
   LOW-VOLTAGE HEADPHONE AMPLIFIER for PORTABLE-AUDIO
NJM2772 NJRC-NJM2772 Datasheet
55Kb / 4P
   LOW-VOLTAGE HEADPHONE AMPLIFIER for PORTABLE-AUDIO
logo
NXP Semiconductors
TDA8559 PHILIPS-TDA8559 Datasheet
264Kb / 32P
   Low-voltage stereo headphone amplifier
1997 Jun 27
logo
Unisonic Technologies
A4533 UTC-A4533_15 Datasheet
168Kb / 4P
   LOW POWER AMPLIFIER FOR HEADPHONE STEREOS
A4533 UTC-A4533 Datasheet
112Kb / 4P
   LOW POWER AMPLIFIER FOR HEADPHONE STEREOS
A4533 UTC-A4533_10 Datasheet
145Kb / 4P
   LOW POWER AMPLIFIER FOR HEADPHONE STEREOS
logo
Cirrus Logic
CS44L11 CIRRUS-CS44L11 Datasheet
476Kb / 34P
   Low Voltage Class-D PWM Headphone Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com