Electronic Components Datasheet Search |
|
BU4081BFE2 Datasheet(PDF) 9 Page - Rohm |
|
BU4081BFE2 Datasheet(HTML) 9 Page - Rohm |
9 / 22 page BU4001B/F,BU4011B/F/FV,BU4030B/F,BU4070B/F, BU4081B/F/FV,BU4093B/F/FV,BU4069UB/F/FV,BU4584B/F/FV Technical Note 9/21 www.rohm.com 2011.08 - Rev.B © 2011 ROHM Co., Ltd. All rights reserved. ● Electrical Characteristics(BU4584B)(Unless otherwise noted, VSS=0V, Ta=25℃, CL=50pF) Parameter Symbol Standard Value Unit Condition Fig.No MIN TYP MAX VDD[V] Input “H” voltage VIH 3.5 - - V 5 - 55 7.0 - - 10 56 11.0 - - 15 57 Input “L” voltage VIL - - 1.5 V 5 - 55 - - 3.0 10 56 - - 4.0 15 57 Input “H” current IIH - - 0.3 μA 15 VIH=15[V] - Input “L” current IIL - - -0.3 μA 15 VIL=0[V] - Output “H” voltage VOH 4.95 - - V 5 IO=0[mA] 55 9.95 - - 10 56 14.95 - - 15 57 Output “L” voltage VOL - - 0.05 V 5 IO=0[mA] 55 - - 0.05 10 56 - - 0.05 15 57 Output “H” current IOH -0.44 - - mA 5 VOH=4.6[V] 58 -1.1 - - 10 VOH=9.5[V] -3.0 - - 15 VOH=13.5[V] Output “L” current IOL 0.44 - - mA 5 VOL=0.4[V] 59 1.1 - - 10 VOL=0.5[V] 3.0 - - 15 VOL=1.5[V] Static supply current IDD - - 1 μA 5 - - - - 2 10 - - 4 15 Hysteresis voltage VH 0.15 - 0.6 μA 5 - - 0.25 - 1.0 10 0.40 - 1.5 15 Input capacitance CIN - 5 - pF - - - Parameter Symbol Standard Value Unit Condition Fig.No MIN TYP MAX VDD[V] Output rising time tTLH - 100 - ns 5 - 60 - 50 - 10 - 40 - 15 Output falling time tTHL - 100 - ns 5 - 61 - 50 - 10 - 40 - 15 “L” to ”H” Propagation delay time tPLH - 125 - ns 5 - 62 - 60 - 10 - 50 - 15 “H” to ”L” Propagation delay time tPHL - 125 - ns 5 - 63 - 60 - 10 - 50 - 15 |
Similar Part No. - BU4081BFE2 |
|
Similar Description - BU4081BFE2 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |