Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GP2S03 Datasheet(PDF) 1 Page - Sharp Corporation

Part # GP2S03
Description  Long Focal Distance Type Photointerrupter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GP2S03 Datasheet(HTML) 1 Page - Sharp Corporation

  GP2S03 Datasheet HTML 1Page - Sharp Corporation GP2S03 Datasheet HTML 2Page - Sharp Corporation GP2S03 Datasheet HTML 3Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
s Absolute Maximum Ratings
( Ta= 25˚C)
GP2S03
∗2 For 5 seconds
GP2S03
Long Focal Distance Type
s Features
s Applications
s Outline Dimensions
( Unit : mm)
1. Analyzers, measuring instruments
2. Copiers, printers
3. Optoelectronic switches, optoelectronic
cunters
A
K
E
C
(3.0)
C1.0
2S03
(12.0)(2.54)
Internal connection
diagram
1
2
3
4
1 Anode
2 Emitter
3 Collector
4 Cathode
1
4
2
3
∗( ) : Reference dimensions
1. Long focal distance ( 4mm )
2. Visible light cut-off type
Photointerrupter
Parameter
Symbol
Rating
Unit
Input
Forward current
IF
50
mA
∗1Peak forward current
IFM
1A
Reverse voltage
VR
6V
Power dissipation
P
75
mW
Output
Collector-emitter voltage
VCEO
35
V
Emitter-collector voltage
VECO
6V
Collector current
IC
20
mA
Collector power dissipation
PC
75
mW
Topr
- 25 to + 85
˚C
Storage temperture
Tstg
- 40 to + 100
˚C
∗2Soldering temperature
Tsol
260
˚C
Operating temperature
data books, etc. Contact SHARP in order to obtain the latest version of the device specification sheets before using any SHARP's device.”
“ In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that occur in equipment using any of SHARP's devices, shown in catalogs,
∗1 Pulse width<= 100µs, Duty ratio = 0.01
2 -
φ2.0
14.0
± 0.2
12.0
± 0.2
6.5 ± 0.15
4 -
0.45
+ 0.3
- 0.1
φ 2.0+ 0.2
- 0


Similar Part No. - GP2S03

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GP2S01 SHARP-GP2S01 Datasheet
58Kb / 4P
   Long Focal Distance Type Photointerrupter
GP2S01F SHARP-GP2S01F Datasheet
58Kb / 4P
   Long Focal Distance Type Photointerrupter
GP2S04 SHARP-GP2S04 Datasheet
175Kb / 5P
   SUBMINIATURE PHOTOINTERRUPTER
GP2S05 SHARP-GP2S05 Datasheet
145Kb / 4P
   SUBMINIATURE PHOTO INTERRUPTER WITH LENS
GP2S06 SHARP-GP2S06 Datasheet
175Kb / 5P
   SUBMINIATURE PHOTOINTERRUPTER
More results

Similar Description - GP2S03

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GP2S01 SHARP-GP2S01 Datasheet
58Kb / 4P
   Long Focal Distance Type Photointerrupter
GP2S28 SHARP-GP2S28 Datasheet
47Kb / 4P
   Long Focal Distance, Case Type Photointerrupter
GP2S29 SHARP-GP2S29 Datasheet
67Kb / 5P
   Long Focal Distance, Reflective Type Photointerrupter
GP2S40 SHARP-GP2S40 Datasheet
48Kb / 4P
   Long Focal Distance, Subminiature Photointerrupter
GP2L01 SHARP-GP2L01 Datasheet
51Kb / 4P
   High Sensitivity, Long Focal Distance Type Photointerrupter
GP2S30 SHARP-GP2S30 Datasheet
53Kb / 4P
   Long Focal Distance Type Photointerrupter with Connector
GP2A20 SHARP-GP2A20 Datasheet
46Kb / 3P
   Light Modulation, Long Focal Distance Type OPIC Photointerrupter
GP2A12F SHARP-GP2A12F Datasheet
84Kb / 3P
   Long Focal Distance, Open Collector Output, Reflective type OPIC Photointerrupter
GP2A10 SHARP-GP2A10 Datasheet
73Kb / 3P
   LONG FOCAL DISTANCE OPEN COLLECTOR OUTPUT REFLECTIVE TYPE OPIC PHOTOINTERRUPTER
PC110L SHARP-PC110L Datasheet
98Kb / 6P
   Long Creepage Distance Type Photocoupler
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com