Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BU7262NUX Datasheet(PDF) 11 Page - Rohm

Part # BU7262NUX
Description  Full Swing Low Voltage Operation CMOS Operational Amplifiers
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU7262NUX Datasheet(HTML) 11 Page - Rohm

Back Button BU7262NUX Datasheet HTML 7Page - Rohm BU7262NUX Datasheet HTML 8Page - Rohm BU7262NUX Datasheet HTML 9Page - Rohm BU7262NUX Datasheet HTML 10Page - Rohm BU7262NUX Datasheet HTML 11Page - Rohm BU7262NUX Datasheet HTML 12Page - Rohm BU7262NUX Datasheet HTML 13Page - Rohm BU7262NUX Datasheet HTML 14Page - Rohm BU7262NUX Datasheet HTML 15Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 37 page
background image
Technical Note
11/36
www.rohm.com
2010.12 - Rev.A
© 2010 ROHM Co., Ltd. All rights reserved.
BU7261/BU7261S family, BU7241/BU7241S family, BU7295/BU7295S family, BU7275/BU7275S family
BU7262/BU7262S family, BU7242/BU7242S family, BU7264/BU7264S family, BU7244/BU7244S family
Reference Data (BU7261 family)
(*) The above data is ability value of sample, it is not guaranteed. BU7261G: -40[℃] ~ +85[℃] BU7261SG: -40[℃] ~ +105[℃]
0
5
10
15
20
-60
-30
0
30
60
90
120
AMBIENT TEMPERATURE [℃]
0
10
20
30
40
50
0
0.5
1
1.5
2
2.5
3
OUTPUT VOLTAGE [V]
Output Sink Current – Ambient Temperature
(VOUT=VSS+0.4[V])
Output Sink Current – Output Voltage
(VDD=3[V])
Output Source Current – Ambient Temperature
(VOUT=VDD-0.4[V])
0
1
2
3
4
5
6
12
3
4
56
SUPPLY VOLTAGE [V]
Output Voltage Low – Supply Voltage
(RL=10[kΩ])
0
5
10
15
20
12
3
45
6
SUPPLY VOLTAGE [V]
-40℃
25℃
85℃
BU7261 family
105℃
0
10
20
30
40
-60
-30
0
306090
120
AMBIENT TEMPERATURE [℃]
5.5V
1.8V
3.0V
BU7261 family
Supply Current – Supply Voltage
0
200
400
600
800
1000
-60
-30
0
30
60
90
120
AMBIENT TEMPERATURE [℃]
1.8V
5.5V
3.0V
Supply Current – Ambient Temperature
BU7261 family
-40℃
25℃
85℃
105℃
BU7261 family
Output Voltage High – Supply Voltage
(RL=10[kΩ])
0
1
2
3
4
5
6
-60
-30
0
306090
120
AMBIENT TEMPERATURE [℃]
1.8V
5.5V
3.0V
Output Voltage High – Ambient Temperature
(RL=10[kΩ])
BU7261 family
0
5
10
15
20
-60
-30
0
30
60
90
120
AMBIENT TEMPERATURE [℃]
1.8V
5.5V
3.0V
Output Voltage Low – Ambient Temperature
(RL=10[kΩ])
BU7261 family
0
20
40
60
80
0.0
0.5
1.0
1.5
2.0
2.5
3.0
OUTPUT VOLTAGE [V]
-40℃
25℃
85℃
105℃
BU7261 family
Derating curve
Derating curve
1.8V
5.5V
3.0V
BU7261 family
-40℃
25℃
85℃
105℃
Output Source Current – Output Voltage
(VDD=3[V])
BU7261 family
Fig.4
Fig.5
Fig.6
Fig.7
Fig.8
Fig.9
Fig.10
Fig.11
Fig.12
0
200
400
600
800
1000
12
34
56
SUPPLY VOLTAGE [V]
0
200
400
600
800
0
50
100
150
AMBIENT TEMPERATURE [℃]
0
200
400
600
800
0
50
100
150
AMBIENT TEMPERATURE [℃]
-40℃
25℃
85℃
105℃
BU7261 family
BU7261G
85
BU7261 family
105
BU7261 family
BU7261SG
Fig.1
Fig.2
Fig.3


Similar Part No. - BU7262NUX

ManufacturerPart #DatasheetDescription
logo
Rohm
BU7262NUX ROHM-BU7262NUX Datasheet
932Kb / 46P
   Input/Output Full Swing CMOS Operational Amplifiers
BU7262NUX ROHM-BU7262NUX Datasheet
897Kb / 46P
   Input/Output Full Swing Input/Output Full Swing
BU7262NUX-TR ROHM-BU7262NUX-TR Datasheet
932Kb / 46P
   Input/Output Full Swing CMOS Operational Amplifiers
BU7262NUX-TR ROHM-BU7262NUX-TR Datasheet
3Mb / 48P
   CMOS Operational Amplifiers
BU7262NUX-TR ROHM-BU7262NUX-TR Datasheet
897Kb / 46P
   Input/Output Full Swing Input/Output Full Swing
More results

Similar Description - BU7262NUX

ManufacturerPart #DatasheetDescription
logo
Rohm
BD7561G-TR ROHM-BD7561G-TR Datasheet
2Mb / 34P
   Input/Output Full Swing High Voltage Operation CMOS Operational Amplifiers
BU7255HFV-TR ROHM-BU7255HFV-TR Datasheet
489Kb / 22P
   Input/Output Full Swing Low Voltage Operation High Speed CMOS Operational Amplifiers
BD7561G ROHM-BD7561G_12 Datasheet
483Kb / 21P
   High Voltage Operation CMOS Operational Amplifiers:Input/Output Full Swing
BD7561G ROHM-BD7561G_09 Datasheet
546Kb / 21P
   High Voltage Operation CMOS Operational Amplifiers:Input/Output Full Swing
BU7264FV ROHM-BU7264FV Datasheet
932Kb / 46P
   Input/Output Full Swing CMOS Operational Amplifiers
LMR341G ROHM-LMR341G_V01 Datasheet
4Mb / 53P
   Low Supply Current Output Full Swing CMOS Operational Amplifiers
16.Jun.2015 Rev.007
BU7295HFV-TR ROHM-BU7295HFV-TR Datasheet
897Kb / 46P
   Input/Output Full Swing CMOS Operational Amplifiers
LMR341G ROHM-LMR341G_15 Datasheet
4Mb / 54P
   Low Supply Current Output Full Swing CMOS Operational Amplifiers
BU7261G ROHM-BU7261G Datasheet
721Kb / 33P
   Low Voltage Operation CMOS Operational Amplifiers
BU7294F ROHM-BU7294F Datasheet
765Kb / 30P
   Input/Output Full Swing High Slew Rate Low Voltage CMOS Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com