Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD7344HFV-TR Datasheet(PDF) 3 Page - Rohm

Part # BD7344HFV-TR
Description  Compact 1ch Clock Generators for Digital Cameras
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD7344HFV-TR Datasheet(HTML) 3 Page - Rohm

  BD7344HFV-TR Datasheet HTML 1Page - Rohm BD7344HFV-TR Datasheet HTML 2Page - Rohm BD7344HFV-TR Datasheet HTML 3Page - Rohm BD7344HFV-TR Datasheet HTML 4Page - Rohm BD7344HFV-TR Datasheet HTML 5Page - Rohm BD7344HFV-TR Datasheet HTML 6Page - Rohm BD7344HFV-TR Datasheet HTML 7Page - Rohm BD7344HFV-TR Datasheet HTML 8Page - Rohm BD7344HFV-TR Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Technical Note
3/13
BU7344HFV,BU7345HFV,BU7346GUL
www.rohm.com
2011.01 - Rev.A
© 2011 ROHM Co., Ltd. All rights reserved.
BU7345HFV (Ta=25 ℃, VDD=3.3V, Crystal frequency=27.0000MHz, unless otherwise specified.)
Parameter
Symbol
Limits
Unit
Conditions
Min.
Typ.
Max.
Output H voltage
VOH
2.8
-
VDD
V
IOH = -3.0mA
Output L voltage
VOL
0.0
-
0.5
V
IOL = 3.0mA
Standby current
IDDst
-
-
1.0
μA
OE = L
Consumption current 1
IDD1
-
3.5
4.6
mA
38.0000MHz output
SEL = L
Consumption current 2
IDD2
-
3.5
4.6
mA
36.0000MHz output
SEL = H
Pull-down load
Rpd
50
100
200
kΩ
input PIN, pull-down load value
Output frequency
OUT1
CLK38
38.0000
MHz
IN*76/27/2, SEL = L
OUT2
CLK36
36.0000
MHz
IN*8/3/2, SEL = H
*
The output frequency is determined by the arithmetic (frequency division) expression of a frequency input to IN.
If the input frequency is set to 27.0000MHz, the output frequency will be as listed above.
BU7346GUL (Ta=25 ℃, VDD=3.3V, Crystal frequency=27.0000MHz, unless otherwise specified.)
Parameter
Symbol
Limits
Unit
Conditions
Min.
Typ.
Max.
Output H voltage
VOH
2.8
-
VDD
V
IOH = -3.0mA
Output L voltage
VOL
0.0
-
0.5
V
IOL = 3.0mA
Standby current
IDDst
-
-
1.0
μA
PDB = L
Consumption current 1
IDD1
-
3.5
4.6
mA
38.0000MHz output
SEL = L
Consumption current 2
IDD2
-
3.5
4.6
mA
36.0000MHz output
SEL = H
Pull-down load
Rpd
50
100
200
kΩ
input PIN, pull-down load value
Output frequency
OUT1
CLK38
38.0000
MHz
XIN*76/27/2, SEL = L
OUT2
CLK36
36.0000
MHz
XIN*8/3/2, SEL = H
*
The output frequency is determined by the arithmetic (frequency division) expression of a frequency input to XIN.
If the input frequency is set to 27.0000MHz, the output frequency will be as listed above.


Similar Part No. - BD7344HFV-TR

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
BD734 ISC-BD734 Datasheet
246Kb / 2P
   isc Silicon PNP Power Transistor
More results

Similar Description - BD7344HFV-TR

ManufacturerPart #DatasheetDescription
logo
Rohm
BU3071HFV ROHM-BU3071HFV_08 Datasheet
838Kb / 21P
   Compact 1ch Clock Generators for Digital Cameras
BU2396KN ROHM-BU2396KN_15 Datasheet
1Mb / 24P
   3ch Clock Generator for Digital Cameras
BU2394KN ROHM-BU2394KN_08 Datasheet
683Kb / 17P
   3ch Clock Generator for Digital Cameras
BU2394KN ROHM-BU2394KN_15 Datasheet
1Mb / 25P
   3ch Clock Generator for Digital Cameras
logo
Panasonic Semiconductor
MN6160P PANASONIC-MN6160P Datasheet
151Kb / 5P
   CMOS LSI Synchronizing Signal Generators for Color Video Cameras
logo
Connor-Winfield Corpora...
SCG4000 CONNOR-WINFIELD-SCG4000 Datasheet
387Kb / 16P
   Synchronous Clock Generators
SCG2000I CONNOR-WINFIELD-SCG2000I Datasheet
1Mb / 16P
   Synchronous Clock Generators
SCG4500 CONNOR-WINFIELD-SCG4500 Datasheet
2Mb / 16P
   Synchronous Clock Generators
SCG2503 CONNOR-WINFIELD-SCG2503 Datasheet
210Kb / 12P
   Synchronous Clock Generators
SCG4001 CONNOR-WINFIELD-SCG4001 Datasheet
334Kb / 12P
   Synchronous Clock Generators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com