Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BU7241SG Datasheet(PDF) 6 Page - Rohm

Part # BU7241SG
Description  Full Swing Low Voltage Operation CMOS Operational Amplifiers
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU7241SG Datasheet(HTML) 6 Page - Rohm

Back Button BU7241SG Datasheet HTML 2Page - Rohm BU7241SG Datasheet HTML 3Page - Rohm BU7241SG Datasheet HTML 4Page - Rohm BU7241SG Datasheet HTML 5Page - Rohm BU7241SG Datasheet HTML 6Page - Rohm BU7241SG Datasheet HTML 7Page - Rohm BU7241SG Datasheet HTML 8Page - Rohm BU7241SG Datasheet HTML 9Page - Rohm BU7241SG Datasheet HTML 10Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 37 page
background image
Technical Note
6/36
www.rohm.com
2010.12 - Rev.A
© 2010 ROHM Co., Ltd. All rights reserved.
BU7261/BU7261S family, BU7241/BU7241S family, BU7295/BU7295S family, BU7275/BU7275S family
BU7262/BU7262S family, BU7242/BU7242S family, BU7264/BU7264S family, BU7244/BU7244S family
BU7295 family (Unless otherwise specified VDD=+3[V], VSS=0[V], Ta=25[℃])
Parameter
Symbol
Temperature
Range
Limits
Unit
Condition
BU7295HFV
BU7295SHFV
Min.
Typ.
Max.
Input Offset Voltage
(*11)
Vio
25℃
1
6
mV
Input Offset Current
(*11)
Iio
25℃
1
pA
Input Bias Current
(*11)
Ib
25℃
1
pA
Supply Current
(*12)
IDD
25℃
150
300
μA
RL=∞ All Op-Amps
AV=0[dB], VIN=1.5[V]
Full range
400
High Level Output Voltage
VOH
25℃
VDD-0.1
V
RL=10[kΩ]
Low Level Output Voltage
VOL
25℃
VSS+0.1
V
RL=10[kΩ]
Large Signal Voltage Gain
AV
25℃
60
95
dB
RL=10[kΩ]
Input Common-mode Voltage Range
Vicm
25℃
0
3
V
VDD-VSS=3[V]
Common-mode Rejection Ratio
CMRR
25℃
45
60
dB
Power Supply Rejection Ratio
PSRR
25℃
60
80
dB
Output Source Current
(*13)
IOH
25℃
4
8
mA
VDD-0.4[V]
Output Sink Current
(*13)
IOL
25℃
9
18
mA
VSS+0.4[V]
Slew Rate
SR
25℃
1.0
V/μs CL=25[pF]
Gain Band width
FT
25℃
1.0
MHz CL=25[pF], AV=40[dB]
Phase Margin
θ
25℃
60
°
CL=25[pF], AV=40[dB]
(*11) Absolute value
(*12) Full range: BU7295: Ta=-40[℃] ~ +85[℃] BU7295S: Ta=-40[℃] ~ +105[℃]
(*13) Under the high temperature environment, consider the power dissipation of IC when selecting the output current.
When the terminal short circuits are continuously output, the output current is reduced to climb to the temperature inside IC.


Similar Part No. - BU7241SG

ManufacturerPart #DatasheetDescription
logo
Rohm
BU7241SG ROHM-BU7241SG Datasheet
721Kb / 33P
   Low Voltage Operation CMOS Operational Amplifiers
BU7241SG ROHM-BU7241SG Datasheet
3Mb / 48P
   CMOS Operational Amplifiers
BU7241SG-TR ROHM-BU7241SG-TR Datasheet
3Mb / 48P
   CMOS Operational Amplifiers
More results

Similar Description - BU7241SG

ManufacturerPart #DatasheetDescription
logo
Rohm
BD7561G-TR ROHM-BD7561G-TR Datasheet
2Mb / 34P
   Input/Output Full Swing High Voltage Operation CMOS Operational Amplifiers
BU7255HFV-TR ROHM-BU7255HFV-TR Datasheet
489Kb / 22P
   Input/Output Full Swing Low Voltage Operation High Speed CMOS Operational Amplifiers
BD7561G ROHM-BD7561G_12 Datasheet
483Kb / 21P
   High Voltage Operation CMOS Operational Amplifiers:Input/Output Full Swing
BD7561G ROHM-BD7561G_09 Datasheet
546Kb / 21P
   High Voltage Operation CMOS Operational Amplifiers:Input/Output Full Swing
BU7264FV ROHM-BU7264FV Datasheet
932Kb / 46P
   Input/Output Full Swing CMOS Operational Amplifiers
LMR341G ROHM-LMR341G_V01 Datasheet
4Mb / 53P
   Low Supply Current Output Full Swing CMOS Operational Amplifiers
16.Jun.2015 Rev.007
BU7295HFV-TR ROHM-BU7295HFV-TR Datasheet
897Kb / 46P
   Input/Output Full Swing CMOS Operational Amplifiers
LMR341G ROHM-LMR341G_15 Datasheet
4Mb / 54P
   Low Supply Current Output Full Swing CMOS Operational Amplifiers
BU7261G ROHM-BU7261G Datasheet
721Kb / 33P
   Low Voltage Operation CMOS Operational Amplifiers
BU7294F ROHM-BU7294F Datasheet
765Kb / 30P
   Input/Output Full Swing High Slew Rate Low Voltage CMOS Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com