Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BU7255SHFV Datasheet(PDF) 8 Page - Rohm

Part # BU7255SHFV
Description  High Speed with Low Voltage CMOS Operational Amplifiers
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU7255SHFV Datasheet(HTML) 8 Page - Rohm

Back Button BU7255SHFV Datasheet HTML 4Page - Rohm BU7255SHFV Datasheet HTML 5Page - Rohm BU7255SHFV Datasheet HTML 6Page - Rohm BU7255SHFV Datasheet HTML 7Page - Rohm BU7255SHFV Datasheet HTML 8Page - Rohm BU7255SHFV Datasheet HTML 9Page - Rohm BU7255SHFV Datasheet HTML 10Page - Rohm BU7255SHFV Datasheet HTML 11Page - Rohm BU7255SHFV Datasheet HTML 12Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
Technical Note
8/26
www.rohm.com
2010.12 - Rev.A
© 2010 ROHM Co., Ltd. All rights reserved.
BU7291G,BU7291SG,BU7255HFV,BU7255SHFV,
BU7495HFV,BU7495SHFV,BU7481G,BU7481SG,BU7485G,BU7485SG,BU5281G,BU5281SG
0
200
400
600
800
0
50
100
150
AMBIENT TEMPERATURE [℃]
0
5
10
15
20
-60
-30
0
30
60
90
120
AMBIENT TEMPERATURE [℃]
0
10
20
30
40
50
0
0.5
1
1.5
2
2.5
3
OUTPUT VOLTAGE [V]
0
200
400
600
800
1000
23
456
SUPPLY VOLTAGE [V]
0
200
400
600
800
0
50
100
150
AMBIENT TEMPERATURE [℃]
0
1
2
3
4
5
6
12
345
6
SUPPLY VOLTAGE [V]
0
5
10
15
20
23
4
5
6
SUPPLY VOLTAGE [V]
0
10
20
30
40
50
-60
-30
0
306090
120
AMBIENT TEMPERATURE [℃]
0
200
400
600
800
1000
-60
-30
0
306090
120
AMBIENT TEMPERATURE [℃]
0
1
2
3
4
5
6
-60
-30
0
30
60
90
120
AMBIENT TEMPERATURE [℃]
0
5
10
15
20
-60-30
0
30
60
90120
AMBIENT TEMPERATURE [℃]
0
20
40
60
80
0.0
0.5
1.0
1.5
2.0
2.5
3.0
OUTPUT VOLTAGE [V]
Output Source Current – Ambient Temperature
(VOUT=VDD-0.4[V])
Reference Data (BU7291 family)
(*)The above data is ability value of sample, it is not guaranteed.BU7291G: -40[℃] ~ +85[℃] BU7291SG: -40[℃] ~ +105[℃]
-40℃
25℃
85℃
BU7291 family
105℃
5.5V
2.4V
3.0V
BU7291 family
-40℃
25℃
85℃
105℃
BU7291 family
2.4V
5.5V
3.0V
BU7291 family
-40℃
25℃
85℃
105℃
BU7291 family
2.4V
5.5V
3.0V
BU7291 family
2.4V
5.5V
3.0V
BU7291 family
-40℃
25℃
85℃
105℃
BU7291 family
BU7291G
85
BU7291 family
105
BU7291 family
BU7291SG
2.4V
5.5V
3.0V
BU7291 family
-40℃
25℃
85℃
105℃
BU7291 family
Fig.1
Fig.2
Fig.3
Fig.4
Fig.5
Fig.6
Fig.7
Fig.8
Fig.9
Fig.10
Fig.11
Fig.12
Supply Current – Supply Voltage
Derating curve
Derating curve
Supply Current
– Ambient Temperature
Output Voltage High
– Supply Voltage (RL=10[kΩ])
Output Voltage High
– Ambient Temperature (RL=10[kΩ])
Output Voltage Low
– Supply Voltage (RL=10[kΩ])
Output Voltage Low
– Ambient Temperature (RL=10[kΩ])
Output Source Current
– Output Voltage (VDD=3[V])
Output Sink Current – Ambient Temperature
(VOUT=VSS+0.4[V])
Output Sink Current – Output Voltage
(VDD=3[V])


Similar Part No. - BU7255SHFV

ManufacturerPart #DatasheetDescription
logo
Rohm
BU7255SHFV ROHM-BU7255SHFV Datasheet
608Kb / 27P
   Low Voltage with High Speed CMOS Op-Amp integrates one independent output full swing Op-Amps and phase compensation capacitors on a single chip.
BU7255SHFV ROHM-BU7255SHFV Datasheet
608Kb / 27P
   High Speed with Low Voltage CMOS Operational Amplifiers
BU7255SHFV-TR ROHM-BU7255SHFV-TR Datasheet
489Kb / 22P
   Input/Output Full Swing Low Voltage Operation High Speed CMOS Operational Amplifiers
More results

Similar Description - BU7255SHFV

ManufacturerPart #DatasheetDescription
logo
Rohm
BU5281G-TR ROHM-BU5281G-TR Datasheet
608Kb / 27P
   High Speed with Low Voltage CMOS Operational Amplifiers
BU7495HFV-TR ROHM-BU7495HFV-TR Datasheet
515Kb / 23P
   Low Voltage Operation High Speed CMOS Operational Amplifiers
BU7481G-TR ROHM-BU7481G-TR Datasheet
495Kb / 22P
   High Speed Low Voltage Operation CMOS Operational Amplifiers
BU7485G-TR ROHM-BU7485G-TR Datasheet
891Kb / 43P
   Ground Sense High Speed Low Voltage CMOS Operational Amplifiers
BU7485G ROHM-BU7485G Datasheet
889Kb / 42P
   Ground Sense High Speed Low Voltage CMOS Operational Amplifiers
BA3472F ROHM-BA3472F_11 Datasheet
571Kb / 21P
   High Speed with High Voltage Operational Amplifiers
BA3472FE2 ROHM-BA3472FE2 Datasheet
694Kb / 32P
   High Speed with High Voltage Operational Amplifiers
BA3472 ROHM-BA3472 Datasheet
615Kb / 41P
   High Speed with High Voltage Operational Amplifiers
BA3474F-E2 ROHM-BA3474F-E2 Datasheet
1Mb / 40P
   High Speed with High Voltage Operational Amplifiers
logo
Texas Instruments
TLV2342 TI-TLV2342 Datasheet
519Kb / 34P
[Old version datasheet]   LinCMOSE LOW-VOLTAGE HIGH-SPEED OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com