Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD7344GUL-E2 Datasheet(PDF) 9 Page - Rohm

Part # BD7344GUL-E2
Description  Compact 1ch Clock Generators for Digital Cameras
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD7344GUL-E2 Datasheet(HTML) 9 Page - Rohm

Back Button BD7344GUL-E2 Datasheet HTML 5Page - Rohm BD7344GUL-E2 Datasheet HTML 6Page - Rohm BD7344GUL-E2 Datasheet HTML 7Page - Rohm BD7344GUL-E2 Datasheet HTML 8Page - Rohm BD7344GUL-E2 Datasheet HTML 9Page - Rohm BD7344GUL-E2 Datasheet HTML 10Page - Rohm BD7344GUL-E2 Datasheet HTML 11Page - Rohm BD7344GUL-E2 Datasheet HTML 12Page - Rohm BD7344GUL-E2 Datasheet HTML 13Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
Technical Note
9/13
BU7344HFV,BU7345HFV,BU7346GUL
www.rohm.com
2011.01 - Rev.A
© 2011 ROHM Co., Ltd. All rights reserved.
Block diagram, pin assignment/functions
BU7344HFV
Fig.49 Pin assignment
Fig.50 Block diagram
PIN No.
PIN Name
Function
1
VDD
Power supply
2
VSS
GND
3
OUT
Clock output terminal (SEL=L:40.5000MHz, SEL=H:36.0000MHz)
4
OE
Power-down pin (L:disable, H:enable), equipped with Pull-down function, output set to L
at disable
5
SEL
Output selection (L:40.5000MHz, H:36.0000MHz)
6
IN
Clock input pin (27.0000MHz input)
BU7345HFV
Fig.51 Pin assignment
Fig.52 Block diagram
PIN No.
PIN Name
Function
1
VDD
Power supply
2
VSS
GND
3
OUT
Clock output terminal (SEL=L:38.0000MHz, SEL=H:36.0000MHz)
4
OE
Power-down pin (L:disable, H:enable), equipped with Pull-down function, output set to L
at disable
5
SEL
Output selection (L:38.0000MHz, H:36.0000MHz)
6
IN
Clock input pin (27.0000MHz input)
BU7346GUL
Fig.53 Pin assignment
Fig.54 Block diagram
PIN No.
PIN Name
Function
A1
XIN
Clock input pin (27.0000MHz input)
A2
SEL
Output selection (L:38.0000MHz, H:36.0000MHz)
A3
PDB
Power-down pin (L:disable, H:enable), equipped with
Pull-down function, output set to L at disable
B1
VDD
Power supply
B2
VSS
GND
B3
OUT
Clock output terminal (SEL=L:38.0000MHz, SEL=H:36.0000MHz)
1:VDD
2:VSS
3:OUT
6:IN
5:SEL
4:OE
PLL
6pin:IN
5pin:SEL
3pin:OUT
4pin:OE
DATA1
DATA2
1/2
1:VDD
2:VSS
3:OUT
6:IN
5:SEL
4:OE
PLL
6pin:IN
5pin:SEL
3pin:OUT
4pin:OE
DATA1
DATA2
1/2
PLL
A1:XIN
A2:SEL
B3:OUT
A3:PDB
DATA1
DATA2
1/2
VDD
VSS
OUT
XIN
SEL
PDB
A
B
1
2
3
Bottom view


Similar Part No. - BD7344GUL-E2

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
BD734 ISC-BD734 Datasheet
246Kb / 2P
   isc Silicon PNP Power Transistor
More results

Similar Description - BD7344GUL-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BU3071HFV ROHM-BU3071HFV_08 Datasheet
838Kb / 21P
   Compact 1ch Clock Generators for Digital Cameras
BU2396KN ROHM-BU2396KN_15 Datasheet
1Mb / 24P
   3ch Clock Generator for Digital Cameras
BU2394KN ROHM-BU2394KN_08 Datasheet
683Kb / 17P
   3ch Clock Generator for Digital Cameras
BU2394KN ROHM-BU2394KN_15 Datasheet
1Mb / 25P
   3ch Clock Generator for Digital Cameras
logo
Panasonic Semiconductor
MN6160P PANASONIC-MN6160P Datasheet
151Kb / 5P
   CMOS LSI Synchronizing Signal Generators for Color Video Cameras
logo
Connor-Winfield Corpora...
SCG4000 CONNOR-WINFIELD-SCG4000 Datasheet
387Kb / 16P
   Synchronous Clock Generators
SCG2000I CONNOR-WINFIELD-SCG2000I Datasheet
1Mb / 16P
   Synchronous Clock Generators
SCG4500 CONNOR-WINFIELD-SCG4500 Datasheet
2Mb / 16P
   Synchronous Clock Generators
SCG2503 CONNOR-WINFIELD-SCG2503 Datasheet
210Kb / 12P
   Synchronous Clock Generators
SCG4001 CONNOR-WINFIELD-SCG4001 Datasheet
334Kb / 12P
   Synchronous Clock Generators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com