Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BU16025MUV Datasheet(PDF) 9 Page - Rohm

Part # BU16025MUV
Description  1 for input 1 output buffer (Sync with OE)
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU16025MUV Datasheet(HTML) 9 Page - Rohm

Back Button BU16025MUV_11 Datasheet HTML 5Page - Rohm BU16025MUV_11 Datasheet HTML 6Page - Rohm BU16025MUV_11 Datasheet HTML 7Page - Rohm BU16025MUV_11 Datasheet HTML 8Page - Rohm BU16025MUV_11 Datasheet HTML 9Page - Rohm BU16025MUV_11 Datasheet HTML 10Page - Rohm BU16025MUV_11 Datasheet HTML 11Page - Rohm BU16025MUV_11 Datasheet HTML 12Page - Rohm BU16025MUV_11 Datasheet HTML 13Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
Technical Note
9/16
BU16025MUV
www.rohm.com
2011.01 - Rev.A
© 2011 ROHM Co., Ltd. All rights reserved.
Pin Explanation
Pin
I/O
Explanations
Name
Number
B1, B2, B3, B4
38, 41, 44, 47
Input
TMDS Negative input
A1, A2, A3, A4
39, 42, 45, 48
Input
TMDS Positive input
Z1, Z2, Z3, Z4
23, 20, 17, 14
Output TMDS Negative input
Y1, Y2, Y3, Y4
22, 19, 16, 13
Output TMDS Positive input
EQ
1
Input
Equalizer gain setting(40kΩ internal pull down)
“L” 5dB “H” 15dB
PRE
3
Input
TMDS Low output swing mode(Recommend High)
Low : OFF
High : ON
HPDINV
4
Input
HPD output select switch
Low : non-invert High : Invert and open drain output
REXT
6
Input
TMDS Current control pin(via 1. 2kΩ to GND)
HPD
7
Output Hot plug detect output
(*1)
SDAx
8
Inout
DDC Data line(*2 Vol = 0.5V)
SCLx
9
Inout
DDC Clock line(*2 Vol = 0.5V)
TEST0
10
Input
Open or Gnd
HDMIID_EN
11
Input
HDMI ID Enable(40kΩ internal pull up)
(*3 )
Low : 0xFF(DVI)
High : ASCII (HDMI)
OEB
25
Input
TMDS line internal resistor and output enable switch
Low : ON(Enable)
High : High-Z
SCLy
28
Inout
DDC Clock line
(*2)
SDAy
29
Inout
DDC Data line
(*2)
HPD_SINK
30
Input
Hot plug detect input(10kΩ internal pull down)
DDCEN
32
Input
I
2C Repeater Enable
Low : High-Z
High : Enable
I2C_ONB
33
Input
Built-in I
2C Slave Enable Switch(90kΩ internal pull up) (*3 )
Low : ON High : OFF
DDC_TI
34
Input
DDC Data hold margin setting (40kΩinternal pull down)
(*4)
DDC_TI = “L”
Delay from SDAx to SDAy = 570nsec, Delay from SCLx to SCLy = 20nsec
Delay from SDAy to SDAx = 370nsec, Delay from SCLy to SCLx = 20nsec
DDC_TI = “H”
Delay from SDAx to SDAy = 20nsec, Delay from SCLx to SCLy = 20nsec
Delay from SDAy to SDAx = 20ncec, Delay from SCLy to SCLx = 20nsec
SELREF
35
Input
SCLx/SDAx L level output voltage select ( 40kΩ internal pull down)
VCC
2 ,15, 21,
26, 40, 46
-
Power
GND
5, 12, 18, 24, 27,
31, 36, 37, 43
-
Ground
(*1) HPD_OFF mode sets Hot plug detect output to High impedance. Except HPD_OFF mode, HPD is always active.
(*2) SDAx/SCLx, SDAy/SCLy have different L level input and output voltage. Please refer recommended operating condition in detail
(*3) HDMIID_EN, I2C_ONB don’t need to be Enable except using internal I
2C slave.
(*4) Data hold time increases when DDC_TI= “L”. But Data setup time and holdtime of Start condition decrease.


Similar Part No. - BU16025MUV_11

ManufacturerPart #DatasheetDescription
logo
Rohm
BU16025MUV ROHM-BU16025MUV Datasheet
557Kb / 20P
   HDMI Switch ICs
More results

Similar Description - BU16025MUV_11

ManufacturerPart #DatasheetDescription
logo
Rohm
BU16024KV ROHM-BU16024KV Datasheet
485Kb / 18P
   1 for input 1 output buffer with Termination sense correspondence
BU16006KV ROHM-BU16006KV Datasheet
596Kb / 19P
   2 for input 1 output switch with Termination sense correspondence (Sync with HPD_SINK)
logo
Silicon Laboratories
SI53305 SILABS-SI53305 Datasheet
1Mb / 36P
   1:10 LOW JITTER UNIVERSAL BUFFER/LEVEL TRANSLATOR WITH 2:1 INPUT MUX AND INDIVIDUAL OE
SI53304 SILABS-SI53304 Datasheet
1Mb / 33P
   1:6 LOW JITTER UNIVERSAL BUFFER/LEVEL TRANSLATOR WITH 2:1 INPUT MUX AND INDIVIDUAL OE
logo
Pericom Semiconductor C...
PI6C4911510-05 PERICOM-PI6C4911510-05 Datasheet
932Kb / 7P
   2.5V/3.3V 1.5GHz Low Skew 1-to-10 Differential to LVPECL Fanout Buffer with Sync OE
logo
Skyworks Solutions Inc.
SI53314 SKYWORKS-SI53314 Datasheet
2Mb / 32P
   1:6 LOW JITTER UNIVERSAL BUFFER/LEVEL TRANSLATOR WITH 2:1 INPUT MUX AND INDIVIDUAL OE (<1.25 GHZ)
Rev. 1.0
SI53315 SKYWORKS-SI53315 Datasheet
1Mb / 30P
   1:10 LOW JITTER UNIVERSAL BUFFER/LEVEL TRANSLATOR WITH 2:1 INPUT MUX AND INDIVIDUAL OE (<1.25 GHZ)
Rev. 0.4
logo
ON Semiconductor
NB3H83905C ONSEMI-NB3H83905C Datasheet
206Kb / 15P
   1.8V/2.5V/3.3V Crystal Input to 1 6 LVTTL/LVCMOS Clock Fanout Buffer with OE
November, 2012 ??Rev. 9
logo
Potato Semiconductor Co...
PO74HSTL85350A POTATO-PO74HSTL85350A_14 Datasheet
1Mb / 7P
   LVCMOS Input to HSTL Output 1:4 Fanout Buffer
PO74HSTL85352A POTATO-PO74HSTL85352A_14 Datasheet
1Mb / 7P
   LVCMOS Input to HSTL Output 1:2 Fanout Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com