Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BU52001GUL Datasheet(PDF) 6 Page - Rohm

Part # BU52001GUL
Description  Omnipolar Detection Hall ICs
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU52001GUL Datasheet(HTML) 6 Page - Rohm

Back Button BU52001GUL Datasheet HTML 2Page - Rohm BU52001GUL Datasheet HTML 3Page - Rohm BU52001GUL Datasheet HTML 4Page - Rohm BU52001GUL Datasheet HTML 5Page - Rohm BU52001GUL Datasheet HTML 6Page - Rohm BU52001GUL Datasheet HTML 7Page - Rohm BU52001GUL Datasheet HTML 8Page - Rohm BU52001GUL Datasheet HTML 9Page - Rohm BU52001GUL Datasheet HTML 10Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
Technical Note
BU52001GUL,BU52011HFV,BU52021HFV,BU52015GUL,BU52025G,BU52051NVX,
BU52053NVX,BU52054GWZ,BU52055GWZ,BU52056NVX,BU52061NVX,BD7411G
6/31
www.rohm.com
2010.12 - Rev.F
© 2010 ROHM Co., Ltd. All rights reserved.
BU52001GUL (Unless otherwise specified, VDD=3.0V, Ta=25℃)
Parameter
Symbol
Limits
Unit
Conditions
Min.
Typ.
Max.
Power Supply Voltage
VDD
2.4
3.0
3.3
V
Operate Point
BopS
-
3.7
5.5
mT
BopN
-5.5
-3.7
-
Release Point
BrpS
0.8
2.9
-
mT
BrpN
-
-2.9
-0.8
Hysteresis
BhysS
-
0.8
-
mT
BhysN
-
0.8
-
Period
Tp
-
50
100
ms
Output High Voltage
VOH
VDD-0.4
-
-
V
BrpN<B<BrpS
20
IOUT =-1.0mA
Output Low Voltage
VOL
-
-
0.4
V
B<BopN,BopS<B
20
IOUT =+1.0mA
Supply Current
IDD(AVG)
-
8
12
µA
Average
Supply Current During Startup Time
IDD(EN)
-
4.7
-
mA
During Startup Time Value
Supply Current During Standby Time
IDD(DIS)
-
3.8
-
µA
During Standby Time Value
20 B = Magnetic flux density
1mT=10Gauss
Positive (“+”) polarity flux is defined as the magnetic flux from south pole which is direct toward to the branded face of the sensor.
After applying power supply, it takes one cycle of period (TP) to become definite output.
Radiation hardiness is not designed.


Similar Part No. - BU52001GUL

ManufacturerPart #DatasheetDescription
logo
Rohm
BU52001GUL ROHM-BU52001GUL Datasheet
194Kb / 6P
   Hall effect Switch
BU52001GUL ROHM-BU52001GUL Datasheet
476Kb / 20P
   Omnipolar Detection Hall ICs
BU52001GUL ROHM-BU52001GUL Datasheet
608Kb / 32P
   Omnipolar Detection Hall ICs Line up of supply voltage
BU52001GUL ROHM-BU52001GUL Datasheet
906Kb / 34P
   Omnipolar Detection Hall ICs
BU52001GUL ROHM-BU52001GUL Datasheet
608Kb / 32P
   Omnipolar Detection Hall ICs
More results

Similar Description - BU52001GUL

ManufacturerPart #DatasheetDescription
logo
Rohm
BU52011HFV-TR ROHM-BU52011HFV-TR Datasheet
608Kb / 32P
   Omnipolar Detection Hall ICs
BU52001GUL ROHM-BU52001GUL_10 Datasheet
476Kb / 20P
   Omnipolar Detection Hall ICs
BU52025G-TR ROHM-BU52025G-TR Datasheet
906Kb / 34P
   Omnipolar Detection Hall ICs
BU52075GWZ ROHM-BU52075GWZ Datasheet
1Mb / 20P
   Omnipolar Detection Hall IC
BU52273NUZ ROHM-BU52273NUZ Datasheet
1Mb / 20P
   Omnipolar Detection Hall IC
BU52493NUZ ROHM-BU52493NUZ Datasheet
1Mb / 19P
   Omnipolar Detection Hall IC
BU52472NUZ ROHM-BU52472NUZ Datasheet
1Mb / 20P
   Omnipolar Detection Hall IC
BU52001GUL ROHM-BU52001GUL_11 Datasheet
608Kb / 32P
   Omnipolar Detection Hall ICs Line up of supply voltage
BU52078GWZ ROHM-BU52078GWZ Datasheet
1Mb / 20P
   Omnipolar Detection Hall IC
BU52272NUZ ROHM-BU52272NUZ Datasheet
1Mb / 20P
   Omnipolar Detection Hall IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com