Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PFT1014N Datasheet(PDF) 2 Page - Nihon Inter Electronics Corporation

Part # PFT1014N
Description  100A Avg 400 Volts
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIEC [Nihon Inter Electronics Corporation]
Direct Link  http://www.niec.co.jp
Logo NIEC - Nihon Inter Electronics Corporation

PFT1014N Datasheet(HTML) 2 Page - Nihon Inter Electronics Corporation

  PFT1014N Datasheet HTML 1Page - Nihon Inter Electronics Corporation PFT1014N Datasheet HTML 2Page - Nihon Inter Electronics Corporation PFT1014N Datasheet HTML 3Page - Nihon Inter Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
項   目
Parameter
記号
Symbol
条   件
Conditions
特性値(最大)
Maximum Value
単位
Unit
ピークオフ電流
Peak Off-State Current
IDM
Tj=150℃,VDM=VDRM
mA
ピーク逆電流
Peak Reverse Current
IRM
Tj=150℃,VRM=VRRM
mA
■電気的特性 Electrical Characteristics
ピークオン電圧
Peak On-State Voltage
VTM
Tj=25℃,ITM=300A
V
トリガゲート電流
Gate Current to Trigger
IGT
VD=6V,IT=1A
mA
mA
mA
トリガゲート電圧
Gate Voltage to Trigger
VGT
VD=6V,IT=1A
V
V
V
非トリガゲート電圧
Gate Non-Trigger Voltage
VGD
Tj=125℃,VD=2/3VDRM
0.25
V
ラッチング電流
Latching Current
IL
Tj=25℃
mA
保持電流
Holding Current
IH
Tj=25℃
mA
熱抵抗
*1
Thermal Resistance
Rth
(j-c)
接合部−ケース間(トータル)
Junction to Case, Total
℃/W
質量…約150g
1アーム当りの値 Value Per 1 Arm.
Approximate Weight
*1:1モジュール当りの値 Value Per Module.
Tj=−40℃
Tj=25℃
Tj= 150℃
Tj=−40℃
Tj=
25℃
Tj= 150℃
最小
Min.
標準
Typ.
100
60
20
20
最大
Max.
1.2
300
150
60
5.0
3.0
1.5
0.1
─ 258 ─


Similar Part No. - PFT1014N

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PFT1014N NIEC-PFT1014N Datasheet
223Kb / 4P
   THYRISTOR MODULE 100A/400V
logo
National Instruments Co...
PFT1014N NI-PFT1014N_15 Datasheet
202Kb / 3P
   THYRISTOR
More results

Similar Description - PFT1014N

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PC10012 NIEC-PC10012_1 Datasheet
157Kb / 2P
   100A Avg 12001600 Volts
PT100S16 NIEC-PT100S16_1 Datasheet
279Kb / 2P
   100A Avg 1600 Volts
PGH10016AM NIEC-PGH10016AM_1 Datasheet
239Kb / 3P
   100A Avg 1600 Volts
PT100S8 NIEC-PT100S8_1 Datasheet
278Kb / 2P
   100A Avg 800 Volts
logo
National Instruments Co...
PC100F2 NI-PC100F2_15 Datasheet
226Kb / 2P
   100A Avg 200 Volts
PC100F6 NI-PC100F6_15 Datasheet
193Kb / 2P
   100A Avg 600 Volts
PC1008 NI-PC1008_15 Datasheet
155Kb / 2P
   100A Avg 800 Volts
logo
Nihon Inter Electronics...
PDT1008 NIEC-PDT1008_1 Datasheet
251Kb / 4P
   100A Avg 800 Volts
PE1008N NIEC-PE1008N_1 Datasheet
156Kb / 2P
   100A Avg 800 Volts
PGH1008AM NIEC-PGH1008AM_1 Datasheet
240Kb / 3P
   100A Avg 800 Volts
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com