Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PFT2014N Datasheet(PDF) 1 Page - Nihon Inter Electronics Corporation

Part # PFT2014N
Description  200A Avg 300 Volts
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIEC [Nihon Inter Electronics Corporation]
Direct Link  http://www.niec.co.jp
Logo NIEC - Nihon Inter Electronics Corporation

PFT2014N Datasheet(HTML) 1 Page - Nihon Inter Electronics Corporation

  PFT2014N Datasheet HTML 1Page - Nihon Inter Electronics Corporation PFT2014N Datasheet HTML 2Page - Nihon Inter Electronics Corporation PFT2014N Datasheet HTML 3Page - Nihon Inter Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
─ 260 ─
THYRISTOR
200A Avg 300 Volts
PFT2014N
■回路図 CIRCUIT
G2
K2
1
2
3
G3
K3
G1
Base
K1
■最大定格 Maximum Ratings
項   目
Parameter
記号
Symbol
耐圧クラス Grade
単位
Unit
くり返しピーク逆電圧
Repetitive Peak Reverse Voltage
VRRM
400
V
非くり返しピーク逆電圧
Non Repetitive Peak Reverse Voltage
VRSM
500
V
PFT2014N
項   目
Parameter
記号
Symbol
条   件
Conditions
定格値
Max. Rated Value
単位
Unit
平均整流電流
Average Rectified Output Current
I0(AV)
商用周波数 180°通電
Tc=116℃
Half Sine Wave
200
A
実効オン電流
RMS On-State Current
IT
(RMS)
314
A
電流二乗時間積
I Squared t
I
2t
2∼10ms
125000
A
2
s
動作接合温度範囲
Operating Junction Temperature Range
Tjw
−40∼+150
保存温度範囲
Storage Temperature Range
Tstg
−40∼+125
締付トルク
Mounting Torque
F
ジョイントコンパウンド塗布
Greased
2.5∼3.5
N・m
2.5∼3.5
N・m
ベース部
Mounting
主端子部
Terminal
サージオン電流
Surge On-State Current
ITSM
50Hz正弦半波,1サイクル,非くり返し
Half Sine Wave, 1Pulse, Non-Repetitive
5000
A
M6
M6
くり返しピークオフ電圧
Repetitive Peak Off-State Voltage
VDRM
400
V
非くり返しピークオフ電圧
Non Repetitive Peak Off-State Voltage
VDSM
500
V
ピークゲート逆電圧
Peak Gate Reverse Voltage
VRGM
5
V
ピークゲート電圧
Peak Gate Voltage
VGM
10
V
ピークゲート電流
Peak Gate Current
IGM
2
A
平均ゲート電力損失
Average Gate Power
PG
(AV)
1
W
ピークゲート電力損失
Peak Gate Power
PGM
5
W
1アーム当りの値 Value Per 1 Arm.
■外形寸法図 OUTLINE DRAWING
(単位 Dimension:mm)


Similar Part No. - PFT2014N

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PFT2014N NIEC-PFT2014N Datasheet
202Kb / 4P
   THYRISTOR MODULE 200A / 400V
logo
Kyocera Kinseki Corpota...
PFT2014N KSS-PFT2014N Datasheet
295Kb / 3P
   Thyristor
logo
National Instruments Co...
PFT2014N NI-PFT2014N_15 Datasheet
198Kb / 3P
   THYRISTOR
More results

Similar Description - PFT2014N

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PFT2004N NIEC-PFT2004N_1 Datasheet
204Kb / 3P
   200A Avg 300 Volts
PD200S8 NIEC-PD200S8 Datasheet
83Kb / 1P
   200A Avg 800 Volts
PC2008 NIEC-PC2008_1 Datasheet
156Kb / 2P
   200A Avg 800 Volts
PGH2008AM NIEC-PGH2008AM_1 Datasheet
239Kb / 3P
   200A Avg 800 Volts
logo
National Instruments Co...
PC2008 NI-PC2008_15 Datasheet
156Kb / 2P
   200A Avg 800 Volts
logo
Nihon Inter Electronics...
PD20116 NIEC-PD20116_1 Datasheet
26Kb / 1P
   200A Avg 1600 Volts
PDT2018 NIEC-PDT2018_1 Datasheet
380Kb / 3P
   200A Avg 800 Volts
PD200S16 NIEC-PD200S16 Datasheet
126Kb / 2P
   200A Avg 1600 Volts
PDT2008 NIEC-PDT2008_1 Datasheet
260Kb / 4P
   200A Avg 800 Volts
PGH20016AM NIEC-PGH20016AM_1 Datasheet
239Kb / 3P
   200A Avg 1600 Volts
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com