Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DA227Y Datasheet(PDF) 1 Page - Rohm

Part # DA227Y
Description  Switching Diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

DA227Y Datasheet(HTML) 1 Page - Rohm

  DA227Y_11 Datasheet HTML 1Page - Rohm DA227Y_11 Datasheet HTML 2Page - Rohm DA227Y_11 Datasheet HTML 3Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Data Sheet
www.rohm.com
© 2011 ROHM Co., Ltd. All rights reserved.
Switching Diode
DA227Y
Applications
Dimensions (Unit : mm)
Land size figure (Unit : mm)
Ultra high speed switching
Features
1) Ultra small mold type. (EMD4)
2) High reliability.
Structure
Construction
Silicon epitaxial planar
Taping specifications (Unit : mm)
Absolute maximum ratings (Ta=25°C)
Symbol
Unit
VRM
V
VR
V
IFM
mA
Io
mA
Isurge
A
Pd
mW/Total
Tj
°C
Tstg
°C
f
MHz
(*1) Pd=120mW when only 1 circuit is operating.
CONDITION = Each terminal mounted on a recommended land pattern. (0.35x0.9mm)
Electrical characteristics (Ta=25°C)
Symbol
Min.
Typ.
Max.
Unit
VF
-
-
1.2
V
IF=100mA
IR
-
-
0.1
μA
VR=70V
Ct
-
-
3.5
pF
VR=6V , f=1MHz
trr
-
-
4
ns
VR=6V , IF=5mA , RL=50
Capacitance between terminals
Reverse recovery time
Conditions
Parameter
Forward voltage
Reverse current
Storage temperature
55 to 150
Rated in slash put frequency
100
Power dissipation (*1)
150
Junction temperature
150
Average rectified forward current (Single)
100
Surge current (t=1us) (Single)
4
Reverse voltage (DC)
80
Forward current (Single)
300
Parameter
Limits
Reverse voltage (repetitive peak)
80
ROHM : EMD4
JEITA : SC-75A Size
dot (year week factory)
0.13±0.05
0.5±0.05
0~0.1
(1)
(2)
(4)
(3)
0.5
0.5
1.0±0.1
0.22±0.05
1.6±0.1
1.65±0.1
4.0±0.1
4.0±0.1
2.0±0.05
φ1.5±0.1
      0
φ0.8±0.1
0.65±0.1
0.3±0.1
1PIN
1.7±0.05
0.5
1.0
EMD4
1/2
2011.06 - Rev.A


Similar Part No. - DA227Y_11

ManufacturerPart #DatasheetDescription
logo
Rohm
DA227Y ROHM-DA227Y_16 Datasheet
1Mb / 8P
   Switching Diode
More results

Similar Description - DA227Y_11

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
BAV99L AITSEMI-BAV99L Datasheet
442Kb / 5P
   SWITCHING DIODE DUAL SWITCHING DIODE
REV2.0
MDL914 AITSEMI-MDL914 Datasheet
483Kb / 5P
   SWITCHING DIODE HIGH ?밪PEED SWITCHING DIODE
REV1.1
MBD914 AITSEMI-MBD914 Datasheet
505Kb / 5P
   SWITCHING DIODE HIGH?뭆PEED SWITCHING DIODE
REV1.0
BAS516 AITSEMI-BAS516 Datasheet
210Kb / 4P
   SWITCHING DIODE HIGH SPEED SWITCHING DIODE
REV1.0
logo
Rohm
RLS-73 ROHM-RLS-73 Datasheet
54Kb / 2P
   Switching diode
logo
AUK corp
SDS2836F AUK-SDS2836F Datasheet
103Kb / 3P
   Switching Diode
SDS2838E AUK-SDS2838E Datasheet
104Kb / 3P
   Switching Diode
logo
Microsemi Corporation
JAN1N914 MICROSEMI-JAN1N914 Datasheet
53Kb / 2P
   SWITCHING DIODE
logo
AUK corp
SDS2838F AUK-SDS2838F Datasheet
103Kb / 3P
   Switching Diode
logo
ON Semiconductor
BAS116LT1 ONSEMI-BAS116LT1 Datasheet
63Kb / 4P
   Switching Diode
1997 REV 1
logo
Compensated Deuices Inc...
1N914 CDI-DIODE-1N914 Datasheet
68Kb / 2P
   SWITCHING DIODE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com