Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KD2003-CF10A Datasheet(PDF) 2 Page - Rohm

Part # KD2003-CF10A
Description  For Gaming Equipment, ATMs : CF, CG series
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

KD2003-CF10A Datasheet(HTML) 2 Page - Rohm

  KD2003-CF10A_07 Datasheet HTML 1Page - Rohm KD2003-CF10A_07 Datasheet HTML 2Page - Rohm KD2003-CF10A_07 Datasheet HTML 3Page - Rohm KD2003-CF10A_07 Datasheet HTML 4Page - Rohm KD2003-CF10A_07 Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
KD2003-CF10A
Printheads
Rev.A
2/4
Equivalent circuit
Pin assignments
No.
1
2
3
4
5
6
7
8
9
Circuit
No.
1
2
3
4
5
6
7
8
9
Circuit
CONNECTOR A
CONNECTOR B
GND
GND
TM
VDD
DI
VH
VH
VH
VH
DO
CLK
GND
GND
STB1
STB2
LAT
STB3
STB4
VH
GND
CLK
THERMISTOR
30kΩ B:3950K
DOT #1
DOT #576
TM
/STB3
/STB4
CONNECTOR B
576
433
432
289
288
145
144
1
LATCH REGISTER
CONNECTOR A
SHIFT REGISTER
/LAT
DI
DO
VH
GND
/STB2
/STB1
Vdd


Similar Part No. - KD2003-CF10A_07

ManufacturerPart #DatasheetDescription
logo
Rohm
KD2003-CF10A ROHM-KD2003-CF10A Datasheet
61Kb / 5P
   Compact medium speed thick film thermal printhead (8dots / mm)
More results

Similar Description - KD2003-CF10A_07

ManufacturerPart #DatasheetDescription
logo
Rohm
KD2008-CF10A ROHM-KD2008-CF10A_07 Datasheet
168Kb / 5P
   For Gaming Equipment, ATMs : CF, CG series
KD3008-CF10A ROHM-KD3008-CF10A_07 Datasheet
114Kb / 5P
   For Gaming Equipment, ATMs : CF, CG series
KD2002-CF10A ROHM-KD2002-CF10A_07 Datasheet
156Kb / 5P
   For Gaming Equipment, ATMs : CF, CG series
KD2004-CF10A ROHM-KD2004-CF10A_07 Datasheet
137Kb / 5P
   For Gaming Equipment, ATMs : CF, CG series
logo
PHOENIX CONTACT
1207734 PHOENIX-1207734 Datasheet
45Kb / 2P
   Replacement part - CF 3000 CG 0,75
1207763 PHOENIX-1207763 Datasheet
45Kb / 2P
   Replacement part - CF 3000 CG 2,5
1207747 PHOENIX-1207747 Datasheet
45Kb / 2P
   Replacement part - CF 3000 CG 1,0
1207750 PHOENIX-1207750 Datasheet
45Kb / 2P
   Replacement part - CF 3000 CG 1,5
1207721 PHOENIX-1207721 Datasheet
44Kb / 2P
   Replacement part - CF 3000 CG 0,5
1212379 PHOENIX-1212379 Datasheet
45Kb / 2P
   Replacement part - CF 3000 CG 0,25
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com