Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SL353 Datasheet(PDF) 1 Page - Honeywell Solid State Electronics Center

Part # SL353
Description  Micropower Omnipolar Digital Hall-Effect Sensor ICs
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

SL353 Datasheet(HTML) 1 Page - Honeywell Solid State Electronics Center

  SL353 Datasheet HTML 1Page - Honeywell Solid State Electronics Center SL353 Datasheet HTML 2Page - Honeywell Solid State Electronics Center SL353 Datasheet HTML 3Page - Honeywell Solid State Electronics Center SL353 Datasheet HTML 4Page - Honeywell Solid State Electronics Center SL353 Datasheet HTML 5Page - Honeywell Solid State Electronics Center SL353 Datasheet HTML 6Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Micropower Omnipolar
Digital Hall-Effect Sensor ICs
DESCRIPTION
The SL353 Series sensor ICs (Integrated Circuits) are small,
versatile, digital Hall-effect devices operated by the magnetic
field from a permanent magnet or an electromagnet. These
sensitive devices are designed to meet a wide range of
potential applications with low power requirements.
The SL353 Series responds to either a North or South pole,
meaning that they do not require the magnet polarity to be
identified, providing an easier installation and potentially
reducing system cost.
These low-power sensing devices use BiCMOS (Bipolar
Complementary Metal Oxide Semiconductor) technology and a
timing circuit that turns the power on for only a short time
it is
off for the rest of the period (duty cycle)
significantly reducing
the average current consumption.
Both products can operate from a supply voltage as low as
2.2 V, promoting energy efficiency.
The push-pull output does not require a pull-up resistor and
can operate with very low current levels, potentially helping to
reduce cost and minimizing the total current consumption.
The SL353 Series is available in two duty cycle configurations
to accommodate a variety of application needs:
SL353HT: High duty cycle (13% typ.) for applications
requiring high switching speed and a lower current
(0.33 mA typ.) than standard Hall-effect sensor ICs.
SL353LT: Very low duty cycle (0.013% typ.), resulting in
extended battery life in applications requiring extremely low
current drain (1.8 µA typ.) and not requiring a high
switching speed.
The SL353 Series has a typical operating point of ±60 Gauss
at 25 °C [77 °F].
These sensors are available in the subminiature SOT-23
surface mount package on tape and reel (3000 units per reel),
for use in automated pick-and-place component installation.
VALUE PROPOSITIONS
SL353LT
For device manufacturers who need ultra low power sensing
for battery-operated, mobile applications,
Honeywell’s
SL353LT Omnipolar Hall-Effect Sensor IC provides an ultra
low power (1.8
μA, 2.8 Vdc) sensor IC and helps minimize
PCB (Printed Circuit Board) space, part count and cost for
the entire application.
Unlike other low power Hall-effect sensors, the SL353LT offers
ultra low power sensing with significantly lower noise
emissions and the ability to minimize PCB space and cost
for the entire application as demonstrated by a non-chopper
stabilized design, subminiature SOT-23 packaging,
omnipolar sensing, the shortest active mode time and
lowest average current in its class.
SL353HT
For device manufacturers who need to optimize the PC
board in energy efficient, “green” products with higher
switching frequency requirements
, Honeywell’s SL353HT
Omnipolar Hall-Effect Sensor IC provides a low power sensor
IC that can be used in higher switching frequency
applications.
Unlike standard Hall-Effect sensors, the SL353HT offers the
ability to optimize the PCB in high switching frequency
applications as demonstrated by its low power (0.33 mA,
2.8 Vdc) use, high duty cycle (13% typ.) and subminiature
SOT-23 package size.


Similar Part No. - SL353

ManufacturerPart #DatasheetDescription
logo
Galaxy Semi-Conductor H...
SL35 BILIN-SL35 Datasheet
539Kb / 4P
   Schottky Barrier Rectifiers
logo
DAESAN ELECTRONIC CORP.
SL35 DAESAN-SL35 Datasheet
495Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Mitel Networks Corporat...
SL3522 MITEL-SL3522 Datasheet
830Kb / 19P
   500MHz 75dB Logarithmic/Limiting Amplifier
logo
Zarlink Semiconductor I...
SL3522 ZARLINK-SL3522 Datasheet
934Kb / 21P
   500MHz 75dB Logarithmic/Limiting Amplifier
logo
Mitel Networks Corporat...
SL3522AMC MITEL-SL3522AMC Datasheet
830Kb / 19P
   500MHz 75dB Logarithmic/Limiting Amplifier
More results

Similar Description - SL353

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AH1822 DIODES-AH1822 Datasheet
230Kb / 9P
   MICROPOWER OMNIPOLAR HALL-EFFECT SENSOR
AH1822 Rev. 5
AH180 DIODES-AH180_10 Datasheet
248Kb / 13P
   MICROPOWER OMNIPOLAR HALL-EFFECT SENSOR
AH1804 DIODES-AH1804 Datasheet
196Kb / 9P
   MICROPOWER OMNIPOLAR HALL EFFECT SENSOR SWITCH
AH180 DIODES-AH180 Datasheet
148Kb / 9P
   MICROPOWER OMNIPOLAR HALL-EFFECT SENSOR SWITCH
DS31023 Rev. 17 - 2
AH1892 DIODES-AH1892 Datasheet
299Kb / 11P
   PROGRAMMABLE MICROPOWER OMNIPOLAR HALL-EFFECT SENSOR SWITCH
logo
NANJING AH ELECTRONICS ...
AH3663 AHNJ-AH3663 Datasheet
643Kb / 8P
   Micropower Omnipolar Hall Sensor
logo
Texas Instruments
DRV5033 TI1-DRV5033_16 Datasheet
1Mb / 28P
[Old version datasheet]   Digital-Omnipolar-Switch Hall Effect Sensor
logo
NANJING AH ELECTRONICS ...
AH3661 AHNJ-AH3661 Datasheet
680Kb / 8P
   Micropower Omnipolar Hall Sensor
logo
Diodes Incorporated
AH180N DIODES-AH180N_12 Datasheet
159Kb / 8P
   MICROPOWER OMNIPOLAR HALL-EFFECT SWITCH
AH180N-WSG-7 DIODES-AH180N-WSG-7 Datasheet
159Kb / 8P
   MICROPOWER OMNIPOLAR HALL-EFFECT SWITCH
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com