Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC3265-Y Datasheet(PDF) 1 Page - Micro Commercial Components

Part # 2SC3265-Y
Description  NPN General Purpose Amplifier
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

2SC3265-Y Datasheet(HTML) 1 Page - Micro Commercial Components

  2SC3265-Y Datasheet HTML 1Page - Micro Commercial Components 2SC3265-Y Datasheet HTML 2Page - Micro Commercial Components 2SC3265-Y Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
2SC3265-O
NPN General
Purpose Amplifier
SOT-23
Suggested Solder
Pad Layout
Features
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.110
.120
2.80
3.04
B
.083
.098
2.10
2.64
C
.047
.055
1.20
1.40
D
.035
.041
.89
1.03
E
.070
.081
1.78
2.05
F
.018
.024
.45
.60
G
.0005
.0039
.013
.100
H
.035
.044
.89
1.12
J
.003
.007
.085
.180
K
.015
.020
.37
.51
hFE
DC Current Gain
(IC=100mAdc, VCE=1.0Vdc)
100
320
VCE(sat)
Collector-Emitter Saturation Voltage
(IC=500mAdc, IB=20mAdc)
0.5
Vdc
VBE
Base-Emitter Voltage
(IC=10mAdc, VCE=1Vdc)
0.5
0.8
Vdc
CLASSIFICATION OF hFE(1)
Rank
.079
2.000
inches
mm
.031
.800
.035
.900
.037
.950
.037
.950
A
B
C
D
E
F
G
H
J
 omponents
20736 Marilla
Street Chatsworth

 !"#
$%    !"#
MCC
Revision: A
2011/01/01
www.mccsemi.com
1 of 3
Maximum Ratings
Symbol
Rating
Rating
Unit
VCEO
Collector-Emitter Voltage
30
V
VCBO
Collector-Base Voltage
35
V
VEBO
Emitter-Base Voltage
5.0
V
IC
Collector Current, Continuous
0.8
A
TJ
Operating Junction Temperature
-55 to +150
OC
TSTG
Storage Temperature
-55 to +150
OC
PD
Power Dissipation
0.2
W
Electrical Characteristics @ 25
OC Unless Otherwise Specified
Symbol
Parameter
Min
Type
Max
Units
V(BR)CEO
Collector-Emitter Breakdown Voltage*
(IC=10mAdc, IB=0)
30
Vdc
V(BR)CBO
Collector-Base Breakdown Voltage
(IC=0.1mAdc, IE=0)
35
Vdc
V(BR)EBO
Emitter-Base Breakdown Voltage
(IE=0.1mAdc, IC=0)
5.0
Vdc
IcBO
Collector cut-off Current
(VCB=30Vdc, IE=0
0.1
uAdc
IEBO
Emitter cut-off Current
(VEB=5Vdc, IC=0
0.1
uAdc
fT
Transition Frequency
(IC=10mAdc, VCE=5Vdc,f=100MHz)
120
MHz
Cob
Collector output capacitance
(IE=0, VCB=10Vdc,f=1MHz)
13
pF
Range
MARKING
O
100-200
EO
Y
160-320
EY
E
B
C
K
Lead Free Finish/RoHS Compliant ("P" Suffix designates
RoHS Compliant. See ordering information)
Power switching application
Complementary to 2SA1298
Low frequency power amplifier application
Epoxy meets UL 94 V-0 flammability rating
Moisure Sensitivity Level 1
2SC3265-Y
TM
Micro Commercial Components


Similar Part No. - 2SC3265-Y

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
2SC3265-Y KEXIN-2SC3265-Y Datasheet
1,012Kb / 2P
   NPN Transistors
logo
Micro Commercial Compon...
2SC3265-Y MCC-2SC3265-Y Datasheet
395Kb / 3P
   NPN General Purpose Amplifier
logo
DONGGUAN YOU FENG WEI E...
2SC3265-Y YFWDIODE-2SC3265-Y Datasheet
582Kb / 3P
   NPN Transistors
More results

Similar Description - 2SC3265-Y

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
BCW33 FAIRCHILD-BCW33 Datasheet
85Kb / 5P
   NPN General Purpose Amplifier
BSR14 FAIRCHILD-BSR14 Datasheet
49Kb / 3P
   NPN General Purpose Amplifier
PN2484 FAIRCHILD-PN2484 Datasheet
39Kb / 2P
   NPN General Purpose Amplifier
PN3643 FAIRCHILD-PN3643 Datasheet
23Kb / 2P
   NPN General Purpose Amplifier
MPSW01 FAIRCHILD-MPSW01 Datasheet
140Kb / 5P
   NPN General Purpose Amplifier
logo
Unisonic Technologies
BC817 UTC-BC817 Datasheet
79Kb / 4P
   NPN GENERAL PURPOSE AMPLIFIER
logo
Fairchild Semiconductor
MPSA18 FAIRCHILD-MPSA18_01 Datasheet
296Kb / 7P
   NPN General Purpose Amplifier
2N3904 FAIRCHILD-2N3904 Datasheet
64Kb / 7P
   NPN General Purpose Amplifier
2N4124 FAIRCHILD-2N4124 Datasheet
93Kb / 2P
   NPN General Purpose Amplifier
2N4410 FAIRCHILD-2N4410 Datasheet
24Kb / 2P
   NPN General Purpose Amplifier
2N4953 FAIRCHILD-2N4953 Datasheet
24Kb / 2P
   NPN General Purpose Amplifier
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com