Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC4116-GR Datasheet(PDF) 1 Page - Micro Commercial Components

Part # 2SC4116-GR
Description  NPN Plastic-Encapsulate Transistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

2SC4116-GR Datasheet(HTML) 1 Page - Micro Commercial Components

  2SC4116-GR Datasheet HTML 1Page - Micro Commercial Components 2SC4116-GR Datasheet HTML 2Page - Micro Commercial Components 2SC4116-GR Datasheet HTML 3Page - Micro Commercial Components 2SC4116-GR Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2SC4116-O
Features
Maximum Ratings
Symbol
Rating
Rating
Unit
VCEO
Collector-Emitter Voltage
60
V
VCBO
Collector-Base Voltage
50
V
VEBO
Emitter-Base Voltage
5
V
IC
Collector Current
150
mA
PC
Collector power dissipation
100
mW
TJ
Junction Temperature
150
TSTG
Storage Temperature
-55 to +150
Electrical Characteristics @ 25
Unless Otherwise Specified
Symbol
Parameter
Min
Typ
Max
Units
OFF CHARACTERISTICS
ICBO
Collector Cutoff Current
(VCB= 60Vdc)
---
---
100
nAdc
IEBO
Emitter Cutoff Current
(VEB= 5.0Vdc)
---
---
100
nAdc
ON CHARACTERISTICS
BVCBO
Collector-base breakdown voltage
(IC=100µAdc)
60
---
---
Vdc
BVCEO
Collector-emitter
breakdown
voltage (IC=1mAdc)
50
---
---
Vdc
BVEBO
Emitter-base breakdown voltage
(IE=100µAdc)
5
---
---
Vdc
hFE
DC Current Gain
(IC=-1mAdc, VCE=-6.0Vdc)
70
---
700
---
VCE(sat)
Collector Saturation Voltage
(IC=-50mAdc, IB=-5.0mAdc)
---
---
0.25
Vdc
Cob
Output Capacitance
(VCB=10.0Vdc, IE=0, f=1.0MHz)
---
---
3.5
pF
fT
Gain Bandwidth product
(VCE=10Vdc, IE=1mAdc)
---
80
---
MHz
hFE CLASSIFICATION
 omponents
20736 Marilla Street Chatsworth

 !"#
$%    !"#
MCC
Revision: A
2011/01/01
SOT-323
Suggested Solder
Pad Layout
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.071
.087
1.80
2.20
B
.045
.053
1.15
1.35
C
.079
.087
2.00
2.20
D
.026 Nominal
0.65Nominal
E
.047
.055
1.20
1.40
F
.012
.016
.30
.40
G
.000
.004
.000
.100
H
.035
.039
.90
1.00
J
.004
.010
.100
.250
K
.012
.016
.30
.40
A
C
B
D
E
F
G
H
J
1.90
0.70
0.90
0.65
0.65
DIMENSIONS
K
TM
Micro Commercial Components
E
B
C
Rank
www.mccsemi.com
1 of 4
2SC4116-
Y
2SC4116-
GR
2SC4116-
BL
Range
Marking
O
70-140
LO
Y
GR
BL
LG
LL
120-240
200-400
350-700
LY
NPN
Plastic-Encapsulate
Transistors
Lead Free Finish/RoHS Compliant ("P" Suffix designates
RoHS Compliant. See ordering information)
Epoxy meets UL 94 V-0 flammability rating
Moisure Sensitivity Level 1
High voltage and high current
Complementary to 2SA1586
mm


Similar Part No. - 2SC4116-GR

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
2SC4116-GR MCC-2SC4116-GR Datasheet
274Kb / 4P
   NPN Plastic-Encapsulate Transistors
logo
Toshiba Semiconductor
2SC4116-GRTE85LF TOSHIBA-2SC4116-GRTE85LF Datasheet
321Kb / 5P
   Audio Frequency General Purpose Amplifier Applications
More results

Similar Description - 2SC4116-GR

ManufacturerPart #DatasheetDescription
logo
Bruckewell Technology L...
A42 BWTECH-A42 Datasheet
540Kb / 4P
   NPN Plastic-Encapsulate Transistors
S9014 BWTECH-S9014 Datasheet
327Kb / 4P
   NPN Plastic-Encapsulate Transistors
logo
Micro Commercial Compon...
2SC2712-O MCC-2SC2712-O_13 Datasheet
277Kb / 3P
   NPN Plastic-Encapsulate Transistors
2SC2859-O MCC-2SC2859-O Datasheet
364Kb / 2P
   NPN Plastic-Encapsulate Transistors
logo
SHIKUES Electronics
2SC4177 SKTECHNOLGY-2SC4177 Datasheet
681Kb / 3P
   NPN Plastic-Encapsulate Transistors
logo
Micro Commercial Compon...
MMDT2222A MCC-MMDT2222A_13 Datasheet
282Kb / 5P
   NPN Plastic-Encapsulate Transistors
MMDT4401 MCC-MMDT4401_13 Datasheet
387Kb / 3P
   NPN Plastic-Encapsulate Transistors
PZTA42 MCC-PZTA42 Datasheet
643Kb / 3P
   NPN Plastic-Encapsulate Transistors
2SC4672-P MCC-2SC4672-P_13 Datasheet
654Kb / 3P
   NPN Plastic-Encapsulate Transistors
2SC1740S-Q MCC-2SC1740S-Q_13 Datasheet
381Kb / 2P
   NPN Plastic-Encapsulate Transistors
CXT5551 MCC-CXT5551_14 Datasheet
369Kb / 2P
   NPN Plastic-Encapsulate Transistors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com