Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LB-402VN Datasheet(PDF) 1 Page - Rohm

Part # LB-402VN
Description  High efficiency, two-digit numeric displays
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

LB-402VN Datasheet(HTML) 1 Page - Rohm

  LB-402VN Datasheet HTML 1Page - Rohm LB-402VN Datasheet HTML 2Page - Rohm LB-402VN Datasheet HTML 3Page - Rohm LB-402VN Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1/3
www.rohm.com
c
2011 ROHM Co., Ltd. All rights reserved.
2011.04 - Rev.B
High efficiency, two-digit numeric displays
LB-402DN Series
The LB-402 DN series were designed to meet the need for multi-digit numeric displays. These LED numeric displays use
GaAsP on GaP for the emitting material (with the exception of green) and are housed in an epoxy resin package. They are
two-digit displays with a character height of 10.16 mm.
Features
Dimensions (Unit : mm)
1) Height of character : 10.16 mm
2) Common anode and common cathode
configurations are available for each color.
3) The package surface is painted black and
the segments are colored the display color.
4) High efficiency reflectors are used to
achieve a bright, clear display.
Selection guide
Red
Green
LB-402VD
LB-402VN
LB-402MD
LB-402MN
Anode
Cathode
Common
Emitting color
Pin assignments
D.P1
D.P2
a1
g1
Digit 1
f1
b1
e1
c1
a2
g2
Digit 2
f2
b2
e2
c2
d1
d2
Pin No.
18 17 16
15
14
13 12 11
10
1
2
3
4
5
6
7
8
9
+
+ + ++ ++
+
++
++ + + +
+ +
+
Segment "e1"
Segment "d1"
Segment "c1"
D.P1
Segment "e2"
Segment "d2"
Segment "g2"
Segment "c2"
D.P2
1
2
3
4
5
6
7
8
9
Function
Pin No.
Segment "b2"
Segment "a2"
Segment "f2"
Digit 2 Common
Digit 1 Common
Segment "b1"
Segment "a1"
Segment "g1"
Segment "f1"
10
11
12
13
14
15
16
17
18
Function
Pin No.
(20.32)
(2.54)
0.5
φ
2- 1.0
1.0
5.57
24.0
10
°
12.0
Tolerances are
±0.2 unless otherwise noted:


Similar Part No. - LB-402VN

ManufacturerPart #DatasheetDescription
logo
Rohm
LB-402VN ROHM-LB-402VN Datasheet
51Kb / 3P
   High efficiency, two-digit numeric displays
LB-402VN ROHM-LB-402VN Datasheet
353Kb / 5P
   High efficiency, two-digit numeric displays
More results

Similar Description - LB-402VN

ManufacturerPart #DatasheetDescription
logo
Rohm
LB-302FP ROHM-LB-302FP Datasheet
58Kb / 2P
   High efficiency, two-digit numeric displays
LB-502DN ROHM-LB-502DN_17 Datasheet
350Kb / 5P
   High efficiency, two-digit numeric displays
LB-502DN ROHM-LB-502DN Datasheet
61Kb / 2P
   High efficiency, two-digit numeric displays
LB-602VK2 ROHM-LB-602VK2 Datasheet
62Kb / 2P
   High efficiency, two-digit numeric displays
LB-302FP ROHM-LB-302FP_11 Datasheet
944Kb / 4P
   High efficiency, two-digit numeric displays
LB-402DN ROHM-LB-402DN_1 Datasheet
51Kb / 3P
   High efficiency, two-digit numeric displays
LB-302FP ROHM-LB-302FP_1 Datasheet
70Kb / 3P
   High efficiency, two-digit numeric displays
LB-202BL ROHM-LB-202BL Datasheet
60Kb / 2P
   High efficiency, two-digit numeric displays
LB-402FP ROHM-LB-402FP Datasheet
58Kb / 2P
   High efficiency, two-digit numeric displays
LB-602AK2 ROHM-LB-602AK2 Datasheet
60Kb / 2P
   High efficiency, two-digit numeric displays
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com