Electronic Components Datasheet Search |
|
LM324PWR Datasheet(PDF) 4 Page - Rohm |
|
LM324PWR Datasheet(HTML) 4 Page - Rohm |
4 / 18 page Technical Note 4/17 LM358DR/PWR/DGKR,LM2904DR/PWR/DGKR/VQDR/VQPWR LM324DR/PWR/KDR,LM2902DR/PER/KDR/KPWR/KVQDR/KVQPWR www.rohm.com 2011.06 - Rev.B © 2011 ROHM Co., Ltd. All rights reserved. ● Reference Data LM358 family (*)The data above is ability value of sample, it is not guaranteed. 0 200 400 600 800 0 25 50 75 100 AMBIENT TEMPERATURE : Ta [℃] 25℃ 25℃ Supply Current – Supply Voltage 0℃ Supply Current – Ambient Temperature 3V 32V 5V Derating Curve Maximum Output Voltage – Supply Voltage (RL=10[kΩ]) 0℃ Maximum Output Voltage – Ambient Temperature (VCC=5[V],RL=2[kΩ]) Output Source Current – Output Voltage (VCC=5[V]) 0℃ 25℃ 70℃ Output Source Current – Ambient Temperature (VOUT=0[V]) 15V 3V 5V Output Sink Current – Output Voltage (VCC=5[V]) 0℃ 25℃ 70℃ Output Sink Current – Ambient Temperature (VOUT=VCC) 3V 5V 15V Low Level Sink Current - Supply Voltage (VOUT=0.2[V]) 0℃ 25℃ Low Level Sink Current - Ambient Temperature (VOUT=0.2[V]) 32V 5V 3V Input Offset Voltage - Supply Voltage (Vicm=0[V], VOUT=1.4[V]) 0℃ 25℃ LM358 family 70℃ 70℃ 70℃ 70℃ LM358 family LM358 family LM358 family LM358 family LM358 family LM358 family LM358 family LM358 family LM358 family Fig. 1 Fig. 2 Fig. 3 Fig. 4 Fig. 5 Fig. 6 Fig. 7 Fig. 8 Fig. 9 Fig. 10 Fig. 11 Fig. 12 LM358 family LM358 family LM358PWR LM358DGKR LM358DR 70 [℃] |
Similar Part No. - LM324PWR |
|
Similar Description - LM324PWR |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |